Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.0SMCJ13C Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # 3.0SMCJ13C
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

3.0SMCJ13C Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  3.0SMCJ13C Datasheet HTML 1Page - EIC discrete Semiconductors 3.0SMCJ13C Datasheet HTML 2Page - EIC discrete Semiconductors 3.0SMCJ13C Datasheet HTML 3Page - EIC discrete Semiconductors 3.0SMCJ13C Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Working Peak
Maximum
Maximum
Maximum
Breakdown Voltage @ T
(1)
Reverse
Reverse
Clamping
Peak Pulse
Marking
Voltage
Leakage
Voltage @ IPPM
Surge Current
Code
@ VWM
VBR (V)
IT
VRWM
IR
VC
IPPM
Min.
Max.
(mA)
(V)
(µA)
(V)
(A)
Type
3.0SMCJ60C
3071
66.7
84.5
1.0
60
5
107
28.0
3.0SMCJ60CA
3571
66.7
76.7
1.0
60
5
96
31.0
3.0SMCJ64C
3075
71.1
90.1
1.0
64
5
114
26.4
3.0SMCJ64CA
3575
71.1
81.8
1.0
64
5
103
29.2
3.0SMCJ70C
3082
77.8
98.6
1.0
70
5
125
24.0
3.0SMCJ70CA
3582
77.8
89.5
1.0
70
5
113
26.6
3.0SMCJ75C
3088
83.3
105.7
1.0
75
5
134
22.4
3.0SMCJ75CA
3588
83.3
95.8
1.0
75
5
121
24.8
3.0SMCJ78C
3091
86.7
109.8
1.0
78
5
139
21.6
3.0SMCJ78CA
3591
86.7
99.7
1.0
78
5
126
22.8
3.0SMCJ85C
3099
94.4
119.2
1.0
85
5
151
19.8
3.0SMCJ85CA
3599
94.4
108.2
1.0
85
5
137
20.8
3.0SMCJ90C
30B1
100
126.5
1.0
90
5
160
18.8
3.0SMCJ90CA
35B1
100
115.5
1.0
90
5
146
20.6
3.0SMCJ100C
30B2
111
141.0
1.0
100
5
179
16.6
3.0SMCJ100CA
35B2
111
128.0
1.0
100
5
162
18.6
3.0SMCJ110C
30B3
122
154.5
1.0
110
5
196
15.4
3.0SMCJ110CA
35B3
122
140.5
1.0
110
5
177
16.8
3.0SMCJ120C
30B4
133
169.0
1.0
120
5
214
14.0
3.0SMCJ120CA
35B4
133
153.0
1.0
120
5
193
15.6
3.0SMCJ130C
30B5
144
182.5
1.0
130
5
231
13.0
3.0SMCJ130CA
35B5
144
165.5
1.0
130
5
209
14.4
3.0SMCJ150C
30B8
167
211.5
1.0
150
5
268
11.2
3.0SMCJ150CA
35B8
167
192.5
1.0
150
5
243
12.4
3.0SMCJ160C
30B9
178
226.0
1.0
160
5
287
10.4
3.0SMCJ160CA
35B9
178
205.0
1.0
160
5
259
11.6
3.0SMCJ170C
30D0
189
239.5
1.0
170
5
304
9.8
3.0SMCJ170CA
35D0
189
217.5
1.0
170
5
275
11.0
3.0SMCJ180C
30D1
198
253.8
1.0
180
5
322
9.3
3.0SMCJ180CA
35D1
198
230.4
1.0
180
5
292
10.3
3.0SMCJ190C
30D2
209
267.9
1.0
190
5
340
8.8
3.0SMCJ190CA
35D2
209
243.2
1.0
190
5
308
9.7
3.0SMCJ200C
30D3
220
282.0
1.0
200
5
358
8.4
3.0SMCJ200CA
35D3
220
256.0
1.0
200
5
324
9.3
3.0SMCJ210C
30D4
231
296.1
1.0
210
5
376
7.8
3.0SMCJ210CA
35D4
231
268.8
1.0
210
5
340
8.8
3.0SMCJ220C
30D5
242
310.2
1.0
220
5
394
7.6
3.0SMCJ220CA
35D5
242
281.6
1.0
220
5
356
8.4
Note:
(1) Pulse test : tp
50ms.
Page 3 of 4
Rev. 04 : June 10, 2006
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - 3.0SMCJ13C

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ13C WTE-3.0SMCJ13C Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
3.0SMCJ13C WTE-3.0SMCJ13C Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
3.0SMCJ13C TAYCHIPST-3.0SMCJ13C Datasheet
2Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
3.0SMCJ13C LUGUANG-3.0SMCJ13C Datasheet
216Kb / 4P
   3000W peak pulse power capability with 10/1000關s waveform
logo
Formosa MS
3.0SMCJ13CA FORMOSA-3.0SMCJ13CA Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
More results

Similar Description - 3.0SMCJ13C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com