Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

31DQ03 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # 31DQ03
Description  SCHOTTKY BARRIER RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

31DQ03 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  31DQ03 Datasheet HTML 1Page - EIC discrete Semiconductors 31DQ03 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( 31DQ03- 31DQ04 )
FIG.1- FORWARDCURRENTDERATINGCURVE
FIG.2-MAXIMUMNON-REPETITIVEPEAK
FORWARDSURGECURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 50Hz
FIG.3-TYPICALFORWARDCHARACTERISTICS
FIG.4-TYPICALREVERSECHARACTERISTICS
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Page 2 of 2
Rev. 02 : March 25, 2005
4
3
2
1
5
80
0
120
0
60
40
20
10
1.0
80
0.01
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ= 100
°C
TJ = 25
°C
0.1
0.001
10
FORWARD VOLTAGE, VOLTS
20
Tj = 25
°C
1.0
0.01


Similar Part No. - 31DQ03

ManufacturerPart #DatasheetDescription
logo
International Rectifier
31DQ03 IRF-31DQ03 Datasheet
32Kb / 5P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
31DQ03 VISHAY-31DQ03 Datasheet
79Kb / 5P
   Schottky Rectifier, 3.3 A
Revision: 06-Nov-08
logo
SynSemi, Inc.
31DQ03 SYNSEMI-31DQ03 Datasheet
33Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
31DQ03 NJSEMI-31DQ03 Datasheet
142Kb / 1P
   Schottky Rectifiers
logo
Vishay Siliconix
31DQ03 VISHAY-31DQ03 Datasheet
119Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 20-Sep-11
More results

Similar Description - 31DQ03

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
ERA83-004 EIC-ERA83-004 Datasheet
33Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB81-004 EIC-ERB81-004 Datasheet
43Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB83-004 EIC-ERB83-004 Datasheet
44Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
SB315SVF EIC-SB315SVF Datasheet
32Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
NXP Semiconductors
BYV143F PHILIPS-BYV143F Datasheet
33Kb / 5P
   Rectifier diodes schottky barrier
August 1996 Rev 1.100
PBYL1025B PHILIPS-PBYL1025B Datasheet
45Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYL1625B PHILIPS-PBYL1625B Datasheet
47Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYR1045F PHILIPS-PBYR1045F Datasheet
41Kb / 6P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
PBYR1645B PHILIPS-PBYR1645B Datasheet
37Kb / 5P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com