Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST11LP12 Datasheet(PDF) 6 Page - Silicon Storage Technology, Inc

Part # SST11LP12
Description  4.9-5.8 GHz High-Linearity Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST11LP12 Datasheet(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST11LP12_10 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST11LP12_10 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST11LP12_10 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST11LP12_10 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST11LP12_10 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST11LP12_10 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST11LP12_10 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST11LP12_10 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST11LP12_10 Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Data Sheet
4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP12
©2010 Silicon Storage Technology, Inc.
S71278-04-000
12/10
TYPICAL PERFORMANCE CHARACTERISTICS
Test Conditions: VCC = 3.3V, TA = 25°C, VREG1,2 = 2.85V unless otherwise noted
FIGURE 3: S-Parameters
1278 S-Parms.0.1
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0
Frequency (GHz)
S11 versus Frequency
-80
-70
-60
-50
-40
-30
-20
-10
0
0.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0
Frequency (GHz)
S12 versus Frequency
-40
-30
-20
-10
0
10
20
30
40
0.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0
Frequency (GHz)
S21 versus Frequency
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0
Frequency (GHz)
S22 versus Frequency


Similar Part No. - SST11LP12_10

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST11LP12-QCF SST-SST11LP12-QCF Datasheet
563Kb / 17P
   4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP12-QCF-K SST-SST11LP12-QCF-K Datasheet
563Kb / 17P
   4.9-5.8 GHz High-Linearity Power Amplifier
More results

Similar Description - SST11LP12_10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AR1100-IMQ ETC2-AR1100-IMQ Datasheet
532Kb / 12P
   4.9-5.8 GHz High-Linearity Power Amplifier
logo
Silicon Storage Technol...
SST11LP11 SST-SST11LP11 Datasheet
482Kb / 14P
   4.9-5.8 GHz High-Linearity Power Amplifier
SST11CP15 SST-SST11CP15 Datasheet
647Kb / 11P
   4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP12 SST-SST11LP12 Datasheet
563Kb / 17P
   4.9-5.8 GHz High-Linearity Power Amplifier
logo
Microchip Technology
SST11CP15 MICROCHIP-SST11CP15 Datasheet
181Kb / 18P
   4.9-5.9 GHz High-Linearity Power Amplifier
08/13
SST11CP15E MICROCHIP-SST11CP15E Datasheet
174Kb / 17P
   4.9-5.9 GHz High-Linearity Power Amplifier
2013 05/13
logo
Silicon Storage Technol...
SST13LP01 SST-SST13LP01 Datasheet
376Kb / 27P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP02 SST-SST13LP02 Datasheet
632Kb / 25P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP05 SST-SST13LP05 Datasheet
945Kb / 24P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
logo
Microchip Technology
SST13LP05 MICROCHIP-SST13LP05 Datasheet
424Kb / 24P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com