Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.0SMCJ26 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # 3.0SMCJ26
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

3.0SMCJ26 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  3.0SMCJ26 Datasheet HTML 1Page - EIC discrete Semiconductors 3.0SMCJ26 Datasheet HTML 2Page - EIC discrete Semiconductors 3.0SMCJ26 Datasheet HTML 3Page - EIC discrete Semiconductors 3.0SMCJ26 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25 °C ambient temperature unless otherwise specified
Working Peak
Maximum
Maximum
Maximum
Breakdown Voltage @ T
(1)
Reverse
Reverse
Clamping
Peak Pulse
Marking
Voltage
Leakage
Voltage @ IPPM
Surge Current
Code
@ VWM
VBR (V)
IT
VRWM
IR
VC
IPPM
Min.
Max.
(mA)
(V)
(µA)
(V)
(A)
3.0SMCJ11
3013
12.2
15.4
1.0
11
1000
20.1
149.2
3.0SMCJ11A
3513
12.2
14.0
1.0
11
1000
18.2
184.8
3.0SMCJ12
3014
13.3
16.9
1.0
12
1000
22.0
136.4
3.0SMCJ12A
3514
13.3
15.3
1.0
12
1000
19.9
150.6
3.0SMCJ13
3015
14.4
18.2
1.0
13
500
23.8
126.0
3.0SMCJ13A
3515
14.4
16.5
1.0
13
500
21.5
139.4
3.0SMCJ14
3016
15.6
19.8
1.0
14
200
25.8
116.2
3.0SMCJ14A
3516
15.6
17.9
1.0
14
200
23.2
129.4
3.0SMCJ15
3018
16.7
21.1
1.0
15
100
26.9
111.6
3.0SMCJ15A
3518
16.7
19.2
1.0
15
100
24.4
123.0
3.0SMCJ16
3019
17.8
22.6
1.0
16
50
28.8
104.2
3.0SMCJ16A
3519
17.8
20.5
1.0
16
50
26.0
115.4
3.0SMCJ17
3020
18.9
23.9
1.0
17
20
30.5
98.4
3.0SMCJ17A
3520
18.9
21.7
1.0
17
20
27.6
106.6
3.0SMCJ18
3021
20.0
25.3
1.0
18
10
32.2
93.2
3.0SMCJ18A
3521
20.0
23.3
1.0
18
10
29.2
102.8
3.0SMCJ20
3023
22.2
28.1
1.0
20
10
35.8
83.8
3.0SMCJ20A
3523
22.2
25.5
1.0
20
10
32.4
92.6
3.0SMCJ22
3026
24.4
30.9
1.0
22
5
39.4
76.2
3.0SMCJ22A
3526
24.4
28.0
1.0
22
5
35.5
84.4
3.0SMCJ24
3028
26.7
33.8
1.0
24
5
43.0
69.8
3.0SMCJ24A
3528
26.7
30.7
1.0
24
5
38.9
77.2
3.0SMCJ26
3030
28.9
36.6
1.0
26
5
46.6
64.4
3.0SMCJ26A
3530
28.9
33.2
1.0
26
5
42.1
71.2
3.0SMCJ28
3033
31.1
39.4
1.0
28
5
50.0
60.0
3.0SMCJ28A
3533
31.1
35.8
1.0
28
5
45.4
66.0
3.0SMCJ30
3035
33.3
42.2
1.0
30
5
53.5
56.0
3.0SMCJ30A
3535
33.3
38.3
1.0
30
5
48.4
62.0
3.0SMCJ33
3039
36.7
46.5
1.0
33
5
59.0
50.4
3.0SMCJ33A
3539
36.7
42.2
1.0
33
5
53.3
56.2
3.0SMCJ36
3042
40.0
50.7
1.0
36
5
64.3
46.6
3.0SMCJ36A
3542
40.0
46.0
1.0
36
5
58.1
51.6
3.0SMCJ40
3047
44.4
56.3
1.0
40
5
71.4
42.0
3.0SMCJ40A
3547
44.4
51.1
1.0
40
5
64.5
46.4
3.0SMCJ43
3050
47.8
60.5
1.0
43
5
76.7
39.2
3.0SMCJ43A
3550
47.8
54.9
1.0
43
5
69.4
43.2
3.0SMCJ45
3053
50.0
63.3
1.0
45
5
80.3
37.4
3.0SMCJ45A
3553
50.0
57.5
1.0
45
5
72.7
41.2
3.0SMCJ48
3056
53.3
67.5
1.0
48
5
85.5
35.0
3.0SMCJ48A
3556
53.3
61.3
1.0
48
5
77.4
38.8
3.0SMCJ51
3060
56.7
71.8
1.0
51
5
91.1
37.0
3.0SMCJ51A
3560
56.7
65.2
1.0
51
5
82.4
36.4
3.0SMCJ54
3063
60.0
76.0
1.0
54
5
96.3
31.2
3.0SMCJ54A
3563
60.0
69.0
1.0
54
5
87.1
34.4
3.0SMCJ58
3068
64.4
81.6
1.0
58
5
103
39.2
3.0SMCJ58A
3568
64.4
74.1
1.0
58
5
93.6
32.0
Page 2 of 4
Rev. 05 : June 10, 2006
Type
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - 3.0SMCJ26

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ26 WTE-3.0SMCJ26 Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
3.0SMCJ26 RECTRON-3.0SMCJ26 Datasheet
166Kb / 7P
   SURFACE MOUNT 3000W TRANSIENT
logo
Won-Top Electronics
3.0SMCJ26 WTE-3.0SMCJ26 Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
3.0SMCJ26 TSC-3.0SMCJ26 Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
3.0SMCJ26 TSC-3.0SMCJ26 Datasheet
279Kb / 4P
   3000 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - 3.0SMCJ26

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com