Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

46DN03 Datasheet(PDF) 4 Page - eupec GmbH

Part # 46DN03
Description  Netz-Gleichrichterdiode Rectifier Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

46DN03 Datasheet(HTML) 4 Page - eupec GmbH

  46DN03 Datasheet HTML 1Page - eupec GmbH 46DN03 Datasheet HTML 2Page - eupec GmbH 46DN03 Datasheet HTML 3Page - eupec GmbH 46DN03 Datasheet HTML 4Page - eupec GmbH 46DN03 Datasheet HTML 5Page - eupec GmbH 46DN03 Datasheet HTML 6Page - eupec GmbH 46DN03 Datasheet HTML 7Page - eupec GmbH 46DN03 Datasheet HTML 8Page - eupec GmbH 46DN03 Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Technische Information / Technical Information
Netz Gleichrichterdiode
Rectifier DiodeThyristor
46 DN 02 ... 06
N
Kühlung
Analytische Elemente des transienten Wärmewiderstandes ZthJC für DC
cooling
Analytical ementes of transient thermal impedance ZthJC for DC
Pos.n
1
2
3
4
5
6
7
beidseitig
Rthn [°C/W]
0,000017
0,000150
0,00105
0,000413
0,00093
0,003475
0,00275
two-sided
τ
n [s]
0,000014
0,000173
0,00110
0,004360
0,01950
0,092000
0,28200
anodenseitig
Rthn [°C/W]
anode-sided
τ
n [s]
kathodenseitig
Rthn [°C/W]
cathode-sided
τ
n [s]
n max
Analytische Funktion / analytical function : ZthJC = =
R
thn ( 1 - EXP ( - t /
τ
n ))
n=1
SZ-AM / 99-09-24, K.-A.Rüther
A118/99
Seite/page 4


Similar Part No. - 46DN03

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
46DN06 INFINEON-46DN06 Datasheet
183Kb / 7P
   Netz-Gleichrichterdiode Rectifier Diode
2011-02-17 revision:3.0
46DN06B02 INFINEON-46DN06B02 Datasheet
381Kb / 9P
   Netz-Gleichrichterdiode Rectifier Diode
2021-06-17 Revision: 3.2
More results

Similar Description - 46DN03

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
D850N INFINEON-D850N Datasheet
236Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2008-09-15 revision:3.0
46DN06 INFINEON-46DN06 Datasheet
183Kb / 7P
   Netz-Gleichrichterdiode Rectifier Diode
2011-02-17 revision:3.0
D650N INFINEON-D650N Datasheet
217Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2010-01-19 revision:3.1
65DN06B02 INFINEON-65DN06B02 Datasheet
447Kb / 9P
   Netz-Gleichrichterdiode Rectifier Diode
2020-08-26 Revision: 3.1
38DN06B02 INFINEON-38DN06B02 Datasheet
415Kb / 9P
   Netz-Gleichrichterdiode Rectifier Diode
2020-12-01 Revision: 3.1
D770N INFINEON-D770N Datasheet
217Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2010-01-20 revision:3.1
D950N INFINEON-D950N Datasheet
217Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2010-01-20 revision:3.1
D1050N INFINEON-D1050N Datasheet
235Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2009-06-16 revision:2
D8407N INFINEON-D8407N Datasheet
186Kb / 7P
   Netz-Gleichrichterdiode Rectifier Diode
2007-10-22 revision:2
logo
eupec GmbH
D3041N EUPEC-D3041N Datasheet
288Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com