Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56DN06 Datasheet(PDF) 4 Page - eupec GmbH

Part # 56DN06
Description  Netz Gleichrichterdiode Rectifier Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

56DN06 Datasheet(HTML) 4 Page - eupec GmbH

  56DN06 Datasheet HTML 1Page - eupec GmbH 56DN06 Datasheet HTML 2Page - eupec GmbH 56DN06 Datasheet HTML 3Page - eupec GmbH 56DN06 Datasheet HTML 4Page - eupec GmbH 56DN06 Datasheet HTML 5Page - eupec GmbH 56DN06 Datasheet HTML 6Page - eupec GmbH 56DN06 Datasheet HTML 7Page - eupec GmbH 56DN06 Datasheet HTML 8Page - eupec GmbH 56DN06 Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Technische Information / Technical Information
Netz Gleichrichterdiode
Rectifier DiodeThyristor
56 DN 02...06
N
Kühlung
Analytische Elemente des transienten Wärmewiderstandes ZthJC für DC
cooling
Analytical ementes of transient thermal impedance ZthJC for DC
Pos.n
1
2
3
4
5
6
7
beidseitig
Rthn [°C/W]
0,000019
0,00032
0,00105
0,004146
two-sided
τ
n [s]
0,00001
0,00145
0,014031
0,071
anodenseitig
Rthn [°C/W]
0,006829
0,00137
0,001608
0,000192
anode-sided
τ
n [s]
0,191251
0,274178
0,012721
0,00072
kathodenseitig
Rthn [°C/W]
0,00605
0,004228
0,00146
0,000362
cathode-sided
τ
n [s]
0,293298
0,142663
0,02118
0,001357
n max
Analytische Funktion / analytical function : ZthJC = =
R
thn ( 1 - EXP ( - t /
τ
n ))
n=1
SZ-M / 11.11.98 K.-A.Rüther
A119/98
Seite/page 4


Similar Part No. - 56DN06

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
56DN06 INFINEON-56DN06 Datasheet
182Kb / 7P
   Netz-Gleichrichterdiode Rectifier Diode
2011-02-17 revision:3.0
56DN06B01 INFINEON-56DN06B01 Datasheet
231Kb / 8P
   Elektrische Eigenschaften / Electrical properties
2013-08-07 Revision: 3.1
56DN06B02 INFINEON-56DN06B02 Datasheet
447Kb / 9P
   Netz-Gleichrichterdiode Rectifier Diode
2020-08-21 Revision: 3.1
More results

Similar Description - 56DN06

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
D850N INFINEON-D850N Datasheet
236Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2008-09-15 revision:3.0
46DN06 INFINEON-46DN06 Datasheet
183Kb / 7P
   Netz-Gleichrichterdiode Rectifier Diode
2011-02-17 revision:3.0
D650N INFINEON-D650N Datasheet
217Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2010-01-19 revision:3.1
65DN06B02 INFINEON-65DN06B02 Datasheet
447Kb / 9P
   Netz-Gleichrichterdiode Rectifier Diode
2020-08-26 Revision: 3.1
38DN06B02 INFINEON-38DN06B02 Datasheet
415Kb / 9P
   Netz-Gleichrichterdiode Rectifier Diode
2020-12-01 Revision: 3.1
D770N INFINEON-D770N Datasheet
217Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2010-01-20 revision:3.1
D950N INFINEON-D950N Datasheet
217Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2010-01-20 revision:3.1
D1050N INFINEON-D1050N Datasheet
235Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2009-06-16 revision:2
D8407N INFINEON-D8407N Datasheet
186Kb / 7P
   Netz-Gleichrichterdiode Rectifier Diode
2007-10-22 revision:2
logo
eupec GmbH
D3041N EUPEC-D3041N Datasheet
288Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
46DN02 EUPEC-46DN02 Datasheet
116Kb / 12P
   Netz-Gleichrichterdiode Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com