Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPI180N10N3G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPI180N10N3G
Description  OptiMOSTM3 Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPI180N10N3G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IPI180N10N3G Datasheet HTML 2Page - Infineon Technologies AG IPI180N10N3G Datasheet HTML 3Page - Infineon Technologies AG IPI180N10N3G Datasheet HTML 4Page - Infineon Technologies AG IPI180N10N3G Datasheet HTML 5Page - Infineon Technologies AG IPI180N10N3G Datasheet HTML 6Page - Infineon Technologies AG IPI180N10N3G Datasheet HTML 7Page - Infineon Technologies AG IPI180N10N3G Datasheet HTML 8Page - Infineon Technologies AG IPI180N10N3G Datasheet HTML 9Page - Infineon Technologies AG IPI180N10N3G Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IPP180N10N3 G
IPI180N10N3 G
13 Avalanche characteristics
14 Typ. gate charge
I AS=f(t AV); R GS=25 Ω
V GS=f(Q gate); I D=33 A pulsed
parameter: T j(start)
parameter: V DD
15 Drain-source breakdown voltage
16 Gate charge waveforms
V BR(DSS)=f(T j); I D=1 mA
20 V
50 V
80 V
0
2
4
6
8
10
04
8
12
16
20
Q gate [nC]
90
95
100
105
110
-60
-20
20
60
100
140
180
T j [°C]
V GS
Q gate
V gs(th)
Q g(th)
Q gs
Q gd
Q sw
Q g
25 °C
100 °C
150 °C
1
10
100
0.1
1
10
100
1000
t AV [µs]
Rev. 2.2
page 7
2010-08-11


Similar Part No. - IPI180N10N3G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPI180N10N3 ISC-IPI180N10N3 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPI180N10N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP110N20NA INFINEON-IPP110N20NA Datasheet
694Kb / 10P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2011-05-11
IPP200N25N3G INFINEON-IPP200N25N3G_11 Datasheet
764Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-07-14
IPP114N12N3G INFINEON-IPP114N12N3G_11 Datasheet
309Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-11-25
IPA126N10N3G INFINEON-IPA126N10N3G Datasheet
283Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-07-09
BSZ520N15NS3G INFINEON-BSZ520N15NS3G Datasheet
625Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev.2.2 2010-01-25
BSC109N10NS3G INFINEON-BSC109N10NS3G Datasheet
661Kb / 10P
   OptiMOSTM3 Power-Transistor
Rev.2.0 2010-03-25
BSZ12DN20NS3G INFINEON-BSZ12DN20NS3G Datasheet
680Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
IPB200N25N3G INFINEON-IPB200N25N3G Datasheet
427Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-10-23
IPB107N20N3G INFINEON-IPB107N20N3G_11 Datasheet
696Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.3 2011-07-14
BSC16DN25NS3G INFINEON-BSC16DN25NS3G Datasheet
545Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
BSC22DN20NS3G INFINEON-BSC22DN20NS3G Datasheet
536Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com