Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82562EP Datasheet(PDF) 7 Page - Intel Corporation

Part # 82562EP
Description   82562EP 10/100 Mbps Platform LAN Connect (PLC)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82562EP Datasheet(HTML) 7 Page - Intel Corporation

Back Button 82562EP Datasheet HTML 3Page - Intel Corporation 82562EP Datasheet HTML 4Page - Intel Corporation 82562EP Datasheet HTML 5Page - Intel Corporation 82562EP Datasheet HTML 6Page - Intel Corporation 82562EP Datasheet HTML 7Page - Intel Corporation 82562EP Datasheet HTML 8Page - Intel Corporation 82562EP Datasheet HTML 9Page - Intel Corporation 82562EP Datasheet HTML 10Page - Intel Corporation 82562EP Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Networking Silicon — 82562EP
Datasheet
3
2.0
82562EP Architectural Overview
The 82562EP is a highly integrated Platform LAN Connect device that combines 10BASE-T and
100BASE-TX physical layer interfaces. The 82562EP supports a single interface fully compliant
with the IEEE 802.3 standard. Figure 1 shows a block diagram of the 82562EP architecture.
Figure 1. 82562EP PLC Block Diagram
2.1
LAN Connect Interface
The 82562EP supports a LAN Connect Interface (LCI) as specified in the LCI Specification. The
LAN Connect is the I/O Control Hub 2 (ICH2) interface to the 82562EP. The LCI uses an 8-pin
interface, which reduces the pin count from 15, for an Media Independent Interface (MII) PHY. In
addition, its signaling protocol provides greater functionality, such as dynamic power reduction,
from a PLC in comparison to a standard MII PHY.
Figure 2 shows how the 82562EP can be used in a 10/100 Mbps ICHx design.
Figure 2. 82562EP PLC 10/100 Mbps Ethernet Solution
Equalizer &
BLW correction
CRS/Link 10
Detection
Digital Clock
Recovery (100)
Digital Clock
Recovery (10)
Digital
Equalizer
Adaptation
100Base-TX
PCS
Transmit DAC
10/100
Clock
Generator
RDN/RDP
TDN/TDP
LAN
Connect
Interface
Port LED
Drivers
LILED#
ACTLED#
SPDLED#
Auto-
Negotiation
Control
Registers
10Base-T
PCS
3
3
LAN_RSTSYNC
LAN_TXD[2:0]
LAN_RXD[2:0]
LAN_CLK
Bias & Band-
Gap Voltage
Circuit
X2
X1
Crystal
25 MHz
I/O Control Hub 4
(ICH4) LAN
Controller
82562EZ
(Platform LAN
Connect
Device)
Transmit Differential Pair
(TDP/TDN)
Receive Differential Pair
(RDP/RDN)
System Bus Interface
Magnetics
I/O Control Hub
LAN Controller
82562EP
PLC


Similar Part No. - 82562EP

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82562ET INTEL-82562ET Datasheet
216Kb / 21P
   82562ET 10/100 Mbps Platform LAN Connect (PLC)
82562EX INTEL-82562EX Datasheet
216Kb / 21P
   82562ET 10/100 Mbps Platform LAN Connect (PLC)
82562EX INTEL-82562EX Datasheet
860Kb / 66P
   Dual Footprint
82562EZ INTEL-82562EZ Datasheet
283Kb / 40P
   82562EZ 10/100 Mbps Platform LAN Connect (PLC)
82562EZ INTEL-82562EZ Datasheet
860Kb / 66P
   Dual Footprint
More results

Similar Description - 82562EP

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82562GT INTEL-82562GT Datasheet
506Kb / 46P
   10/100 Mbps Platform LAN Connect (PLC)
EP82562ET INTEL-EP82562ET Datasheet
458Kb / 40P
   10/100 Mbps Platform LAN Connect (PLC)
82562EZ INTEL-82562EZ Datasheet
283Kb / 40P
   82562EZ 10/100 Mbps Platform LAN Connect (PLC)
DA82562EM INTEL-DA82562EM Datasheet
458Kb / 40P
   82562ET 10/100 Mbps Platform LAN Connect (PLC)
82562ET INTEL-82562ET Datasheet
216Kb / 21P
   82562ET 10/100 Mbps Platform LAN Connect (PLC)
82562V INTEL-82562V Datasheet
462Kb / 42P
   10/100 Mbps Platform LAN Connect
82562G INTEL-82562G Datasheet
503Kb / 44P
   Mbps Platform LAN Connect
RU82566DM INTEL-RU82566DM Datasheet
367Kb / 30P
   82566 Gigabit Platform LAN Connect
82563EB INTEL-82563EB Datasheet
572Kb / 52P
   82563EB/82564EB Gigabit Platform LAN Connect
logo
List of Unclassifed Man...
ADM8513 ETC-ADM8513 Datasheet
567Kb / 44P
   USB TO 10/100 MBPS ETHERNET LAN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com