Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RU82566DC Datasheet(PDF) 1 Page - Intel Corporation

Part # RU82566DC
Description  82566 Gigabit Platform LAN Connect
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

RU82566DC Datasheet(HTML) 1 Page - Intel Corporation

  RU82566DC Datasheet HTML 1Page - Intel Corporation RU82566DC Datasheet HTML 2Page - Intel Corporation RU82566DC Datasheet HTML 3Page - Intel Corporation RU82566DC Datasheet HTML 4Page - Intel Corporation RU82566DC Datasheet HTML 5Page - Intel Corporation RU82566DC Datasheet HTML 6Page - Intel Corporation RU82566DC Datasheet HTML 7Page - Intel Corporation RU82566DC Datasheet HTML 8Page - Intel Corporation RU82566DC Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
82566 Gigabit Platform LAN Connect
Networking Silicon
Datasheet
Product Features
IEEE 802.3ab compliant
— Robust operation over the installed base
of Category-5 (Cat-5) twisted pair
cabling
Robust end to end connections over various
cable lengths
Full duplex at 10, 100, or 1000 Mbps and
half duplex at 10 or 100 Mbps.
IEEE 802.3ab Auto-negotiation with Next
Page support
— Automatic link configuration including
speed, duplex, and flow control
10/100 downshift
— Automatic link speed adjustment with
poor quality cable
Automatic MDI crossover
— Helps to correct for infrastructure issues
Advanced Cable Diagnostics
— Improved end-user troubleshooting
Footprint compatible with 82562V devices
for a single-board dual design (Gigabit and
10/100)
LCI interface for a very low power 10/100
link
Gigabit LAN Connect Interface
— Low pin count, high speed interface
with special low power idle modes
— Allows PHY placement proximity to I/O
back panel.
3 LED outputs
— Link and Activity indications (10, 100,
and 1000 Mbps)
Clock supplied to MAC
— Cost optimized design
Full chip power down
— Support for lowest power state
81-pin, 1.0 mm pitch, 10 mm x 10 mm
FCMMAP (BGA) Package
— Smaller footprint and lower power
dissipation compared to multi-chip
MAC and PHY solutions. Footprint
compatible with the Intel
® 82562V
Platform LAN Connect device
Integrated voltage regulator and power
supply control, which can be powered from
a single 3.3V DC rail
Operating temperatures: 0° C to 70° C and
0° C to 55° C (with internal regulator) –
heat sink or forced airflow not required
— Simple Thermal Design
Power Consumption less than 1.16 Watts
(silicon power)
317436-003
Revision 2.4


Similar Part No. - RU82566DC

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU8205BC6 RUICHIPS-RU8205BC6 Datasheet
339Kb / 8P
   N-Channel Advanced Power MOSFET
RU8205BG RUICHIPS-RU8205BG Datasheet
413Kb / 8P
   N-Channel Advanced Power MOSFET
RU8205C6 RUICHIPS-RU8205C6 Datasheet
258Kb / 9P
   N-Channel Advanced Power MOSFET
logo
VBsemi Electronics Co.,...
RU8205C6 VBSEMI-RU8205C6 Datasheet
504Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Ruichips Semiconductor ...
RU8205G RUICHIPS-RU8205G Datasheet
247Kb / 9P
   N-Channel Advanced Power MOSFET
More results

Similar Description - RU82566DC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82563EB INTEL-82563EB Datasheet
572Kb / 52P
   82563EB/82564EB Gigabit Platform LAN Connect
82562G INTEL-82562G Datasheet
503Kb / 44P
   Mbps Platform LAN Connect
82562V INTEL-82562V Datasheet
462Kb / 42P
   10/100 Mbps Platform LAN Connect
EP82562ET INTEL-EP82562ET Datasheet
458Kb / 40P
   10/100 Mbps Platform LAN Connect (PLC)
82562GT INTEL-82562GT Datasheet
506Kb / 46P
   10/100 Mbps Platform LAN Connect (PLC)
82562EZ INTEL-82562EZ Datasheet
283Kb / 40P
   82562EZ 10/100 Mbps Platform LAN Connect (PLC)
DA82562EM INTEL-DA82562EM Datasheet
458Kb / 40P
   82562ET 10/100 Mbps Platform LAN Connect (PLC)
82562ET INTEL-82562ET Datasheet
216Kb / 21P
   82562ET 10/100 Mbps Platform LAN Connect (PLC)
82562EP INTEL-82562EP Datasheet
356Kb / 24P
    82562EP 10/100 Mbps Platform LAN Connect (PLC)
logo
Level One
WAC-1001 LVL1-WAC-1001 Datasheet
1,005Kb / 4P
   Gigabit Wireless LAN Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com