Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2559 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2559
Description  Output Coupling Capacitor-less Video Amplifier with Power Supply
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2559 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2559 Datasheet HTML 1Page - New Japan Radio NJM2559 Datasheet HTML 2Page - New Japan Radio NJM2559 Datasheet HTML 3Page - New Japan Radio NJM2559 Datasheet HTML 4Page - New Japan Radio NJM2559 Datasheet HTML 5Page - New Japan Radio NJM2559 Datasheet HTML 6Page - New Japan Radio NJM2559 Datasheet HTML 7Page - New Japan Radio NJM2559 Datasheet HTML 8Page - New Japan Radio NJM2559 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Ver.0
NJM2559
- 2 -
s
s
s
sABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
7.0
V
Output Terminal Voltage
Vo
13.5
Power Dissipation
PD
580 *1
mW
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-40 to +150
°C
(Note) At on a board of EIA/JEDEC specification. (114.3 x 76.2 x 1.6mm Two layers, FR-4)
s
s
s
sELECTRICAL CHRACTERISTCS 1
( V
+ =5V, RL= refer to test circuit, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Voltage
Vopr
4.5
5.0
5.5
V
Supply Current
ICC
No signal
-
9.0
12.0
mA
Supply Current
at Power Save Mode
Isave
Power save mode
-
40
100
uA
Power Supply
Short-circuit Voltage
VoDCIN
75
Ω series resistance connection
-
-
16
V
Output Terminal Voltage at
Power Supply Short-circuit
VoutDCIN 75
Ω series resistance connection
-
-
13.5
V
REF Terminal Voltage 1 at
Power Supply Short-circuit
VthREF1
Power supply short-circuit protection
OFF
→ON
1.2
1.5
1.8
V
REF Terminal Voltage 2 at
Power Supply Short-circuit
VthREF2
Power supply short-circuit protection
ON
→OFF
0.8
1.1
1.4
V
Maximum Output Level
Vom
f=100kHz, THD=1%, sin-signal
2.2
2.5
-
Vp-p
Voltage Gain
Gv
Vin=100kHz,0.5Vp-p, sin-signal
11.9
12.3
12.7
dB
Gfy4.5M
Vin=4.5MHz/100kHz, 0.5Vp-p
-0.6
-0.1
0.4
Low Pass Filter
Characteristic
Gfy19M
Vin=19MHz/100kHz, 0.5Vp-p
-
-32
-22
dB
Differential Gain
DG
Vin=0.5Vp-p, 10step video signal,
RL=75
-
0.5
-
%
Differential Phase
DP
Vin=0.5Vp-p, 10step video signal,
RL=75
-
1.5
-
deg
Output DC Voltage
VoDC
No signal
-
0.5
0.65
V
SW Voltage High Level
VthPSH
Power save terminal switch voltage
1.8
-
V
+
SW Voltage Low Level
VthPSL
Power save terminal switch voltage
0
-
0.3
V
s
s
s
s CONTROL TERMINAL
PARAMETER
STATUS
MODE
H
Power save: ON
Non-Active mode (Mute)
RE
F
L
Power save: OFF Active mode (Mute)
H
Power save: OFF Active mode
L
Power save: ON
Non-Active mode (Mute)
Pow e r
Save
OPEN
Power save: ON
Non-Active mode (Mute)


Similar Part No. - NJM2559

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2550 NJRC-NJM2550 Datasheet
185Kb / 15P
   10.7MHz INPUT FM IF DEMODULATOR
NJM2550V NJRC-NJM2550V Datasheet
185Kb / 15P
   10.7MHz INPUT FM IF DEMODULATOR
NJM2552 NJRC-NJM2552 Datasheet
285Kb / 21P
   100MHz INPUT MIXER AND 450kHz FM/AM IF DEMODULATOR IC
NJM2552V NJRC-NJM2552V Datasheet
285Kb / 21P
   100MHz INPUT MIXER AND 450kHz FM/AM IF DEMODULATOR IC
NJM2555 NJRC-NJM2555 Datasheet
83Kb / 3P
   622MHz VCXO IC
More results

Similar Description - NJM2559

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU71031 NJRC-NJU71031 Datasheet
242Kb / 8P
   OUTPUT COUPLING CAPACITOR-LESS LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
logo
Asahi Kasei Microsystem...
AK4252 AKM-AK4252_10 Datasheet
181Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4250 AKM-AK4250_10 Datasheet
190Kb / 10P
   Output Coupling Capacitor-less Video Amp with LPF
AK4250 AKM-AK4250 Datasheet
148Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4252 AKM-AK4252 Datasheet
77Kb / 9P
   Output Coupling Capacitor-less Video Amp with LPF
logo
Rohm
BD8876FV ROHM-BD8876FV Datasheet
1Mb / 24P
   Output Coupling Capacitor-less Line Amplifier
BH76806FVM ROHM-BH76806FVM_09 Datasheet
489Kb / 17P
   Output Capacitor-less Video Drivers
BH76806FVM-TR ROHM-BH76806FVM-TR Datasheet
502Kb / 17P
   Output Capacitor-less Video Drivers
logo
SG Micro Corp
SGM9144 SGMICRO-SGM9144 Datasheet
390Kb / 10P
   Capless Output Coupling Low Voltage Video Amplifier
logo
Unisonic Technologies
LR9107XG-XX-AF5-R UTC-LR9107XG-XX-AF5-R Datasheet
212Kb / 5P
   OUTPUT CAPACITOR-LESS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com