Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2744 Datasheet(PDF) 8 Page - New Japan Radio

Part # NJM2744
Description  High Speed Single Supply Quad Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2744 Datasheet(HTML) 8 Page - New Japan Radio

  NJM2744 Datasheet HTML 1Page - New Japan Radio NJM2744 Datasheet HTML 2Page - New Japan Radio NJM2744 Datasheet HTML 3Page - New Japan Radio NJM2744 Datasheet HTML 4Page - New Japan Radio NJM2744 Datasheet HTML 5Page - New Japan Radio NJM2744 Datasheet HTML 6Page - New Japan Radio NJM2744 Datasheet HTML 7Page - New Japan Radio NJM2744 Datasheet HTML 8Page - New Japan Radio NJM2744 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NJM2744
Pulse Response (Temperature)
V
+/V-=±15V, f=250kHz, V
IN=4VP-P, Gv=0dB,
RT=50Ω, RF=0Ω, RG=open, CL=100pF, RL=10kΩ
-4
-2
0
2
4
6
8
10
-0.5
00.511.522.533.5
Time[0.5
μsec/div]
-10
-8
-6
-4
-2
0
2
4
Ta=25ºC
Ta=-40ºC
Ta=85ºC
Input Voltage
Output Voltage
Pulse Response (Load Capacitance)
V
+/V-=±15V, f=250kHz, V
IN=4VP-P, Gv=0dB,
RT=50Ω, RF=0Ω, RG=open, RL=10kΩ, Ta=25ºC
-4
-2
0
2
4
6
8
10
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
Time[0.5
μsec/div]
-10
-8
-6
-4
-2
0
2
4
CL=30pF
Input Voltage
Output Voltage
CL=10pF
CL=200pF
CL=1000pF
Pulse Response (Load Resistance)
V
+/V-=±15V, f=250kHz, V
IN=4VP-P, Gv=0dB,
RT=50Ω, RF=0Ω, RG=open, CL=100pF, Ta=25ºC
-4
-2
0
2
4
6
8
10
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
Time[0.5
μsec/div]
-10
-8
-6
-4
-2
0
2
4
RL=2kΩ
Input Voltage
Output Voltage
RL=500Ω
RL=10kΩ
- 8 -
Ver.2010-07-22


Similar Part No. - NJM2744

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2740 NJRC-NJM2740 Datasheet
227Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
NJM2740M NJRC-NJM2740M Datasheet
227Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
NJM2740V NJRC-NJM2740V Datasheet
227Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
NJM2741 NJRC-NJM2741 Datasheet
98Kb / 2P
   Single Supply Single Operational Amplifier with Full Swing Output
NJM2741F NJRC-NJM2741F Datasheet
98Kb / 2P
   Single Supply Single Operational Amplifier with Full Swing Output
More results

Similar Description - NJM2744

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3472 NJRC-NJM3472 Datasheet
2Mb / 15P
   HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
Ver. 02
NJM842 NJRC-NJM842 Datasheet
1Mb / 15P
   HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
Ver. 02
NJM2742 NJRC-NJM2742 Datasheet
291Kb / 10P
   HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
logo
General Electric Compan...
CA3401 GEC-CA3401 Datasheet
342Kb / 4P
   Quad Single-Supply Operational Amplifier
logo
New Japan Radio
NJM2902 NJRC-NJM2902 Datasheet
255Kb / 7P
   QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM324 NJRC-NJM324 Datasheet
239Kb / 6P
   SINGLE-SUPPLY QUAD OPERATIONAL AMPLIFIER
NJM3403A NJRC-NJM3403A Datasheet
213Kb / 6P
   SINGLE-SUPPLY QUAD OPERATIONAL AMPLIFIER?
NJM2902M-TE1 NJRC-NJM2902M-TE1 Datasheet
310Kb / 6P
   QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM2902C NJRC-NJM2902C Datasheet
497Kb / 8P
   QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
Ver.09
logo
National Semiconductor ...
LM7131 NSC-LM7131 Datasheet
548Kb / 23P
   Tiny High Speed Single Supply Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com