Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHLUB7970Z4 Datasheet(PDF) 11 Page - International Rectifier

Part # IRHLUB7970Z4
Description  RADIATION HARDENED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHLUB7970Z4 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRHLUB7970Z4 Datasheet HTML 3Page - International Rectifier IRHLUB7970Z4 Datasheet HTML 4Page - International Rectifier IRHLUB7970Z4 Datasheet HTML 5Page - International Rectifier IRHLUB7970Z4 Datasheet HTML 6Page - International Rectifier IRHLUB7970Z4 Datasheet HTML 7Page - International Rectifier IRHLUB7970Z4 Datasheet HTML 8Page - International Rectifier IRHLUB7970Z4 Datasheet HTML 9Page - International Rectifier IRHLUB7970Z4 Datasheet HTML 10Page - International Rectifier IRHLUB7970Z4 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
www.irf.com
11
IRHLUB7970Z4, JANSR2N7626UB
Pre-Irradiation
„ Pulse width ≤ 300 µs; Duty Cycle ≤ 2%
… Total Dose Irradiation with VGS Bias.
-10 volt VGS applied and VDS = 0 during
irradiation per MIL-STD-750, method 1019, condition A.
† Total Dose Irradiation with VDS Bias.
-48 volt VDS applied and VGS = 0 during
irradiation per MlL-STD-750, method 1019, condition A.
 Repetitive Rating; Pulse width limited by
maximum junction temperature.
‚ VDD = -25V, starting TJ = 25°C, L= 238 mH
Peak IL =- 0.53A, VGS = -10V
ƒ ISD ≤ -0.53A, di/dt ≤ -100A/µs,
VDD ≤ -60V, TJ ≤ 150°C
Footnotes:
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR LEOMINSTER : 205 Crawford St., Leominster, Massachusetts 01453, USA Tel: (978) 534-5776
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 09/2010
Additional Product Summaries (continued from page 1 and 3)
Part Number
Radiation Level RDS(on) ID
QPL Part Number
IRHLUBN7970Z4 100K Rads (Si)
1.4
Ω -0.53A JANSR2N7626UBN
IRHLUBN7930Z4 300K Rads (Si)
1.4
Ω -0.53A JANSF2N7626UBN
UBN
(ISOLATED METAL LID)
Product Summary
Part Number
Radiation Level RDS(on)
ID
QPL Part Number
IRHLUBC7970Z4 100K Rads (Si)
1.4
Ω -0.53A JANSR2N7626UBC
IRHLUBC7930Z4 300K Rads (Si)
1.4
Ω -0.53A JANSF2N7626UBC
Product Summary
UBC
(SHIELDED CERAMIC LID)
UBCN
(ISOLATEDCERAMICLID)
Part Number
Radiation Level RDS(on)
ID
QPL Part Number
IRHLUBCN7970Z4 100K Rads (Si)
1.4
Ω -0.53A JANSR2N7626UBCN
IRHLUBCN7930Z4 300K Rads (Si)
1.4
Ω -0.53A JANSF2N7626UBCN
Product Summary


Similar Part No. - IRHLUB7970Z4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLUB7970Z4 IRF-IRHLUB7970Z4 Datasheet
180Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (UB)
IRHLUB7970Z4 IRF-IRHLUB7970Z4 Datasheet
231Kb / 11P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (UB)
IRHLUB7970Z4 IRF-IRHLUB7970Z4 Datasheet
236Kb / 11P
   Simple Drive Requirements
IRHLUB7970Z4 IRF-IRHLUB7970Z4_15 Datasheet
236Kb / 11P
   Simple Drive Requirements
More results

Similar Description - IRHLUB7970Z4

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
   RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
   RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
   RADIATION HARDENED
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
   RADIATION HARDENED
logo
Actel Corporation
RH1280-CQ172V ACTEL-RH1280-CQ172V Datasheet
249Kb / 30P
   Radiation-Hardened FPGAs
logo
Aeroflex Circuit Techno...
UT69RH051 AEROFLEX-UT69RH051 Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
logo
List of Unclassifed Man...
UT69RH051 ETC2-UT69RH051 Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
logo
Intersil Corporation
HCTS160MS INTERSIL-HCTS160MS Datasheet
138Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
HCTS160T INTERSIL-HCTS160T Datasheet
91Kb / 3P
   Radiation Hardened Synchronous Counter
July 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com