Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHP2812D Datasheet(PDF) 9 Page - International Rectifier

Part # AHP2812D
Description  HIGH RELIABILITY HYBRID DC/DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHP2812D Datasheet(HTML) 9 Page - International Rectifier

Back Button AHP2812D Datasheet HTML 3Page - International Rectifier AHP2812D Datasheet HTML 4Page - International Rectifier AHP2812D Datasheet HTML 5Page - International Rectifier AHP2812D Datasheet HTML 6Page - International Rectifier AHP2812D Datasheet HTML 7Page - International Rectifier AHP2812D Datasheet HTML 8Page - International Rectifier AHP2812D Datasheet HTML 9Page - International Rectifier AHP2812D Datasheet HTML 10Page - International Rectifier AHP2812D Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.irf.com
9
AHP28XXD Series
General Application Information
Table 2. Nominal Resistance of Cu Wire
The AHP28XXD series of converters are capable of
providing large transient currents to user loads on demand.
Because the nominal input voltage range in this series is
relatively low, the resulting input current demands will be
correspondingly large. It is important therefore, that the line
impedance be kept very low to prevent steady state and
transient input currents from degrading the supply voltage
between the voltage source and the converter input.
Wire Size, AWG
Resistance per ft
24 Ga
25.7 m
22 Ga
16.2 m
20 Ga
10.1 m
18 Ga
6.4 m
16 Ga
4.0 m
14 Ga
2.5 m
12 Ga
1.6 m
Incorporation of a 100 µfd capacitor at the input terminals
is recommended as compensation for the dynamic effects
of the parasitic resistance of the input cable reacting with
the complex impedance of the converter input, and to
provide an energy reservoir for transient input current
requirements.
Figure VI. Problems of Parasitic Resistance in input Leads
Vin
Rtn
Case
Enable 1
Sync Out
Sync In
R
p
R
p
I
Rtn
I
in
e
source
System Ground
e
Rtn
100
µfd
Another potential problem resulting from parasitically
induced voltage drop on the input lines is with regard to
the operation of the enable 1 port. The minimum and
maximum operating levels required to operate this port
are specified with respect to the input common return line
at the converter. If a logic signal is generated with respect
to a ‘common’ that is distant from the converter, the effects
of the voltage drop over the return line must be considered
when establishing the worst case TTL switching levels.
These drops will effectively impart a shift to the logic levels.
In Figure VI, it can be seen that referred to system ground,
the voltage on the input return pin is given by
e
Rtn = IRtn • RP
Therefore, the logic signal level generated in the system
must be capable of a TTL logic high plus sufficient additional
amplitude to overcome e
Rtn. When the converter is inhibited,
I
Rtn diminishes to near zero and eRtn will then be at system
ground.
In applications requiring high static currents and large
transients, it is recommended that the input leads be made
of adequate size to minimize resistive losses, and that a
good quality capacitor of approximately100
µfd be connected
directly across the input terminals to assure an adequately
low impedance at the input terminals. Table 2 relates
nominal resistance values and selected wire sizes.
As an example of the effects of parasitic resistance,
consider an AHP2815D operating at full power of 100 W.
From the specification sheet, this device has a minimum
efficiency of 83% which represents an input power of more
than 120 W. If we consider the case where line voltage is
at its’ minimum of 16 volts, the steady state input current
necessary for this example will be slightly greater than 7.5
Amps.
If this device were connected to a voltage source with 10
feet of 20 gauge wire, the round trip (input and return)
would result in 0.2
Ω of resistance and 1.5 volts of drop
from the source to the converter. To assure 16 volts at
the input, a source closer to 18 volts would be required. In
applications using the paralleling option, this drop will be
multiplied by the number of paralleled devices. By choosing
14 or 16 gauge wire in this example, the parasitic resistance
and resulting voltage drop will be reduced to 25% or 31%
of that with 20 gauge wire.


Similar Part No. - AHP2812D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHP2812DWCH IRF-AHP2812DWCH Datasheet
215Kb / 10P
   HYBRID-HIGH RELIABILITYDC/DC CONVERTER
AHP2812DWES IRF-AHP2812DWES Datasheet
215Kb / 10P
   HYBRID-HIGH RELIABILITYDC/DC CONVERTER
AHP2812DWHB IRF-AHP2812DWHB Datasheet
215Kb / 10P
   HYBRID-HIGH RELIABILITYDC/DC CONVERTER
AHP2812DXCH IRF-AHP2812DXCH Datasheet
215Kb / 10P
   HYBRID-HIGH RELIABILITYDC/DC CONVERTER
AHP2812DXES IRF-AHP2812DXES Datasheet
215Kb / 10P
   HYBRID-HIGH RELIABILITYDC/DC CONVERTER
More results

Similar Description - AHP2812D

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DVFL2800D DELTA-DVFL2800D Datasheet
370Kb / 19P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVFL2800S DELTA-DVFL2800S Datasheet
384Kb / 21P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHF2800S DELTA-DVHF2800S Datasheet
322Kb / 14P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVTR2800S DELTA-DVTR2800S Datasheet
413Kb / 18P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHE2800S DELTA-DVHE2800S Datasheet
421Kb / 16P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVSA2800S DELTA-DVSA2800S Datasheet
283Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
logo
International Rectifier
ATW2812D IRF-ATW2812D Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXS IRF-ATR28XXS Datasheet
97Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHP2805DXCH IRF-AHP2805DXCH Datasheet
236Kb / 11P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW2800D IRF-ATW2800D_15 Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
logo
VPT, Inc.
DVCH2800D VPT-DVCH2800D Datasheet
949Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com