Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIPS7121RTRR Datasheet(PDF) 9 Page - International Rectifier

Part # AUIPS7121RTRR
Description  CURRENT SENSE HIGH SIDE SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS7121RTRR Datasheet(HTML) 9 Page - International Rectifier

Back Button AUIPS7121RTRR Datasheet HTML 5Page - International Rectifier AUIPS7121RTRR Datasheet HTML 6Page - International Rectifier AUIPS7121RTRR Datasheet HTML 7Page - International Rectifier AUIPS7121RTRR Datasheet HTML 8Page - International Rectifier AUIPS7121RTRR Datasheet HTML 9Page - International Rectifier AUIPS7121RTRR Datasheet HTML 10Page - International Rectifier AUIPS7121RTRR Datasheet HTML 11Page - International Rectifier AUIPS7121RTRR Datasheet HTML 12Page - International Rectifier AUIPS7121RTRR Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AUIPS7121R
www.irf.com
9
Figure 8 – Transient thermal impedance (°C/W)
Vs time (s)
Time (s)
50%
100%
150%
-50
0
50
100
150
200%
Fig
C)
Tj, junction temperature (°C)
ure 7 - Normalized Rds(on) (%) Vs Tj (°
1
2
3
4
5
6
VIH
VIL
0
-50
-25
0
25
50
75
100
125
150
Tj, junction temperature (°C)
Figure 6 – Vih and Vil (V) Vs Tj (°C)
0
0
10
20304050
Vcc-Vin, supply voltage (V)
2
4
0.01
0.10
1.00
10.00
100.00
1.E-
05
1.E-
04
1.E-
03
1.E-
02
1.E-
01
1.E+0
0
1.E+0
1
1.E+0
2
Figure 5 – Icc off(µA) Vs Vcc-Vin (V)


Similar Part No. - AUIPS7121RTRR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIPS7121RTRR INFINEON-AUIPS7121RTRR Datasheet
355Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
August, 27th 2009
More results

Similar Description - AUIPS7121RTRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS7141R IRF-AUIPS7141R Datasheet
345Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7141R INFINEON-AUIPS7141R Datasheet
345Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
August, 27th 2009
logo
International Rectifier
AUIPS6121R IRF-AUIPS6121R_15 Datasheet
749Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
AUIPS7145R IRF-AUIPS7145R_15 Datasheet
628Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7145R INFINEON-AUIPS7145R Datasheet
628Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH
10/02/2012 Revision C
logo
International Rectifier
AUIPS7125R IRF-AUIPS7125R Datasheet
297Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH
AUIPS7125 IRF-AUIPS7125_15 Datasheet
297Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS71451G INFINEON-AUIPS71451G Datasheet
604Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
November, 14th 2011
logo
International Rectifier
AUIPS7111S IRF-AUIPS7111S_15 Datasheet
196Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
AUIPS71451G IRF-AUIPS71451G_15 Datasheet
604Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com