Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA2232M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA2232M
Description  RDS Decorder
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA2232M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA2232M Datasheet HTML 1Page - Sanyo Semicon Device LA2232M Datasheet HTML 2Page - Sanyo Semicon Device LA2232M Datasheet HTML 3Page - Sanyo Semicon Device LA2232M Datasheet HTML 4Page - Sanyo Semicon Device LA2232M Datasheet HTML 5Page - Sanyo Semicon Device LA2232M Datasheet HTML 6Page - Sanyo Semicon Device LA2232M Datasheet HTML 7Page - Sanyo Semicon Device LA2232M Datasheet HTML 8Page - Sanyo Semicon Device LA2232M Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
No. 4416A-2/9
LA2232, 2232M
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
Pins 13, 14, 15, 23
12
V
LA2232:
Ta
≤ 80°C
450
mW
Allowable power dissipation
Pd max
LA2232M:
Ta
≤ 37.5°C
450
mW
LA2232M:
Ta = 80°C
280
mW
Entering current
ILED
Pins 13, 14, 15
20
mA
Operating temperature
Topr
–30 to +80
°C
Storage temperature
Tstg
LA2232
–40 to +125
°C
LA2232M
–40 to +150
°C
Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
Pin 23
5.0
V
Operating voltage range
VCC op
Pin 23
4.7 to 5.5
V
Operating Characteristics at Ta = 25°C, VCC = 5.0 V
Ratings
Parameter
Symbol
min
typ
max
Unit
Quiescent current
14
22
28
mA
Band pass filter gain
f = 57 kHz
9
12.5
17
dB
f = 60 kHz (57 kHz = 0 dB)
–6
–2.5
0
dB
Band pass filter selectivity
f = 54 kHz (57 kHz = 0 dB)
–6
–3.5
0
dB
f = 38 kHz (57 kHz = 0 dB)
–39
–33
dB
PLL capture range
5 mVrms CW input
–0.5
%
+0.8
%
RDS detection sensitivity
The pin 6 input when pin 15 goes low
0.4
1.0
mVrms
SK detection sensitivity
The pin 6 input when pin 14 goes low
1.0
2.0
mVrms
DK detection sensitivity
The pin 6 input when pin 13 goes low
1.1
2.0
mVrms
The maximum input on pin 6 for the (ARI + RDS)
30
50
mVrms
RDS
signal when pin 15 goes low
Input dynamic range
The maximum input on pin 6 for the RDS signal
250
mVrms
when pin 15 goes low
DK
The maximum input on pin 6 for the ARI signal
75
100
mVrms
when pin 15 goes low
Bit rate clock jitter
±8
±9
±10
µs
RDS lockup time
The time until pin 15 goes low following RDS
35
ms
becoming a 3 mV input
SK lockup time
The time until pin 14 goes low following ARI
45
ms
becoming an 8 mV input
SK + RDS lockup time
The time until pin 15 goes low following RDS +
80
ms
ARI becoming an 8.5 mV input
Data output
The high level for pin 17
4.7
4.9
5.0
V
The low level for pin 17
0
0.1
0.3
V
Bit rate clock output
The high level for pin 18
4.7
4.9
5.0
V
The low level for pin 18
0
0.1
0.3
V
VCO free-running frequency
453
456
459
kHz


Similar Part No. - LA2232M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA2232M SANYO-LA2232M Datasheet
247Kb / 9P
   RDS Decorder
More results

Similar Description - LA2232M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA2232 SANYO-LA2232 Datasheet
247Kb / 9P
   RDS Decorder
logo
Data Delay Devices, Inc...
MAD-85 DATADELAY-MAD-85 Datasheet
40Kb / 1P
   Manchester Decorder
logo
Sanyo Semicon Device
LC7874E SANYO-LC7874E Datasheet
241Kb / 22P
   CD Graphics Decorder
logo
Unisonic Technologies
TA7343AP UTC-TA7343AP Datasheet
246Kb / 5P
   FM STEREO MULTIPLEX DECORDER
logo
ON Semiconductor
SN74LS156 ONSEMI-SN74LS156 Datasheet
56Kb / 4P
   Dual 1-of-4 Decorder/Demultiplexer
December, 1999 ??Rev. 0
logo
Zarlink Semiconductor I...
MV1817 ZARLINK-MV1817 Datasheet
1Mb / 20P
   SINGLE CHIP TELETEXT DECORDER FOR 625 LINE OPERATION
logo
Sanyo Semicon Device
STK311-110 SANYO-STK311-110 Datasheet
149Kb / 5P
   RDS Demodulator
LA2230 SANYO-LA2230 Datasheet
138Kb / 6P
   RDS Decoder
STK311-120 SANYO-STK311-120 Datasheet
97Kb / 6P
   RDS Demodulator
logo
STMicroelectronics
TDA7332 STMICROELECTRONICS-TDA7332 Datasheet
47Kb / 6P
   RDS FILTER
November 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com