Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU6G Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # KBU6G
Description  Silicon Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

KBU6G Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  KBU6G Datasheet HTML 1Page - EIC discrete Semiconductors KBU6G Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT PER LEG
0
50
100
150
1
2
4
6
10
20
40
60
100
TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL INSTANTANEOUS FORWARD
FIG.4 - TYPICAL REVERSE LEAKAGE
CHARACTERISTICS PER LEG
CHARACTERISTICS PER LEG
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
INSTANTANEOUS FORWARD VOLTAGE, (V)
Page 2 of 2
Rev. 01 : February 15, 2006
RATING AND CHARACTERISTIC CURVES ( KBU6A - KBU6M )
4.5
3.0
1.5
6.0
100
50
10
150
0
200
50
100
0.1
10
80
0.1
1.0
1.0
100
0
20
40
60
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
TJ = 100 °C
125
175
75
P.C.B. Mounting, Ta,
0.375" (9.5 mm) Lead Length
with 0.5 x 0.5" (12 x 12 mm)
Copper Pad Areas
250
225
TJ = 25 °C
TJ = 25 °C
Pulse width = 300 µs
1% Duty Cycle
TJ = 150 °C
Single Sine-Wave
0.01
Heatsink Mounting,
Tc, 2.6 x 1.4 x 0.06"
(6.5 x 3.5 x 15 cm)
Al.Plate


Similar Part No. - KBU6G

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
KBU6G BILIN-KBU6G Datasheet
131Kb / 3P
   Silicon Bridge Rectifiers
logo
Pan Jit International I...
KBU6G PANJIT-KBU6G Datasheet
124Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
KBU6G PANJIT-KBU6G Datasheet
47Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
KBU6G KISEMICONDUCTOR-KBU6G Datasheet
61Kb / 2P
   6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
GeneSiC Semiconductor, ...
KBU6G GENESIC-KBU6G Datasheet
295Kb / 3P
   Single Phase Silicon Bridge Rectifier
More results

Similar Description - KBU6G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com