Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU8M Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # KBU8M
Description  Silicon Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

KBU8M Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  KBU8M Datasheet HTML 1Page - EIC discrete Semiconductors KBU8M Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( KBU8A - KBU8M )
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PER DIODE
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : September 3, 2005
6.0
4.0
2.0
8.0
100
100
10
200
0
300
0
100
0.1
10
80
0.1
1.0
1.0
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ = 25
°C
Pulse Width = 300
µs
2 % Duty Cycle
8.3 ms SINGLE HALF SINE WAVE
JEDEC METHOD
Ta = 100
°C
150
250
50
Single phase
Half Wave 60Hz
Resistive or Inductive Load
.375" 9.0 mm Lead Lengths
400
350
Ta = 25
°C


Similar Part No. - KBU8M

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
KBU8M GENESIC-KBU8M Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
logo
Semtech Corporation
KBU8M SEMTECH-KBU8M Datasheet
159Kb / 2P
   4.0A/6.0A/8.0A SINGLE - PHASE SILICON BRIDGE?
logo
MIC GROUP RECTIFIERS
KBU8M MIC-KBU8M Datasheet
113Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Fairchild Semiconductor
KBU8M FAIRCHILD-KBU8M Datasheet
175Kb / 3P
   Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBU8M NJSEMI-KBU8M Datasheet
88Kb / 1P
   SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - KBU8M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CDSH-2 CENTRAL-CDSH-2 Datasheet
48Kb / 1P
   SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBPC3506TW GENESIC-GBPC3506TW Datasheet
351Kb / 4P
   Silicon Bridge Rectifier
GBU15J GENESIC-GBU15J Datasheet
344Kb / 3P
   Silicon Bridge Rectifier
KBJ4005G GENESIC-KBJ4005G Datasheet
326Kb / 3P
   Silicon Bridge Rectifier
KBL401G GENESIC-KBL401G Datasheet
308Kb / 3P
   Silicon Bridge Rectifier
logo
Central Semiconductor C...
1N4001GPP CENTRAL-1N4001GPP_15 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Chenmko Enterprise Co. ...
KBU8APT CHENMKO-KBU8APT Datasheet
81Kb / 2P
   SILICON BRIDGE RECTIFIER
W005LPT CHENMKO-W005LPT Datasheet
87Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Edal Industries, Inc.
B285 EDAL-B285 Datasheet
77Kb / 1P
   Silicon Bridge Rectifier
B901 EDAL-B901 Datasheet
75Kb / 1P
   Silicon Bridge Rectifier
logo
Chenmko Enterprise Co. ...
KBPC1005PT CHENMKO-KBPC1005PT Datasheet
94Kb / 2P
   SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com