Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIR3316S Datasheet(PDF) 6 Page - International Rectifier

Part # AUIR3316S
Description  LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIR3316S Datasheet(HTML) 6 Page - International Rectifier

Back Button AUIR3316S Datasheet HTML 2Page - International Rectifier AUIR3316S Datasheet HTML 3Page - International Rectifier AUIR3316S Datasheet HTML 4Page - International Rectifier AUIR3316S Datasheet HTML 5Page - International Rectifier AUIR3316S Datasheet HTML 6Page - International Rectifier AUIR3316S Datasheet HTML 7Page - International Rectifier AUIR3316S Datasheet HTML 8Page - International Rectifier AUIR3316S Datasheet HTML 9Page - International Rectifier AUIR3316S Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AUIR3316(S)
Lead Assignments
1- In
2- Ifb
3- Vcc (tab)
4- Out
5- Out
1 2
4 5
D²Pak
3- Vcc
1 2 3 4 5
TO220
3- Vcc
1- In
2- Ifb
3- Vcc (tab)
4- NC
5- Out
Vout
Vcc-Vin
tr-in
90%
10%
90%
10%
td on
tr1
td off
tf
Vc c-5V
tr2
Vcc-Vin
Vih
Vil
Vhyst
Iin
Icc
Ifb
IN
Vcc
Out
IR3316
Ifb
Vcc-Vout
Vclamp1
Vclamp2
Iout
Isd
Figure 1 – Voltages and current definitions
Figure 2 – Switching time definitions
www.irf.com
6


Similar Part No. - AUIR3316S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIR3316S INFINEON-AUIR3316S Datasheet
301Kb / 16P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Revision E 14/11/2010
AUIR3316STRL INFINEON-AUIR3316STRL Datasheet
301Kb / 16P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Revision E 14/11/2010
AUIR3316STRR INFINEON-AUIR3316STRR Datasheet
301Kb / 16P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Revision E 14/11/2010
More results

Similar Description - AUIR3316S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3315 IRF-IR3315 Datasheet
1Mb / 13P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
IR3316S IRF-IR3316S Datasheet
894Kb / 11P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
IR3316SPBF IRF-IR3316SPBF Datasheet
368Kb / 12P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
AUIR3320S IRF-AUIR3320S Datasheet
462Kb / 15P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
IR3316PBF IRF-IR3316PBF Datasheet
362Kb / 12P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS6125RTRL INFINEON-AUIPS6125RTRL Datasheet
450Kb / 17P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Rev 1.3 2016-11-08
logo
International Rectifier
AUIR3317S IRF-AUIR3317S Datasheet
297Kb / 16P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIR3316 INFINEON-AUIR3316 Datasheet
301Kb / 16P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Revision E 14/11/2010
logo
International Rectifier
IR3411SPBF IRF-IR3411SPBF Datasheet
296Kb / 13P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
AUIR3316 IRF-AUIR3316_15 Datasheet
301Kb / 16P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com