Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UHBS15-2 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # UHBS15-2
Description  NPN SILICON RF POWER TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

UHBS15-2 Datasheet(HTML) 1 Page - Advanced Semiconductor

  UHBS15-2 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 50 mA
28
V
BVCES
IC = 50 mA
RBE = 10
55
V
BVEBO
IE = 10 mA
4.0
V
ICBO
VCB = 15 V
2.5
mA
hFE
VCE = 5.0 V
IC = 1.0 A
30
200
---
Cob
VCB = 24 V
f = 1.0 MHz
25
pF
PG
ηηηη
C
VCE = 24 V
POUT = 15 W
f = 960 GHz
9.5
50
dB
%
NPN SILICON RF POWER TRANSISTOR
UHBS15-2
DESCRIPTION:
The
ASI UHBS15-2 is Designed for
Class C, FM Base Station Applications
up to 960 MHz.
FEATURES:
• Internal Input Matching Network
• P
G = 9.0 dB at 15 W/960 MHz
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
2.0 A
VCBO
55 V
VCEO
28 V
VCES
55 V
VEBO
4.0 V
PDISS
50 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
3.0 °C/W
PACKAGE STYLE .230 6L FLG
ORDER CODE: ASI10669
MINIMUM
inches / mm
.115 / 2.92
.225 / 5.72
.075 / 1.91
.090 / 2.29
.720 / 18.29
B
C
D
E
F
G
A
MAXIMUM
.085 / 2.16
.110 / 2.79
.730 / 18.54
.235 / 5.97
inches / mm
.125 / 3.18
H
.355 / 9.02
DIM
K
L
I
J
.004 / 0.10
.120 / 3.05
.230 / 5.84
.006 / 0.15
.130 / 3.30
.260 / 6.60
K
4X .025 R
.040x45°
.115
I
.125
E
.430 D
H
G
F
J
C
A
B
2XØ.130
L
.160 / 4.06
.180 / 4.57
.980 / 24.89
.970 / 24.64
.355 / 9.02
.365 / 9.27
.365 / 9.27


Similar Part No. - UHBS15-2

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
UHBS15-2 ASI-UHBS15-2 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - UHBS15-2

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
   Silicon NPN Transistor RF Power Transistor
logo
Advanced Semiconductor
CBSL100 ASI-CBSL100 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
CBSL150 ASI-CBSL150 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF15-28S ASI-HF15-28S Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MLN1027S ASI-MLN1027S Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF455 MACOM-MRF455 Datasheet
92Kb / 3P
   RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLX39 ASI-BLX39 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MRF839F ASI-MRF839F Datasheet
15Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com