Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPLSI2096E-100LT128 Datasheet(PDF) 6 Page - Lattice Semiconductor

Part # ISPLSI2096E-100LT128
Description  In-System Programmable SuperFAST??High Density PLD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2096E-100LT128 Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button ISPLSI2096E-100LT128 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI2096E-100LT128 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI2096E-100LT128 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2096E-100LT128 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2096E-100LT128 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2096E-100LT128 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2096E-100LT128 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2096E-100LT128 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2096E-100LT128 Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Specifications ispLSI 2096E
6
Internal Timing Parameters1
Over Recommended Operating Conditions
tio
1. Internal Timing Parameters are not tested and are for reference only.
2. Refer to Timing Model in this data sheet for further details.
3. The XOR adjacent path can only be used by hard macros.
Table 2-0036A/2096E
Inputs
UNITS
-135
MIN. MAX.
DESCRIPTION
#
2
PARAMETER
20 Input Buffer Delay
0.5
ns
tdin
21 Dedicated Input Delay
1.7
ns
tgrp
22 GRP Delay
1.2
ns
GLB
t1ptxor
25 1 Product Term/XOR Path Delay
5.2
ns
t20ptxor
26 20 Product Term/XOR Path Delay
5.2
ns
txoradj
27 XOR Adjacent Path Delay
5.2
ns
tgbp
28 GLB Register Bypass Delay
0.5
ns
tgsu
29 GLB Register Setup Time before Clock
0.7
ns
tgh
30 GLB Register Hold Time after Clock
4.3
ns
tgco
31 GLB Register Clock to Output Delay
0.3
ns
3
tgro
32 GLB Register Reset to Output Delay
1.1
ns
tptre
33 GLB Product Term Reset to Register Delay
6.0
ns
tptoe
34 GLB Product Term Output Enable to I/O Cell Delay
6.9
ns
tptck
35 GLB Product Term Clock Delay
2.5
5.5
ns
ORP
tob
38 Output Buffer Delay
1.6
ns
tsl
39 Output Slew Limited Delay Adder
1.5
ns
GRP
t4ptbpc
23 4 Product Term Bypass Path Delay (Combinatorial)
3.7
ns
t4ptbpr
24 4 Product Term Bypass Path Delay (Registered)
4.2
ns
torp
36 ORP Delay
1.0
ns
torpbp
37 ORP Bypass Delay
0.5
ns
Outputs
toen
40 I/O Cell OE to Output Enabled
3.4
ns
todis
41 I/O Cell OE to Output Disabled
3.4
ns
tgoe
42 Global Output Enable
3.6
ns
tgy0
43 Clock Delay, Y0 to Global GLB Clock Line (Ref. clock)
1.6
1.6
ns
tgy1/2
44 Clock Delay, Y1 or Y2 to Global GLB Clock Line
1.8
1.8
ns
Clocks
tgr
45 Global Reset to GLB
6.3
ns
Global Reset
-180
MIN. MAX.
0.5
1.1
0.6
3.9
3.9
3.9
0.0
1.9
2.9
0.7
3.3
0.3
0.6
4.8
5.9
1.0
4.0
0.9
0.4
1.6
1.5
3.0
3.0
2.0
0.7
0.9
0.7
0.9
4.4
-100
MIN. MAX.
0.5
2.2
1.7
6.8
7.3
8.0
0.5
5.8
5.8
1.2
4.0
0.3
1.3
6.1
8.6
4.1
7.1
1.4
0.4
1.6
1.0
4.2
4.2
4.8
2.7
2.7
2.7
2.7
9.2


Similar Part No. - ISPLSI2096E-100LT128

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2096E-100LT128 LATTICE-ISPLSI2096E-100LT128 Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
More results

Similar Description - ISPLSI2096E-100LT128

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
ISPLSI2032E LATTICE-ISPLSI2032E Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
2096E LATTICE-2096E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com