Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULBM2T Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ULBM2T
Description  NPN SILICON RF POWER TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ULBM2T Datasheet(HTML) 1 Page - Advanced Semiconductor

  ULBM2T_07 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 25 mA
16
V
BVCES
IC = 5.0 mA
36
V
BVEBO
IE = 1.0 mA
4.0
V
ICBO
VCE = 15 V
1.0
mA
hFE
VCE = 5.0 V
IC = 100 mA
20
---
Cob
VCB = 12 V
f = 1.0 MHz
10
pF
PG
ηηηη
C
VCC = 12.5 V
POUT = 2.0 W
f = 470 MHz
6.0
55
dB
%
NPN SILICON RF POWER TRANSISTOR
ULBM2T
DESCRIPTION:
The
ASI ULBM2T is Designed for
Class C, FM Land Mobile Applications
up to 470 MHz.
FEATURES:
• Common Emitter
• P
G = 6.0 dB at 2.0 W/470 MHz
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
0.75 A
VCB0
36 V
VCEO
16 V
VCES
36 V
VEBO
4.0 V
PDISS
5 W @ TC = 25 °C
TJ
-65°C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
35 °C/W
PACKAGE STYLE TO-39
ORDER CODE: ASI10676
Ø A
Ø D
45°
C
B
F
E
G
H
MINIMUM
inches / mm
.029 / 0.740
.335 / 8.510
.200 / 5.080
.028 / 0.720
.305 / 7.750
.240 / 6.100
B
C
D
E
F
G
A
MAXIMUM
.034 / 0.860
.335 / 8.500
.260 / 6.600
.370 / 9.370
inches / mm
.045 / 1.140
.500 / 12.700
H
.016 / 0.407
.020 / 0.508
DIM


Similar Part No. - ULBM2T_07

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ULBM2TE ASI-ULBM2TE Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
ULBM2TE ASI-ULBM2TE Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
ULBM2TE ASI-ULBM2TE_07 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - ULBM2T_07

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
   Silicon NPN Transistor RF Power Transistor
logo
Advanced Semiconductor
CBSL100 ASI-CBSL100 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
CBSL150 ASI-CBSL150 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF15-28S ASI-HF15-28S Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MLN1027S ASI-MLN1027S Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF455 MACOM-MRF455 Datasheet
92Kb / 3P
   RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLX39 ASI-BLX39 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MRF839F ASI-MRF839F Datasheet
15Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com