Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2460IDD Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2460IDD
Description  Ultra-Tiny, 16-Bit ?誇 ADCs with 10ppm/째C Max Precision Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2460IDD Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2460IDD Datasheet HTML 4Page - Linear Technology LTC2460IDD Datasheet HTML 5Page - Linear Technology LTC2460IDD Datasheet HTML 6Page - Linear Technology LTC2460IDD Datasheet HTML 7Page - Linear Technology LTC2460IDD Datasheet HTML 8Page - Linear Technology LTC2460IDD Datasheet HTML 9Page - Linear Technology LTC2460IDD Datasheet HTML 10Page - Linear Technology LTC2460IDD Datasheet HTML 11Page - Linear Technology LTC2460IDD Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC2460/LTC2462
8
24602f
APPLICATIONS INFORMATION
mode during the DATA INPUT/OUTPUT state. Once the
next conversion is complete, the SLEEP state is entered
and power is reduced to less than 2μA. The reference is
powered up once CS is brought low. The reference startup
time is 12ms (if the reference and compensation capacitor
values are both 0.1μF).
Upon entering the DATA INPUT/OUTPUT state, SDO
outputs the sign (D15) of the conversion result. During
this state, the ADC shifts the conversion result serially
through the SDO output pin under the control of the SCK
input pin. There is no latency in generating this data and
the result corresponds to the last completed conversion.
A new bit of data appears at the SDO pin following each
falling edge detected at the SCK input pin and appears
from MSB to LSB. The user can reliably latch this data
on every rising edge of the external serial clock signal
driving the SCK pin.
During the DATA INPUT/OUTPUT state, the LTC2460/
LTC2462 can be programmed to SLEEP or NAP (default)
following the next conversion cycle. Data is shifted into the
device through the SDI pin on the rising edge of SCK. The
input word is 4 bits. If the first bit EN1 = 1 and the second
bit EN2 = 0 the device is enabled for programming. The
following two bits (SPD and SLP) will be written into the
device. SPD (only used for the LTC2460) to select the 60Hz
output rate, no offset calibration mode (SPD = 0, default).
Set SPD = 1 for 30Hz mode with offset calibration. SPD
is ignored for the LTC2462. The next bit (SLP) enables
the sleep or nap mode. If SLP = 0 (default) the reference
remains powered up at the end of the next conversion
cycle. If SLP = 1, the reference powers down following
the next conversion cycle. The remaining 12 SDI input
bits are ignored (don’t care).
SDI may also be tied directly to GND or VDD in order to
simplify the user interface. In the case of the LTC2460,
the 60Hz output rate is selected if SDI is tied low and
the 30Hz output rate is selected if SDI is tied to VDD. The
LTC2462 output rate is always 60Hz independent of SDI
or SPD. The reference sleep mode is disabled for both
the LTC2460 and LTC2462 if SDI is tied to GND or VDD.
The DATA INPUT/OUTPUT state concludes in one of two
different ways. First, the DATA INPUT/OUTPUT state opera-
tion is completed once all 16 data bits have been shifted
out and the clock then goes low. This corresponds to the
16th falling edge of SCK. Second, the DATA INPUT/OUT-
PUT state can be aborted at any time by a LOW-to-HIGH
transition on the CS input. Following either one of these
two actions, the LTC2460/LTC2462 will enter the CONVERT
state and initiate a new conversion cycle.
Power-Up Sequence
When the power supply voltage (VCC) applied to the con-
verter is below approximately 2.1V, the ADC performs a
power-on reset. This feature guarantees the integrity of
the conversion result.
When VCC rises above this critical threshold, the converter
generates an internal power-on reset (POR) signal for
approximately 0.5ms. The POR signal clears all internal
registers. Following the POR signal, the LTC2460/LTC2462
start a conversion cycle and follow the succession of states
shown in Figure 2. The reference startup time following a
POR is 12ms (CCOMP = CREFOUT = 0.1μF). The first conver-
sion following powerup will be invalid since the reference
voltage has not completely settled. The first conversion
following power up can be discarded using the data abort
command or simply read and ignored. The following con-
versions are accurate to the device specifications.
Ease of Use
The LTC2460/LTC2462 data output has no latency, filter
settling delay or redundant results associated with the
conversion cycle. There is a one-to-one correspondence
between the conversion and the output data. Therefore,
Figure 3. Output Code vs VIN+ with VIN– = 0 (LTC2462)
VIN
+/VREF+
–0.001
4
12
20
0.001
24602 F03
–4
–12
0
8
16
–8
–16
–20
–0.005
0
0.005
0.0015
SIGNALS
BELOW
GND


Similar Part No. - LTC2460IDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2460 LINER-LTC2460 Datasheet
314Kb / 22P
   Ultra-Tiny, 16-Bit ADCs with 10ppm/C Max Precision Reference
LTC2460 LINER-LTC2460_15 Datasheet
314Kb / 22P
   Ultra-Tiny, 16-Bit ADCs with 10ppm/C Max Precision Reference
More results

Similar Description - LTC2460IDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2461 LINER-LTC2461 Datasheet
229Kb / 20P
   Ultra-Tiny, 16-Bit I짼C ?誇 ADCs with 10ppm/째C Max Precision Reference
LTC2460 LINER-LTC2460_15 Datasheet
314Kb / 22P
   Ultra-Tiny, 16-Bit ADCs with 10ppm/C Max Precision Reference
LTC2462 LINER-LTC2462_15 Datasheet
314Kb / 22P
   Ultra-Tiny, 16-Bit ADCs with 10ppm/C Max Precision Reference
LTC2463 LINER-LTC2463_15 Datasheet
309Kb / 20P
   Ultra-Tiny, 16-Bit I2C ADCs with 10ppm/C Max Precision Reference
LTC2461 LINER-LTC2461_15 Datasheet
309Kb / 20P
   Ultra-Tiny, 16-Bit I2C ADCs with 10ppm/C Max Precision Reference
LTC2471 LINER-LTC2471 Datasheet
306Kb / 20P
   Selectable 250sps/1ksps, 16-Bit I2C ?誇 ADCs with 10ppm/째C Max Precision Reference
LTC2470 LINER-LTC2470_15 Datasheet
383Kb / 22P
   Selectable 208sps/833sps, 16-Bit ADCs with 10ppm/C Max Precision Reference
LTC2472 LINER-LTC2472_15 Datasheet
383Kb / 22P
   Selectable 208sps/833sps, 16-Bit ADCs with 10ppm/C Max Precision Reference
LTC2471 LINER-LTC2471_15 Datasheet
491Kb / 20P
   Selectable 208sps/833sps, 16-Bit I2C ADCs with 10ppm/C Max Precision Reference
LTC2473 LINER-LTC2473_15 Datasheet
491Kb / 20P
   Selectable 208sps/833sps, 16-Bit I2C ADCs with 10ppm/C Max Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com