Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3528-2 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3528-2
Description  1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm3mm DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3528-2 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3528-2 Datasheet HTML 6Page - Linear Technology LTC3528-2 Datasheet HTML 7Page - Linear Technology LTC3528-2 Datasheet HTML 8Page - Linear Technology LTC3528-2 Datasheet HTML 9Page - Linear Technology LTC3528-2 Datasheet HTML 10Page - Linear Technology LTC3528-2 Datasheet HTML 11Page - Linear Technology LTC3528-2 Datasheet HTML 12Page - Linear Technology LTC3528-2 Datasheet HTML 13Page - Linear Technology LTC3528-2 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC3528-2
10
35282f
Zero Current Comparator
The zero current comparator monitors the inductor cur-
rent to the output and shuts off the synchronous rectifier
when this current reduces to approximately 20mA. This
prevents the inductor current from reversing in polarity,
improving efficiency at light loads.
Synchronous Rectifier
To control inrush current and to prevent the inductor
current from running away when VOUT is close to VIN, the
P-channel MOSFET synchronous rectifier is only enabled
when VOUT > (VIN + 0.24V).
Anti-Ringing Control
The anti-ringing control connects a resistor across the
inductor to prevent high frequency ringing on the SW pin
during discontinuous current mode operation. The ringing
of the resonant circuit formed by L and CSW (capacitance
on SW pin) is low energy, but can cause EMI radiation.
Output Disconnect
The LTC3528-2 is designed to allow true output discon-
nect by eliminating body diode conduction of the internal
P-channel MOSFET rectifier. This allows for VOUT to go to
zero volts during shutdown, drawing no current from the
input source. It also enables inrush current limiting at turn-
on, minimizing surge currents seen by the input supply.
Note that to obtain the advantages of output disconnect,
a Schottky diode cannot be connected between SW and
VOUT. The output disconnect feature also allows VOUT to be
forced above the programmed regulation voltage, without
any reverse current into the input power source.
Thermal Shutdown
If the die temperature exceeds 160°C, the LTC3528-2
enters thermal shutdown. All switches will be turned off
and the soft-start capacitor will be discharged. The device
will be enabled again when the die temperature drops by
approximately 15°C.
Burst Mode OPERATION
The LTC3528-2 will automatically enter Burst Mode op-
eration at light load current and return to fixed frequency
PWM mode when the load increases. Refer to the Typical
Performance Characteristics to see the output load Burst
Mode threshold vs VIN. The load at which Burst Mode
operation is entered can be changed by adjusting the
inductor value. Raising the inductor value will lower the
load current at which Burst Mode operation is entered.
In Burst Mode operation, the LTC3528-2 continues switch-
ing at a fixed frequency of 2MHz, using the same error
amplifier and loop compensation for peak current mode
control. This control method minimizes output transients
when switching between modes. In Burst Mode opera-
tion, energy is delivered to the output until it reaches the
nominal regulated value, then the LTC3528-2 transitions to
sleep mode where the outputs are off and the LTC3528-2
consumes only 12μA of quiescent current from VOUT. Once
the output voltage has drooped slightly, switching resumes
again. This maximizes efficiency at very light loads by
minimizing switching and quiescent current losses. Burst
Mode output ripple, which is typically 1% peak-to-peak,
can be reduced by using more output capacitance (10μF
or greater).
As the load current increases, the LTC3528-2 automatically
leaves Burst Mode operation. Note that larger output ca-
pacitor values may cause this transition to occur at lighter
loads. The regulator will also leave Burst Mode operation if
a load transient occurs which causes the inductor current
to repeatedly reach current limit. Once the LTC3528-2 has
left Burst Mode operation and returned to normal opera-
tion, it will remain there until the output load is reduced
below the Burst threshold.
Burst Mode operation is inhibited during start-up and
until soft-start is done and VOUT is at least 0.24V greater
than VIN.
Single Cell to 5V Step-Up Applications
Due to the high inductor current slew rate in applications
boosting to 5V from a single cell (alkaline, NiCd or NiMH),
the LTC3528-2 may not enter Burst Mode operation at in-
put voltages below 1.5V. For single cell to 5V applications
requiring Burst Mode operation, the 1MHz LTC3528 is
recommended. Refer to the Typical Performance Charac-
teristics for the Burst Mode thresholds for different input
and output voltages.
OPERATION (Refer to Block Diagram)


Similar Part No. - LTC3528-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3528-2 LINER-LTC3528-2 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3528-2 LINER-LTC3528-2 Datasheet
401Kb / 18P
   1A, 2MHz Synchronous Step-Up DC/DC Converter
LTC3528-2 LINER-LTC3528-2_15 Datasheet
401Kb / 18P
   1A, 2MHz Synchronous Step-Up DC/DC Converter
More results

Similar Description - LTC3528-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3528B-2 LINER-LTC3528B-2 Datasheet
225Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3528 LINER-LTC3528 Datasheet
268Kb / 16P
   1A, 1MHz Synchronous Step-Up DC/DC Converters in 3mm 횞 2mm DFN
LTC3427 LINER-LTC3427 Datasheet
208Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 2mm DFN Package
LTC3526-2 LINER-LTC3526-2 Datasheet
269Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526L LINER-LTC3526L Datasheet
271Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
LTC3428 LINER-LTC3428_15 Datasheet
225Kb / 12P
   4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
LTC3529 LINER-LTC3529_15 Datasheet
216Kb / 12P
   1.5A, 1.5MHz Step-Up DC/DC Converter in 2mm 3mm DFN
LTC3428 LINER-LTC3428 Datasheet
213Kb / 12P
   4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
LTC3528-2 LINER-LTC3528-2_15 Datasheet
401Kb / 18P
   1A, 2MHz Synchronous Step-Up DC/DC Converter
LTC3528B-2 LINER-LTC3528B-2_15 Datasheet
317Kb / 18P
   1A, 2MHz Synchronous Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com