Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFT300-50 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # VFT300-50
Description  VHF POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

VFT300-50 Datasheet(HTML) 1 Page - Advanced Semiconductor

  VFT300-50 Datasheet HTML 1Page - Advanced Semiconductor VFT300-50 Datasheet HTML 2Page - Advanced Semiconductor VFT300-50 Datasheet HTML 3Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/3
Specifications are subject to change without ntoice.
CHARACTERISTICS TC = 25 °C
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL MAXIMUM
UNITS
BVDSS
ID = 50 mA
125
V
IDSS
VDS = 50 V
VGS = 0 V
5.0
mA
IGSS
VDS = 0 V
VGS = 20 V
1.0
µµµµA
VGS(th)
ID = 100 mA
VDS = 10 V
1.0
5.0
V
gfs
ID = 5.0 A
VDS = 10 V
3
mho
Ciss
Coss
Crss
VDS = 50 V
VGS = 0 V
f = 1.0 MHz
350
250
20
pF
VHF POWER MOSFET
N-Channel Enhancement Mode
VFT300-50
PACKAGE STYLE .400 BAL FLG(D)
ORDER CODE: ASI10710
DESCRIPTION:
The
VFT300-50 is a gold metallized
N-Channel Enhancement mode
MOSFET intended for use in 50 Vdc
large signal applications to 175 MHz.
FEATURES:
•••• P
G = 15 dB Typ. at 300W/ 175 MHz
• Common Base configuration
• Class-a or AB
• 50 V operation
• Omnigold™ Metalization System
MAXIMUM RATINGS
ID
40 A
VDSS
125 V
VGS
± 40 V
PDISS
500 W @ TC = 25 °C
TJ
-65 °C to +150 °C
TSTG
-65 °C to +200 °C
θθθθ
JC
0.35 °C/W
MINIMUM
inches / mm
.380 / 9.65
.580 / 14.73
B
C
D
E
F
G
A
MAXIMUM
.620 / 15.75
.390 / 9.91
inches / mm
H
DIM
K
L
I
J
.003 / 0.08
.060 / 1.52
.007 / 0.18
.070 / 1.78
.230 / 5.84
N
M
.850 / 21.59
.870 / 22.10
.220 / 5.59
.230 / 5.84
.435 / 11.05
.100 / 2.54
.115 / 2.92
.407 / 10.34
.395 / 10.03
1.335 / 33.91
1.345 / 34.16
.210 / 5.33
.080x45°
A
B
F
G
H
I
J
K
L
M
(4X).060 R
.1925
D
C
E
FULL R
N
.125 / 3.18
1.090 / 27.69
1.105 / 28.07
D
D
G
G
Source connected to flange


Similar Part No. - VFT300-50

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
VFT300-50 ASI-VFT300-50 Datasheet
20Kb / 1P
   VHF POWER MOSFET N-Channel Enhancement Mode
More results

Similar Description - VFT300-50

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF134-39 ASI-MRF134-39 Datasheet
49Kb / 1P
   VHF POWER MOSFET
VFT15-28 ASI-VFT15-28_07 Datasheet
45Kb / 3P
   VHF POWER MOSFET
VFT45-28 ASI-VFT45-28_07 Datasheet
44Kb / 2P
   VHF POWER MOSFET
VFT300-28 ASI-VFT300-28_07 Datasheet
39Kb / 1P
   VHF POWER MOSFET
VFT5-28 ASI-VFT5-28_07 Datasheet
38Kb / 2P
   VHF POWER MOSFET
VFT150-50 ASI-VFT150-50_07 Datasheet
63Kb / 3P
   VHF POWER MOSFET
MRF134 ASI-MRF134 Datasheet
19Kb / 1P
   VHF POWER MOSFET
BLF145 ASI-BLF145 Datasheet
21Kb / 1P
   VHF POWER MOSFET
BLF248 ASI-BLF248 Datasheet
22Kb / 1P
   VHF POWER MOSFET
BLF278 ASI-BLF278 Datasheet
103Kb / 7P
   VHF POWER MOSFET
MRF5003 ASI-MRF5003 Datasheet
22Kb / 2P
   VHF POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com