Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3634CSM Datasheet(PDF) 1 Page - Seme LAB

Part # 2N3634CSM
Description  PNP SILICON TRANSISTOR IN A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3634CSM Datasheet(HTML) 1 Page - Seme LAB

  2N3634CSM Datasheet HTML 1Page - Seme LAB 2N3634CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 7745
Issue 1
2N3634CSM
PNP SILICON TRANSISTOR IN A
HERMETICALLY SEALED CERAMIC
SURFACE MOUNT PACKAGE FOR
HIGH RELIABILITY APPLICATIONS
FEATURES
• High Voltage Switching
• Low Power Amplifier Applications
• Hermetic Ceramic Surface Mount
Package
APPLICATIONS
• General Purpose
• High Speed Saturated Switching
• Screening Options Available
VCEO
Collector – Emitter Voltage
VCBO
Collector – Base Voltage
VEBO
Emmiter – Base Voltage
IC
Collector Current
PD
Total Device Dissipation @ TA = 25°C
Derate above 25°C
PD
Total Device Dissipation @ TC = 25°C
Derate above 25°C
TJ , TSTG
Operating and Storage Junction Temperature Range
-140V
-140V
-5V
-1A
1W
5.71mW/ °C
5W
28.6mW / °C
–65 to +200°C
MECHANICAL DATA
Dimensions in mm (inches)
LCC1
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
PAD 1 – Base
Underside View
PAD 2 – Emitter
PAD 3 – Collector
21
0.51 ± 0.10
(0.02 ± 0.004)
0.31
(0.012)
1.91 ± 0.10
(0.075 ± 0.004)
3.05 ± 0.13
(0.12 ± 0.005)
1.02 ± 0.10
(0.04 ± 0.004)
1.40
(0.055)
max.
A
0.31
(0.012)
rad.
rad.
A =
3


Similar Part No. - 2N3634CSM

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3634 BOCA-2N3634 Datasheet
219Kb / 6P
   GENERAL PURPOSE TRANSISTOR (PNP SILICON)
logo
Microsemi Corporation
2N3634 MICROSEMI-2N3634 Datasheet
57Kb / 2P
   PNP SILICON AMPLIFIER TRANSISTOR
logo
Central Semiconductor C...
2N3634 CENTRAL-2N3634 Datasheet
22Kb / 1P
   Small Signal Transistors
logo
Seme LAB
2N3634 SEME-LAB-2N3634 Datasheet
41Kb / 2P
   PNP SILICON TRANSISTOR
logo
Microsemi Corporation
2N3634 MICROSEMI-2N3634 Datasheet
233Kb / 5P
   RADIATION HARDENED
More results

Similar Description - 2N3634CSM

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2SA1013 FOSHAN-2SA1013 Datasheet
945Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SA1013T FOSHAN-2SA1013T Datasheet
923Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
BC856 FOSHAN-BC856 Datasheet
896Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
2N2907 FOSHAN-2N2907 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
2N4126 FOSHAN-2N4126 Datasheet
791Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
2SA733 FOSHAN-2SA733 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
2SB688 FOSHAN-2SB688 Datasheet
951Kb / 6P
   Silicon PNP transistor in a TO-3P Plastic Package.
2SB772D FOSHAN-2SB772D Datasheet
949Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
2SB1184 FOSHAN-2SB1184 Datasheet
730Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
2SA984 FOSHAN-2SA984 Datasheet
689Kb / 5P
   Silicon PNP transistor in a TO-92 Plastic Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com