Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3720 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N3720
Description  PNP SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3720 Datasheet(HTML) 2 Page - Seme LAB

  2N3720 Datasheet HTML 1Page - Seme LAB 2N3720 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N3720
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 6018
Issue 1
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Test Conditions
IC = -20mA
IB = 0
VCB = -60V
IE = 0
VCE = -60V
VBE(off)=-2V
VCE = -60V
VBE(off)=-2V
Tamb = 150°C
VBE = -4V
IC = 0
IC =-1A,
IB =-100mA
IC =-3A,
IB =-300mA
IC =-1A,
IB =-100mA
IC =-3A,
IB =-300mA
IC =-500mA,
VCE =-1.5V
IC =-1A,
VCE =-1.5V
IC =-1A,
VCE=-1.5V,
TC=-40°C
Parameter
V(BR)CEO
Collector – Emitter Breakdown Voltage
ICBO
Collector Cut-off Current
ICEX
Collector Cut-off Current
IEBO
Emitter Cut-off Current
VCE(sat)
Collector – Emitter Saturation Voltage
VBE(sat)
Base – Emitter Saturation Voltage
DC Current Gain
Min
Typ
Max
-60
-10
-10
-1.0
-1.0
-0.75
-1.5
-1.5
-2.3
20
25
180
Unit
V
μA
μA
mA
V
fT
Transition Frequency
Cobo
Output Capacitance
Cibo
Input Capacitance
ton
Turn on Time
toff
Turn off Time
IC =-500mA VCE = -10V
f = 30MHz
VCB = -10V
IE = 0
f = 0.1MHz
VEB = 0.5V
IC = 0
f = 0.1MHz
VCC=-12V,VBE(off) =0V,IC =1A,IB1 =0.1A
VCC=-12V, IC =1A, IB1 = IB2=100mA
60
120
1000
100
400
MHz
pF
pF
ns
ns
DYNAMIC CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
mA
V
hFE
(1) Pulse test : Pulse Width < 300
μs ,Duty Cycle < 2%
15


Similar Part No. - 2N3720

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
logo
Central Semiconductor C...
2N3720 CENTRAL-2N3720 Datasheet
22Kb / 1P
   Small Signal Transistors
logo
New Jersey Semi-Conduct...
2N3720 NJSEMI-2N3720 Datasheet
153Kb / 1P
   POWER TRANSISTORS PNP SILICON
More results

Similar Description - 2N3720

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com