Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3767SMD05 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N3767SMD05
Description  NPN BIPOLAR TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3767SMD05 Datasheet(HTML) 2 Page - Seme LAB

  2N3767SMD05 Datasheet HTML 1Page - Seme LAB 2N3767SMD05 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = 100mA
IB = 0
VCE = 100V
VBE = 1.5V
VCE = 70V
VBE = 1.5V
TA = 150°C
VEB = 6V
IC = 0
VCE = 80V
IB = 0
VCB = 100V
IE = 0
IC = 50mA
VCE = 5V
IC = 500mA
VCE = 5V
IC = 1.0A
VCE = 10V
IC = 1.0A
IB = 0.1A
IC = 1.0A
VCE = 10V
VCE = 10V
IC = 500mA
f = 10MHz
VCB = 10V
IC = 0A
f = 100KHz
VCE = 10V
IC = 100mA
f = 1.0kHz
80
100
1.0
0.75
0.7
0.1
30
40
160
20
2.5
1.5
10
50
40
OFF CHARACTERISTICS
Document Number 3781
Issue 3
2N3767SMD05
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise stated)
1) Pulse test : Pulse Width < 100
µs ,Duty Cycle <1%
2) ft is defined as the frequency at which |hfe| extrapolates to untity.
ON CHARACTERISTICS
TRANSIENT CHARACTERISTICS
V
µA
mA
V
MHz
pF
V(BR)CEO
Collector Emitter Breakdown Voltage1
ICEX
Collector Cutoff Current
IEBO
Emitter Base Cutoff Current
ICEO
Collector Emitter Cutoff Current
ICBO
Collector Base Cutoff Current
hFE
DC Current Gain
VCE(sat)
Collector Emitter Saturation Voltage
VBE
Base Emitter Voltage
fT
Transistion Frequency
COB
Common Base Output Capacitance
hfe
Small Signal Current Gain
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.


Similar Part No. - 2N3767SMD05

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3767SMD SEME-LAB-2N3767SMD Datasheet
23Kb / 2P
   NPN BIPOLAR TRANSISTOR IN A CERAMIC SURFACE MOUNT PACKAGE FOR HIGH REL APPLICATIONS
More results

Similar Description - 2N3767SMD05

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N2369A MICROSEMI-JAN2N2369A Datasheet
75Kb / 2P
   NPN BIPOLAR TRANSISTOR
2N1893 MICROSEMI-2N1893 Datasheet
64Kb / 2P
   NPN BIPOLAR TRANSISTOR
2N3501 MICROSEMI-2N3501 Datasheet
511Kb / 2P
   NPN BIPOLAR TRANSISTOR
2N3700 MICROSEMI-2N3700 Datasheet
63Kb / 2P
   NPN BIPOLAR TRANSISTOR
logo
ON Semiconductor
BUD43D2 ONSEMI-BUD43D2 Datasheet
145Kb / 12P
   Bipolar NPN Transistor
June, 2002 ??Rev. 2
logo
Microsemi Corporation
2N2369A MICROSEMI-2N2369A Datasheet
63Kb / 2P
   NPN BIPOLAR TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSC5094 HSMC-HSC5094 Datasheet
60Kb / 7P
   NPN SILICON BIPOLAR TRANSISTOR
logo
Advanced Semiconductor
AT41470 ASI-AT41470 Datasheet
14Kb / 1P
   NPN SILICON BIPOLAR TRANSISTOR
logo
KODENSHI_AUK CORP.
SUT041N KODENSHI-SUT041N Datasheet
402Kb / 6P
   Dual NPN Bipolar transistor
logo
TT Electronics.
BUX62 TTELEC-BUX62 Datasheet
186Kb / 3P
   SILICON NPN BIPOLAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com