Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA3335 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA3335
Description  PLL FM Multiplex Demodulator for 3 V Headphone Stereos and Radio-cassette Recorders
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA3335 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA3335 Datasheet HTML 1Page - Sanyo Semicon Device LA3335 Datasheet HTML 2Page - Sanyo Semicon Device LA3335 Datasheet HTML 3Page - Sanyo Semicon Device LA3335 Datasheet HTML 4Page - Sanyo Semicon Device LA3335 Datasheet HTML 5Page - Sanyo Semicon Device LA3335 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
THD–f
Frequency,f–Hz
THD–VCC
Free-running frequency:
VCC =3V
Supply voltage, VCC –V
THD–VIN
Input voltage, VIN –mV
CHsep – f
Frequency,f–Hz
Sep–VCC
Free-running frequency:
VCC =3V
Supply voltage, VCC –V
VO –VCC
Free funning frequency:
VCC =3V
Supply voltage, VCC –V
Lamp ON/OFF level – VCC
Free-running frequency :
VCC =3V
ON level
OFF level
Supply voltage, VCC –V
Capture range
Capture range, CzR–%
LA3335M
No.2619-5/6


Similar Part No. - LA3335

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA3330 LIGITEK-LA3330 Datasheet
1Mb / 5P
   ROUND TYPE LED LAMPS
LA3331-PF LIGITEK-LA3331-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
logo
Siemens Semiconductor G...
LA3336-RU SIEMENS-LA3336-RU Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LA3336-S SIEMENS-LA3336-S Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LA3336-SV SIEMENS-LA3336-SV Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
More results

Similar Description - LA3335

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCCXA1191 UTC-UTCCXA1191 Datasheet
115Kb / 7P
   FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)
logo
Sanyo Semicon Device
LA1816 SANYO-LA1816 Datasheet
400Kb / 11P
   Single-Chip AM/FM, MPX Tuner System for Headphone Stereos, Radio-Cassette Recorders
LA3361 SANYO-LA3361 Datasheet
212Kb / 8P
   PLL FM Multiplex Stereo Demodulator
LA1186N SANYO-LA1186N Datasheet
279Kb / 5P
   FM Front End for Radio-Cassette Recorders, Music Centers
LA3370 SANYO-LA3370 Datasheet
389Kb / 11P
   PLL FM Multiplex Stereo Demodulator for Car Stereo
logo
Panasonic Semiconductor
AN7465K-S PANASONIC-AN7465K-S Datasheet
334Kb / 9P
   FM NOISE CANCELLER/STEREO MULTIPLEX DEMODULATOR FOR CAR RADIO
logo
NXP Semiconductors
TDA9816M PHILIPS-TDA9816M Datasheet
286Kb / 44P
   Multistandard multimedia IF-PLL and FM radio demodulator
1997 Nov 19
logo
Sanyo Semicon Device
LA3373 SANYO-LA3373 Datasheet
178Kb / 4P
   Pilot Cancel-Provided PLL FM MPX Demodulator for Car Stereos
LA3376 SANYO-LA3376 Datasheet
290Kb / 12P
   Pilot Cancel-Provided PLL FM MPX Demodulator for Car Stereos
LA3375 SANYO-LA3375 Datasheet
287Kb / 11P
   Pilot Cancel-Provided PLL FM MPX Demodulator for Car Stereos
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com