Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6299SMD Datasheet(PDF) 2 Page - Seme LAB

Part # 2N6299SMD
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6299SMD Datasheet(HTML) 2 Page - Seme LAB

  2N6299SMD Datasheet HTML 1Page - Seme LAB 2N6299SMD Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Number 2660
Issue 2
2N6299SMD
2N6299SMD05
2N6301SMD
2N6301SMD05
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Collector – Emitter Sustaining
Voltage *
Collector Cut–off Current
Collector Cut–off Current
Emitter Cut–off Current
DC Current Gain*
Collector – Emitter Saturation
Voltage*
Base – Emitter Saturation Voltage*
Base – Emitter On Voltage*
Output Capacitance
Magnitude of Common Emitter
Small Signal Short Circuit Current
Transfer Ratio
Small Signal Current Gain*
80
0.5
0.5
5.0
2
750
18000
100
2.0
3.0
4.0
2.8
200
25
350
300
V
mA
mA
mA
V
V
V
pF
VCEO(sus)
ICEO
ICEX
IEBO
hFE
VCE(sat)
VBE(sat)
VBE(on)
Cob
hfe
hfe
Notes
DYNAMIC CHARACTERISTICS
ON CHARACTERISTICS
OFF CHARACTERISTICS
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
* Pulse test: tp = 300µs , Duty Cycle = 2%
IC = 100mA
IB = 0
VCE = 40V
IB = 0
VCE = Rated VCB VBE(off) = 1.5V
TC = 150°C
VBE = 5V
IC = 0
VCE = 3V
IC = 4A
VCE = 3V
IC = 8A
IC = 4A
IB = 16mA
IC = 8A
IB = 80mA
IC = 8A
IB = 80mA
VCE = 3V
IC = 4A
VCB = 10V
IE = 0
f = 0.1MHz
VCE = 3V
IC = 3A
f = 1MHz
VCE = 3V
IC = 3A
f = 1kHz


Similar Part No. - 2N6299SMD

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6299 MOSPEC-2N6299 Datasheet
177Kb / 4P
   POWER TRANSISTORS(8A, 75W)
logo
M/A-COM Technology Solu...
2N6299 MA-COM-2N6299 Datasheet
505Kb / 3P
   PNP Darlington Power Silicon Transistor
logo
Boca Semiconductor Corp...
2N6299 BOCA-2N6299 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Microsemi Corporation
2N6299 MICROSEMI-2N6299 Datasheet
65Kb / 2P
   PNP DARLINGTON POWER SILICON TRANSISTOR
logo
Central Semiconductor C...
2N6299 CENTRAL-2N6299 Datasheet
51Kb / 1P
   Power Transistors
More results

Similar Description - 2N6299SMD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com