Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6661DCSM Datasheet(PDF) 2 Page - Seme LAB

Part # 2N6661DCSM
Description  DUAL N?밅HANNEL ENHANCEMENT MODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6661DCSM Datasheet(HTML) 2 Page - Seme LAB

  2N6661DCSM Datasheet HTML 1Page - Seme LAB 2N6661DCSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N6661DCSM
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be
both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab
encourages customers to verify that datasheets are current before placing orders.
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
DOC 8874, ISSUE 1
STATIC ELECTRICAL RATINGS (Each Side - T
case=25°C unless otherwise stated)
Parameter
Test Conditions
Min. Typ.
Max.
Unit
V(BR)DSS
Drain – Source Breakdown Voltage
VGS = 0V
ID = 1.0µA
90
-
-
VDS = VGS
ID = 1.0mA
0.8
-
2
TC = 125°C
0.3
-
-
VGS(th)
Gate – Source threshold Voltage
TC = -55°C
-
-
2.5
V
VGS = ±20V
VDS = 0V
-
-
±100
IGSS
Gate – Source Leakage Current
TC = 125°C
-
-
±500
nA
VDS = 72V
VGS = 0V
-
-
1.0
IDSS
Zero Gate Voltage Drain Current
TC = 125°C
-
-
100
µA
ID(on)
On – State Drain Current (note 3)
VDS = 15V
VGS = 10V
1.5
-
-
A
VGS = 5V
ID = 0.3A
-
-
5.3
VGS = 10V
ID = 1.0A
-
-
4
RDS(on)
Drain – Source On Resistance
(note 3)
TC = 125°C
-
-
7.5
VGS = 5V
ID = 0.3A
-
-
1.6
VGS = 10V
ID = 1.0A
-
-
4
VDS(on)
Drain – Source On Voltage (note 3)
TC = 125°C
-
-
7.5
V
gFS
Forward Transconductance (Note 3)
VDS = 7.5V
ID = 0.475A
170
-
-
ms
VSD
Diode Forward Voltage (Note 3)
VGS = 0V
Is = 0.86A
0.7
-
1.4
V
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
-
50
-
Coss
Output Capacitance
-
40
-
Crss
Reverse Transfer Capacitance
VDS = 25V
f = 1.0MHz
VGS = 0V
-
10
-
pF
Td(on)
Turn-On Delay
-
10
-
Td(off)
Turn-Off Delay Time
VDD = 25V
RGS = 50
ID = 1A
(Note 3)
-
10
-
ns
MATCHING CHARACTERISTICS FET1 to FET2
VGS(th) M
Gate – Source threshold Voltage
Matching
VDS = VGS
ID = 1mA
-
-
±25
mV
gFSM
Forward Transconductance Matching
(Note 3)
VDS = 7.5V
ID = 0.475A
-
-
50
ms


Similar Part No. - 2N6661DCSM

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
2N6661 SUTEX-2N6661 Datasheet
21Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
logo
Seme LAB
2N6661 SEME-LAB-2N6661 Datasheet
17Kb / 2P
   N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
logo
Motorola, Inc
2N6661 MOTOROLA-2N6661 Datasheet
441Kb / 3P
   TMOS SWITCHING FET TRANSISTORS
logo
Vishay Siliconix
2N6661 VISHAY-2N6661 Datasheet
46Kb / 4P
   N-Channel 80-V and 90-V (D-S) MOSFETS
Rev. C, 16-Jul-01
logo
Supertex, Inc
2N6661 SUTEX-2N6661 Datasheet
395Kb / 3P
   N-Channel Enhancement-Mode Vertical DMOS FETs
More results

Similar Description - 2N6661DCSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6800LCC4 SEME-LAB-2N6800LCC4 Datasheet
102Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE
ZVN2106B SEME-LAB-ZVN2106B Datasheet
105Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE MOSFET
SML2308CSM4 SEME-LAB-SML2308CSM4 Datasheet
21Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE MOSFET
2N6660CSM4_0809 SEME-LAB-2N6660CSM4_0809 Datasheet
135Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE MOSFET
2N6782 SEME-LAB-2N6782_01 Datasheet
57Kb / 2P
   N?밅HANNEL POWER MOSFET ENHANCEMENT MODE
2N6794 SEME-LAB-2N6794_01 Datasheet
57Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE POWER MOSFET
2N7000CSM SEME-LAB-2N7000CSM_06 Datasheet
48Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE MOS TRANSISTOR
2N6802 SEME-LAB-2N6802 Datasheet
23Kb / 2P
   N?밅HANNEL ENHANCEMENT
SML50A21 SEME-LAB-SML50A21_07 Datasheet
46Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML50A23 SEME-LAB-SML50A23 Datasheet
25Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com