Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIPXI-6608 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # NIPXI-6608
Description  32-Bit Counter/Timers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXI-6608 Datasheet(HTML) 3 Page - National Instruments Corporation

  NIPXI-6608 Datasheet HTML 1Page - National Instruments Corporation NIPXI-6608 Datasheet HTML 2Page - National Instruments Corporation NIPXI-6608 Datasheet HTML 3Page - National Instruments Corporation NIPXI-6608 Datasheet HTML 4Page - National Instruments Corporation NIPXI-6608 Datasheet HTML 5Page - National Instruments Corporation NIPXI-6608 Datasheet HTML 6Page - National Instruments Corporation NIPXI-6608 Datasheet HTML 7Page - National Instruments Corporation NIPXI-6608 Datasheet HTML 8Page - National Instruments Corporation NIPXI-6608 Datasheet HTML 9Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
388 National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
Overview and Applications
NI 660x devices are timing and digital I/O (DIO) modules for PCI
and PXI. They offer up to eight 32-bit counter/timers and up to
32 lines of 5 V TTL/CMOS-compatible digital I/O. You can perform
a wide variety of buffered measurements or other counter/timer
tasks with NI 660x devices, including position or quadrature encoder
measurement, event counting, period measurement, pulse-width
measurement, frequency measurement, pulse generation, and pulse-
train generation.
Features
Counter/Timers
The NI 660x devices are equipped with the NI-TIO ASIC, a
National Instruments counter and digital I/O ASIC for advanced
timing and counting applications. Each NI 6602 and NI 6608 device
features two NI-TIO ASICs to provide a total of eight counter/timers.
The PCI-6601 board features one NI-TIO ASIC for a total of four
counter/timers. The counters are software-compatible with those
found on E Series multifunction DAQ devices, but NI 660x devices
offer additional capabilities.
Each counter has a gate, up/down, and source signal, which can be
controlled by external or internal signals. Each counter has one
output that can be routed externally or to other counters on the
device. 20 MHz and 100 kHz timebases are available on each device
for use with each counter/timer. In addition, an 80 MHz timebase is
available on the NI 6602 and NI 6608 devices. A hardware trigger can
be used to start multiple counters simultaneously. See Table 1 for
more information.
•Up to eight 32-bit counter/timers
• 80 MHz maximum source frequency
(125 MHz with prescalers)
•Debouncing and glitch removal
•High-stability timebase
(PXI-6608 only)
• GPS-based synchronization
(PXI-6608 only)
• NI DAQ driver simplifies
configuration and measurements
Models
•NI PCI-6601
•NI PCI-6602
• NI PXI-6602
• NI PXI-6608
Operating Systems
•Windows 2000/NT/XP
•Real-time performance
with LabVIEW (p. 134)
•Others such as Linux and Mac OS X
(page 187)
Recommended Software
• LabVIEW
• LabWindows/CVI
•Measurement Studio
Other Compatible Software
•Visual Basic
•Visual C/C++, C#
Driver Software (included)
• NI-DAQ 7
Calibration Certificate Included
See page 21.
NI 660x
32-Bit Counter/Timers
Debouncing/
Counter/
Max Source
Pulse
Buffered
Glitch
Oscillator
GPS
Buffered Operations2
Family
Bus
Timers
Size
Frequency
Compatibility
Digital I/O
Generation
Operations
Removal
Stability
Synchr.
DMA
Interrupt
NI 6601
PCI
4
32 bits
20 MHz1
5 V TTL/CMOS
Up to 32
✓✓
50 ppm
1
3
NI 6602
PCI
8
32 bits
80 MHz1
5 V TTL/CMOS
Up to 32
✓✓
50 ppm
3
5
PXI
NI 6608
PXI
8
32 bits
80 MHz1
5 V TTL/CMOS
Up to 32
✓✓
75 ppb
35
1
Max Source Frequency with prescalers is 60 MHz for the NI 6601 and 125 MHz for the NI 6602 and NI 6608. These frequencies are dependent on drive strength of input signal and cable length. Consider these speeds to be the maximum. 2DMA transfers
have higher throughput than interrupt transfers.
Table 1. NI 660x Products Specifications Summary (See page 393 for detailed specifications.)


Similar Part No. - NIPXI-6608

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXI-6624 NI-NIPXI-6624 Datasheet
343Kb / 4P
   Industrial, Channel-Channel Isolated,32-Bit Counter/Timers
NIPXI-6682 NI-NIPXI-6682 Datasheet
728Kb / 4P
   GPS, IEEE 1588, and IRIG-B Timing and Synchronization Modules for PXI and PXI Express
NIPXI-6682H NI-NIPXI-6682H Datasheet
728Kb / 4P
   GPS, IEEE 1588, and IRIG-B Timing and Synchronization Modules for PXI and PXI Express
More results

Similar Description - NIPXI-6608

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI6624 NI-NI6624 Datasheet
343Kb / 4P
   Industrial, Channel-Channel Isolated,32-Bit Counter/Timers
logo
Mitsubishi Electric Sem...
M58479P MITSUBISHI-M58479P Datasheet
235Kb / 4P
   CMOS COUNTER/TIMERS
logo
Dallas Semiconductor
DS1371 DALLAS-DS1371_07 Datasheet
498Kb / 15P
   I2C, 32-Bit Binary Counter
logo
Maxim Integrated Produc...
DS1672 MAXIM-DS1672_11 Datasheet
197Kb / 15P
   I2C 32-Bit Binary Counter RTC
Rev 9/11
DS1672 MAXIM-DS1672 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
logo
Keysight Technologies
53220A KEYSIGHT-53220A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
53210A KEYSIGHT-53210A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
53230A KEYSIGHT-53230A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
logo
LSI Computer Systems
LS7366R LSI-LS7366R_14 Datasheet
716Kb / 17P
   32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
LS7366 LSI-LS7366 Datasheet
83Kb / 10P
   32 BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com