Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP400G-CB Datasheet(PDF) 1 Page - Seme LAB

Part # SMP400G-CB
Description  P.I.N. PHOTODIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SMP400G-CB Datasheet(HTML) 1 Page - Seme LAB

  SMP400G-CB Datasheet HTML 1Page - Seme LAB SMP400G-CB Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cathode
Anode
Case
1
2
3
1
2
3
2.54
Ø 5.4
Ø 4.7
Ø 0.45
Lead
SMP400G-CB
Prelim. 1/98
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
MECHANICAL DATA
Dimensions in mm.
P.I.N. PHOTODIODE
DESCRIPTION
The SMP400G-CB contains a Silicon P.I.N. photodiode
incorporated in a compact, hermetic metal can package.
The electrical terminations are via three leads of diameter
0.008" on a pitch centre diameter of 0.1". The photodiode
is electrically isolated from the package, which has a
separate earth lead.
The photodiode structure has been optimised for high
sensitivity, high speed light measurement applications
acrosss the infra-red to ultra-violet spectrum. Inclusion of a
suitable optical filter into the package can produce a device
that responds only to ultra-violet light. The metal can,
isolated photodiode and optional screening mesh ensure a
rugged device with a high degree of immunity to conducted
and radiated electrical interference.
TO-18 Package
Operating temperature range
Storage temperature range
Temperature coefficient of responsively
Temperature coefficient of dark current
Reverse breakdown voltage
-40°C to +70°C
-45°C to +80°C
0.35% per °C
x2 per 8°C rise
60V
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• PHOTODIODE ISOLATED FROM PACKAGE
• ENHANCED UV SENSITIVITY
• EXCELLENT LINEARITY
• LOW NOISE
• WIDEST SPECTRAL RESPONSE
• WIDE INTRINSIC BANDWIDTH
• LOW LEAKAGE CURRENT
• LOW CAPACITANCE
• INTEGRAL OPTICAL FILTER OPTION note 1
• TO18 HERMETIC METAL CAN PACKAGE
• EMI SCREENING MESH AVAILABLE
Note 1 Contact Semelab Plc for filter options
Pin 1 – Anode
Pin 2 – Cathode
Pin 3 –Case


Similar Part No. - SMP400G-CB

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SMP400G-CA SEME-LAB-SMP400G-CA Datasheet
56Kb / 2P
   P.I.N. PHOTODIODE
SMP400G-CC SEME-LAB-SMP400G-CC Datasheet
37Kb / 2P
   P.I.N. PHOTODIODE
SMP400G-CD SEME-LAB-SMP400G-CD Datasheet
56Kb / 2P
   P.I.N. PHOTODIODE
SMP400G-CE SEME-LAB-SMP400G-CE Datasheet
33Kb / 2P
   P.I.N. PHOTODIODE
More results

Similar Description - SMP400G-CB

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SMP600G-EN SEME-LAB-SMP600G-EN Datasheet
25Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-X3 SEME-LAB-SMP550G-X3 Datasheet
56Kb / 2P
   P.I.N. PHOTODIODE
SMP600G-EM SEME-LAB-SMP600G-EM Datasheet
69Kb / 2P
   P.I.N. PHOTODIODE
SMP400G-X1 SEME-LAB-SMP400G-X1 Datasheet
52Kb / 2P
   P.I.N. PHOTODIODE
SMP525G-FJ SEME-LAB-SMP525G-FJ Datasheet
77Kb / 4P
   P.I.N. PHOTODIODE
SMP525G-FM SEME-LAB-SMP525G-FM Datasheet
82Kb / 4P
   P.I.N. PHOTODIODE
SMP550G-FL SEME-LAB-SMP550G-FL Datasheet
71Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-FM SEME-LAB-SMP550G-FM Datasheet
71Kb / 2P
   P.I.N. PHOTODIODE
SMP525G-EK SEME-LAB-SMP525G-EK Datasheet
76Kb / 4P
   P.I.N. PHOTODIODE
SMP550G-X2 SEME-LAB-SMP550G-X2 Datasheet
26Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-X4 SEME-LAB-SMP550G-X4 Datasheet
26Kb / 2P
   P.I.N. PHOTODIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com