Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIMID-7604 Datasheet(PDF) 4 Page - National Instruments Corporation

Part # NIMID-7604
Description  High-Performance Stepper/Servo Motion Controllers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIMID-7604 Datasheet(HTML) 4 Page - National Instruments Corporation

  NIMID-7604 Datasheet HTML 1Page - National Instruments Corporation NIMID-7604 Datasheet HTML 2Page - National Instruments Corporation NIMID-7604 Datasheet HTML 3Page - National Instruments Corporation NIMID-7604 Datasheet HTML 4Page - National Instruments Corporation NIMID-7604 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications
Performance
PID update rate range.........................
62.5 to 500 µs/sample
Maximum PID update rate .............
62.5 µs/axis
8-axis PID update rate....................
250 µs total
Multiaxis synchronization ...................
<1 update sample
Trajectory parameters
Absolute position range .................
±231 counts
Maximum relative move size .........
±231 counts
S-curve time range .........................
1 to 32,767 samples
Following error range .....................
±32,767 counts
Velocity range .................................
Servo: 1 to ±20,000,000 counts/s
Velocity range .................................
Stepper: 1 to 8,000,000 steps/s
Acceleration/deceleration ..............
244 to 512,000,000 counts/s2 at
a PID rate of 250 µs
Gear ratio........................................
±32,767:1 to ±1:32,767
Servo control loop modes ...................
PID, PIVff, S-curve, dual loop
PID (Kp, Ki, and Kd) gains...............
0 to 32,767
Stepper outputs
Maximum pulse rate ......................
8 MHz (full, half, and microstep)
Minimum pulse width ....................
50 ns at >4 MHz
Step output mode ...........................
Step and direction or CW/CCW
Voltage range .................................
0 to 5 V
System Safety
Watchdog timer function....................
Resets board to startup state
Shutdown input...................................
Disable all axes and
command outputs
Motion I/O
Servo command analog outputs
Voltage range .................................
±10 V, 16 bits (0.000305 V/ LSB)
Programmable torque (velocity) limits and
programmable offset..................
±10 V (-32,768 to +32,767)
Encoder inputs ....................................
Quadrature, incremental,
single-ended
Maximum count rate ......................
20 MHz
Forward, reverse, and home inputs
Number of inputs............................
24 (3 per axis)
Control ............................................
Individual enable/disable,
stop on input, prevent motion,
find reference
Trigger (position capture) inputs.........
8 (one per axis)
Maximum buffered capture rate1...
2 kHz per axis
Breakpoint (position compare) outputs..
8 (one per axis),
programmable polarity
Maximum periodic rate ..................
4 MHz
Maximum buffered trigger rate1 ....
2 kHz per axis
Inhibit/enable output ..........................
8 (one per axis),
programmable polarity
Analog inputs ......................................
up to 8, 16-bit resolution,
±10 V range, 25 µs scan rate
Analog outputs....................................
8, 16-bit resolution, ±10 V range
1
Assumes a PID update rate of 250 µs. 2 kHz per axis for PID rates between 62.5 and 250 µs,
and 1 kHz per axis for PID rates greater than 250 µs. This value must not exceed 8 kHz total for
all ongoing buffered breakpoint (position compare) and trigger (position capture) operations.
Digital I/O
Ports ....................................................
8, 8-bit TTL ports, bit configurable,
sink or source 24 mA outputs
Open-loop PWM outputs
Number of PWM outputs ...............
2, 50 kHz
Clock sources..................................
Internal or external
Power Requirements
+3.3 V (±10%)......................................
2 A
+5 V (±5%)...........................................
2 A
+12 V (±5%).........................................
30 mA
-12 V (±10%) .......................................
0 mA
Power consumption ............................
18 W, maximum
Physical
Dimensions (not including connectors)
PXI ...................................................
16 by 10 cm (6.3 by 3.9 in.)
PCI ...................................................
17.5 by 9.9 cm (6.9 by 3.9 in.)
Connectors
Motion I/O connector .....................
68-pin female high-density
VHDCI type
Digital I/O connector ......................
68-pin female high-density
VHDCI type
Environment
Operating temperature .......................
0 to 55 °C
Storage temperature...........................
-20 to 70 °C
Relative humidity range......................
10 to 90% (noncondensing)
High-Performance Stepper/Servo Motion Controllers
4
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)


Similar Part No. - NIMID-7604

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIMID-7604 NI-NIMID-7604 Datasheet
217Kb / 4P
   Mid-Range Stepper/Servo Motion Controllers
More results

Similar Description - NIMID-7604

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI734X NI-NI734X Datasheet
217Kb / 4P
   Mid-Range Stepper/Servo Motion Controllers
logo
Adlink Technology Inc.
PCIE-8158 ADLINK-PCIE-8158 Datasheet
171Kb / 2P
   Advanced 8/4-axis Servo & Stepper Motion Controllers
PCI-8164 ADLINK-PCI-8164 Datasheet
494Kb / 1P
   Advanced 4-axis Servo & Stepper Motion Controllers with High-Speed Triggering
logo
National Instruments Co...
NI7330 NI-NI7330 Datasheet
113Kb / 2P
   Low-Cost Stepper Motion Controllers
logo
Adlink Technology Inc.
PCI-8158 ADLINK-PCI-8158 Datasheet
361Kb / 2P
   Advanced 8/4-axis Servo & Stepper Motion Controllers with Modular Design
logo
Nippon Pulse America, I...
PCD46X1A NPM-PCD46X1A Datasheet
657Kb / 2P
   Economical Motion Controllers for Stepper Motors
logo
Adlink Technology Inc.
PCI-8102 ADLINK-PCI-8102 Datasheet
448Kb / 1P
   Advanced 2-axis Servo & Stepper Motion Controller
PCI-8134A ADLINK-PCI-8134A Datasheet
613Kb / 1P
   Entry-level 4-axis Servo & Stepper Motion Controller
logo
TRINAMIC Motion Control...
PD-109 TRINAMIC-PD-109_06 Datasheet
186Kb / 2P
   High power stepper motor motion system
logo
CUI INC
NEMA17-AMT112S CUI-NEMA17-AMT112S Datasheet
863Kb / 7P
   STEPPER SERVO MOTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com