Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NI1411 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # NI1411
Description  Single-Channel Color or Monochrome Image Acquisition
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NI1411 Datasheet(HTML) 1 Page - National Instruments Corporation

  NI1411 Datasheet HTML 1Page - National Instruments Corporation NI1411 Datasheet HTML 2Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
596 National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
Overview and Applications
For high-quality analog color image acquisition at an affordable
price, National Instruments offers the NI 1411 Series, which
consists of PCI and PXI plug-in image acquisition devices that
accept analog video input from standard color or monochrome
cameras. These devices come with easy-to-use image acquisition
driver software. Unlike multimedia “frame grabbers”, the NI 1411
Series features increased image processing throughput, such as
on-the-fly color conversion to HSL and partial image acquisition
with programmable region of interest.
Real-Time Color Conversion
Real-time color conversion is especially useful for high-speed color
matching in industrial or scientific applications, even in varying
illumination. An example of HSL in action is using color to inspect
the presence of an object even though there are shadows and/or
reflections. Lighting variations do not affect the image (hue). Use
the powerful color matching functions in IMAQ Vision to locate
objects quickly and accurately with the onboard HSL conversion.
Easy-to-Use Driver Software
National Instruments NI-IMAQ driver level software offers the
most comprehensive software interface for image acquisition.
NI 1411 Series devices are shipped with the NI-IMAQ image
acquisition
driver
software
and
National
Instruments
Measurement & Automation Explorer for easy configuration of
NTSC and PAL color cameras. Using NI-IMAQ, you can quickly and
easily start your application without having to program at the
register level. You can program your image acquisition application
in LabVIEW, LabWindows/CVI, and Measurement Studio.
In addition, NI-IMAQ controls the NI
1411 digital I/O line.
Performance Gains with
Partial Image Acquisition
The NI 1411 Series includes features
that improve overall image acquisition
and image processing speed. You can
choose to acquire only a portion
of the image using the onboard
programmable ROI feature. You can configure the size of the
acquired image using Measurement & Automation Explorer, or use
the ROI tools in the NI-IMAQ driver software to transfer only a
subset of the image to PC memory for processing. Partial image
scanning results in fewer pixels to process. For example, using
partial image scanning, you can reduce a 640 by 480 image to a
400 by 400 image and increase your processing speed by
operating on 48 percent fewer pixels.
Color Image Acquisition Performance Gains
with Onboard Decimation
Onboard decimation also provides image acquisition and
processing performance gains by allowing onboard scaling or
decimating of the image without using the PC processor. Onboard
decimation scales the image by removing every second, fourth, or
eighth pixel (powers of two only). By reducing the number of pixels
(decimation) on the IMAQ board, the system has fewer pixels to
process with the PC processor. If you remove every other pixel
using onboard decimation, the image size decreases by
50 percent, which speeds up your processing.
• Color or monochrome acquisition
•1 NTSC, PAL, S-Video, RS-170, or
CCIR input
• Onboard real-time HSL color
conversion for fast color matching
• Partial image acquisition with
onboard programmable region
of interest
• Onboard pixel decimation
•Programmable gain and offset
•3 by 8-bit RGB look-up table
•1 external trigger/digital I/O line
•Transfer rates up to 132 Mbytes/s
Models
• NI PCI-1411
• NI PXI-1411
Operating Systems
•Windows 2000/NT/XP/Me/9x
Recommended Software
• LabVIEW
• Measurement Studio
•Vision Development Module
- IMAQ Vision
- NI Vision Builder
Other Compatible Software
• C/C++
Driver Software (included)
• NI-IMAQ
NI 1411
Single-Channel Color or Monochrome
Image Acquisition
INFO CODES
For more information,
or to order products
online visit ni.com/info
and enter:
pci1411
pxi1411
BUY ONLINE!
596-597 Single Channel Color
11/11/02
4:31 PM
Page 596


Similar Part No. - NI1411

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
NI14-G18-ADZ30X2-7M TURCK-NI14-G18-ADZ30X2-7M Datasheet
344Kb / 3P
   Inductive Sensor – With Increased Switching Distance
11/07/2023
NI14-G18-ADZ30X2-B1331 TURCK-NI14-G18-ADZ30X2-B1331 Datasheet
352Kb / 3P
   Inductive Sensor – With Increased Switching Distance
11/07/2023
NI14-G18-RDZ30X2 TURCK-NI14-G18-RDZ30X2 Datasheet
344Kb / 3P
   Inductive Sensor – With Increased Switching Distance
11/07/2023
NI14-G18-RDZ30X2-B1331 TURCK-NI14-G18-RDZ30X2-B1331 Datasheet
352Kb / 3P
   Inductive Sensor – With Increased Switching Distance
11/07/2023
NI14-G18-Y1X TURCK-NI14-G18-Y1X Datasheet
317Kb / 4P
   Inductive Sensor
11/07/2023
More results

Similar Description - NI1411

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PCI-1405 NI-PCI-1405 Datasheet
277Kb / 3P
   Low-Cost Single-Channel Color or Monochrome Image Acquisition
NI1409 NI-NI1409 Datasheet
475Kb / 3P
   4-Channel Monochrome Image Acquisition
logo
Agilent(Hewlett-Packard...
ADCS-1121 HP-ADCS-1121 Datasheet
92Kb / 2P
   CMOS Monochrome Image Sensors
logo
Rohm
IA2008-MB20A ROHM-IA2008-MB20A Datasheet
41Kb / 4P
   MONOCHROME IMAGE SENSOR HEAD
logo
National Instruments Co...
NIPCIE-1430 NI-NIPCIE-1430 Datasheet
145Kb / 4P
   Dual-Channel Camera Link Image Acquisition
logo
Rohm
IA2008-MB82A ROHM-IA2008-MB82A Datasheet
56Kb / 4P
   Monochrome image sensor heads for FAX
logo
National Instruments Co...
NI1428 NI-NI1428 Datasheet
55Kb / 3P
   Camera Link Image Acquisition
777662-01 NI-777662-01 Datasheet
1Mb / 6P
   Digital Camera Image Acquisition
logo
Rohm
IA2008-MB90A ROHM-IA2008-MB90A Datasheet
53Kb / 4P
   Monochrome image sensor heads for FAX
logo
STMicroelectronics
VV5430 STMICROELECTRONICS-VV5430 Datasheet
289Kb / 33P
   Monochrome Analog Output CMOS Image Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com