Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NI7852R Datasheet(PDF) 7 Page - National Instruments Corporation

Part # NI7852R
Description  R Series Intelligent DAQ-Data Acquisition and Control with Onboard Processing
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NI7852R Datasheet(HTML) 7 Page - National Instruments Corporation

  NI7852R Datasheet HTML 1Page - National Instruments Corporation NI7852R Datasheet HTML 2Page - National Instruments Corporation NI7852R Datasheet HTML 3Page - National Instruments Corporation NI7852R Datasheet HTML 4Page - National Instruments Corporation NI7852R Datasheet HTML 5Page - National Instruments Corporation NI7852R Datasheet HTML 6Page - National Instruments Corporation NI7852R Datasheet HTML 7Page - National Instruments Corporation NI7852R Datasheet HTML 8Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Environmental
NI 78xxR devices are intended for indoor use only.
Operating Environment
NI 781xR..............................................
0 to 55 °C (tested in
accordance with IEC-60068-2-1
and IEC-60068-2-2)
NI 7830R, NI 7831R
40 or 80 MHz timebase ..................
0 to 55 °C (tested in
accordance with IEC-60068-2-1
and IEC-60068-2-2)
NI 7833R/7841R/7842R/7851R/7852R/7853R/7854R
40 MHz timebase ...........................
0 to 55 °C (tested in
accordance with IEC-60068-2-1
and IEC-60068-2-2)
80 MHz timebase ...........................
0 to 55 °C except the
following: 0 to 45 °C when
installed in an NI PXI-1000/B or
NI PXI-101x (tested in
accordance with IEC-60068-2-1
and IEC-60068-2-2)
Relative humidity range......................
10 to 90%, noncondensing
(tested in accordance with
IEC-60068-2-56)
Altitude................................................
2,000 m at 25 °C
ambient temperature
Storage Environment
Ambient temperature range ...............
-20 to 70 °C (tested in
accordance with IEC-60068-2-1
and IEC-60068-2-2)
Relative humidity range......................
5 to 95%, noncondensing
(tested in accordance with
IEC-60068-2-56)
Note: Clean the device with a soft, nonmetallic brush. Make sure that
the device is completely dry and free from contaminants before returning
it to service.
Shock and Vibration (for NI PXI-78xxR Only)
Operational shock ...............................
30 g peak, half-sine, 11 ms
pulse (tested in accordance
with IEC-60068-2-27; test
profile developed in accordance
with MIL-PRF-28800F)
Random vibration
Operating ........................................
5 to 500 Hz, 0.3 grms
Nonoperating ..................................
5 to 500 Hz, 2.4 grms
(tested in accordance with
IEC-60068-2-64; nonoperating test
profile exceeds the requirements
of MIL-PRF-28800F, Class 3)
Safety and Compliance
Safety
NI 78xxR devices are designed to meet the requirements of the following
standards of safety for electrical equipment for measurement, control,
and laboratory use:
• IEC 61010-1, EN 61010-1
• UL 61010-1, CSA 61010-1
Note: For UL and other safety certifications, refer to the product label or
visit ni.com/certification, search by model number or product line, and
click the appropriate link in the Certification column.
Electromagnetic Compatibility
This product meets the requirements of the following EMC standards
for electrical equipment for measurement, control, and laboratory use:
• EN 61326 (IEC 61326): Class A emissions; Basic immunity
• EN 55011 (CISPR 11): Group 1, Class A emissions
• AS/NZS CISPR 11: Group 1, Class A emissions
• FCC 47 CFR Part 15B: Class A emissions
• ICES-001: Class A emissions
CE Compliance
This product meets the essential requirements of applicable European
Directives, as amended for CE marking, as follows:
• 2006/95/EC; Low-Voltage Directive (safety)
• 2004/108/EC; Electromagnetic Compatibility Directive (EMC)
Note: Refer to the Declaration of Conformity (DoC) for this product for
any additional regulatory compliance information. To obtain the DoC for
this product, visit ni.com/certification, search by model number or
product line, and click the appropriate link in the Certification column.
Environmental Management
National Instruments is committed to designing and manufacturing
products in an environmentally responsible manner. NI recognizes that
eliminating certain hazardous substances from our products is beneficial
not only to the environment but also to NI customers.
For additional environmental information, refer to the NI and the
Environment Web page at ni.com/environment. This page contains the
environmental regulations and directives with which NI complies, as
well as other environmental information not included in this document.
Waste Electrical and Electronic Equipment (WEEE)
EU Customers: At the end of their life cycle, all products must be
sent to a WEEE recycling center. For more information about WEEE
recycling centers and National Instruments WEEE initiatives,
visit ni.com/environment/weee.htm.
R Series Intelligent DAQ –
Data Acquisition and Control with Onboard Processing
7
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)


Similar Part No. - NI7852R

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI7852R NI-NI7852R Datasheet
377Kb / 17P
   NI R Series Multifunction RIO
More results

Similar Description - NI7852R

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7557-01 HAMAMATSU-C7557-01_15 Datasheet
1Mb / 7P
   For control of multichannel detector head and data acquisition
C7557-01 HAMAMATSU-C7557-01 Datasheet
552Kb / 7P
   For control of multichannel detector head and data acquisition
logo
Toshiba Semiconductor
TLP206A TOSHIBA-TLP206A_14 Datasheet
406Kb / 6P
   Measurement Instrument Data Acquisition Programmable Control
logo
Broadcom Corporation.
AFBR-S20M2XX BOARDCOM-AFBR-S20M2XX Datasheet
267Kb / 2P
   Miniature Spectrometer with Onboard Processing for Mobile Applications and Industrial Integration
logo
Toshiba Semiconductor
TLP206A TOSHIBA-TLP206A Datasheet
271Kb / 6P
   MEASUREMENT INSTRUMENT DATA ACQUISITION PROGRAMMABLE CONTROL
logo
Semtech Corporation
XE8801A SEMTECH-XE8801A Datasheet
1Mb / 135P
   Data Acquisition with ZoomingADC?
logo
Toshiba Semiconductor
TLP202A TOSHIBA-TLP202A_14 Datasheet
234Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP222AF TOSHIBA-TLP222AF Datasheet
181Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP592A TOSHIBA-TLP592A Datasheet
174Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
logo
PHOENIX CONTACT
2403042 PHOENIX-2403042 Datasheet
54Kb / 2P
   Full SCADA (Supervisory Control And Data Acquisition) function with visualization, trend representation, and alarm management
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com