Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIPCI-5124 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # NIPCI-5124
Description  150MHz,200MS/s,12-BitDigitizersa
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPCI-5124 Datasheet(HTML) 1 Page - National Instruments Corporation

  NIPCI-5124 Datasheet HTML 1Page - National Instruments Corporation NIPCI-5124 Datasheet HTML 2Page - National Instruments Corporation NIPCI-5124 Datasheet HTML 3Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Overview
National Instruments 5124 high-resolution digitizers feature two
200 MS/s simultaneously sampled input channels with 12-bit
resolution, 150 MHz bandwidth, and up to 512 MB of memory per
channel in a 3U PXI or PCI module. NI 5124 devices use the high-
speed PCI bus and the scatter-gather bus mastering of the NI MITE
ASIC to move data to the computer at speeds up to 100 times faster
than traditional instrument interfaces, thereby dramatically
decreasing overall test time. With the Synchronization and Memory
Core (SMC) architecture of an NI 5124, you can create mixed-signal
systems
using
signal
generators
and
digital
waveform
generators/analyzers or build a high-channel-count digitizer with
sub-nanosecond synchronization between channels.
Dual 200 MS/s, 12-Bit Input Channels
for Time and Frequency Analysis
• 150 MHz input bandwidth with antialias and noise filters
• >75 dBc spurious-free dynamic range (SFDR)
• 4.0 GS/s equivalent time sampling for repetitive signals
• Independent channel selectable 200 mVpp to 20 Vpp input ranges
• Independent channel selectable 50 Ω or 1 MΩ input impedance
• 2-year calibration cycle and 0 to 55 ˚C operating temperature
Deep Onboard Memory
• 8, 32, 256, or 512 MB of memory per channel
• Capture more than 1 million triggered waveforms with multiple
record hardware rearm
• Stream data continuously from onboard memory to host memory
or disk
Triggering, Clocking, and Synchronization
• Edge, window, hysteresis, video, digital, triggering with
50 ps timestamping
• Pre and posttrigger acquisition in single and multiple-record mode
• Internal 200 MHz clock or external clock from 50 to 210 MHz
• Phase lock to PXI 10 MHz reference or external reference from
1 to 20 MHz
Software
• IVI-compliant NI-SCOPE driver for
LabVIEW, LabWindows/CVI, and
Microsoft C++ and Visual Basic with
more than 50 built-in measurements
• Scope Soft Front Panel
for interactive control
• Spectral Measurements Toolkit
for sophisticated frequency-domain
measurements in communications,
signal intelligence, and
avionics applications
150 MHz, 200 MS/s, 12-Bit Digitizers
• 2 channels simultaneously sampled at
12-bit resolution
• 200 MS/s real-time and 4.0 GS/s
random interleaved sampling
• 150 MHz bandwidth
• 200 mVpp to 20 Vpp input ranges
• >75dBc SFDR
• 8, 32, 256, or 512 MB of memory
per channel
• Edge, window, hysteresis, video, and
digital triggering with 50 ps
timestamping
Operating Systems
• Windows 2000/NT/XP
Recommended Software
• LabVIEW
• LabWindows/CVI
• Measurement Studio
Driver Software (included)
• NI-SCOPE
• LabVIEW Express VIs
• Scope Soft Front Panel
• NI Spectral Measurements Toolkit
(with 32, 256 and 512 MB models)
NI 5124
NI PCI-5124 ..............................................................779171-0M1
NI PXI-5124 ..............................................................778757-0M2
Includes NI-SCOPE driver and Scope Soft Front Panel. 32, 256, and 512 MB
models include NI Spectral Measurements Toolkit.
1M (memory per channel): 1 (8 MB), 2 (32 MB), 3 (256 MB)
2M (memory per channel): 1 (8 MB), 2 (32 MB), 3 (256 MB), 4 (512 MB)
Recommended PXI Switch
NI PXI-2593 ..........................................................778793-01
Ordering Information
Applications
Communications
xDSL
Wireless communications
Baseband I & Q
Consumer Electronics
DVD, DVD-R, and PVR
Set top box
Gaming console
Biomedical and Scientific Research
Ultrasonic medical imaging
Mass spectrometry
Particle physics
Aerospace/Defense
Emulation of IC communications
Consumer Electronics
RADAR, SONAR, and LIDAR
Satellite
Signal intelligence


Similar Part No. - NIPCI-5124

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPCI-5105 NI-NIPCI-5105 Datasheet
302Kb / 4P
   60 MS/s, 60 MHz, 12-Bit, 8-Channel Digitizers
NIPCI-5114 NI-NIPCI-5114 Datasheet
508Kb / 4P
   250 MS/s, 125 MHz, 8-Bit Digitizers
NIPCI-5152 NI-NIPCI-5152 Datasheet
403Kb / 6P
   High-Speed Digitizers-Optimized for Automated Test
NIPCI-5153 NI-NIPCI-5153 Datasheet
403Kb / 6P
   High-Speed Digitizers-Optimized for Automated Test
NIPCI-5154 NI-NIPCI-5154 Datasheet
403Kb / 6P
   High-Speed Digitizers-Optimized for Automated Test
More results

Similar Description - NIPCI-5124

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
UF20.241 PULS-UF20.241 Datasheet
543Kb / 18P
   24V, 20A, 200MS, BUFFER MODULE
logo
Linear Technology
LT1203 LINER-LT1203_15 Datasheet
505Kb / 16P
   150MHz Video Multiplexers
LT1221 LINER-LT1221 Datasheet
292Kb / 8P
   150MHz Operational Amplifier
LT1205 LINER-LT1205_15 Datasheet
505Kb / 16P
   150MHz Video Multiplexers
LT1203 LINER-LT1203 Datasheet
561Kb / 16P
   150MHz Video Multiplexers
logo
Lowpower Semiconductor ...
LP3818 POWER-LP3818 Datasheet
457Kb / 6P
   Reset, Low Voltage Detector Built-in Delay 200ms
logo
NXP Semiconductors
NE568A PHILIPS-NE568A Datasheet
322Kb / 9P
   150MHz phase-locked loop
1996 Feb 1
logo
Intersil Corporation
EL2071 INTERSIL-EL2071 Datasheet
405Kb / 11P
   150MHz Current Feedback Amplifier
logo
Zarlink Semiconductor I...
SL521 ZARLINK-SL521 Datasheet
327Kb / 7P
   150MHz WIDEBAND LOG AMPLIFIER
logo
Winbond
W83195R-08 WINBOND-W83195R-08 Datasheet
230Kb / 18P
   150MHZ 4-DIMM CLOCK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com