Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIPXI-7830R Datasheet(PDF) 3 Page - National Instruments Corporation

Part # NIPXI-7830R
Description  R Series Intelligent DAQ-Data Acquisition and Control with Onboard Processing
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXI-7830R Datasheet(HTML) 3 Page - National Instruments Corporation

  NIPXI-7830R Datasheet HTML 1Page - National Instruments Corporation NIPXI-7830R Datasheet HTML 2Page - National Instruments Corporation NIPXI-7830R Datasheet HTML 3Page - National Instruments Corporation NIPXI-7830R Datasheet HTML 4Page - National Instruments Corporation NIPXI-7830R Datasheet HTML 5Page - National Instruments Corporation NIPXI-7830R Datasheet HTML 6Page - National Instruments Corporation NIPXI-7830R Datasheet HTML 7Page - National Instruments Corporation NIPXI-7830R Datasheet HTML 8Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Recommended Accessories
High Performance
SHC68-68-RMIO – High-performance shielded 68-conductor cable
terminated with a VHDCI 68-pin male connector at one end and a
68-pin female 0.050 D-type connector at the other end that has been
specifically designed for the multifunction I/O connector on R Series
intelligent DAQ devices.
1 m .....................................................................189588-01
2 m .....................................................................189588-02
SHC68-68-RDIO – High-performance shielded 68-conductor cable
terminated with a VHDCI 68-pin male connector at one end and a
68-pin female 0.050 D-type connector at the other end that has been
specifically designed for the digital I/O connector on R Series intelligent
DAQ devices.
1 m .....................................................................191667-01
SCB-68 – Shielded I/O connector block for rugged, very low-noise signal
termination for connecting to 68-pin devices. The SCB-68 also includes
two general-purpose breadboard areas.
Dimensions – 19.5 by 15.2 by 4.5 cm (7.7 by 6.0 by 1.8 in.)
SCB-68 .................................................................776844-01
Low Cost
SH68-C68-S – General-purpose shielded cable that connects any type
of R Series connector to 68-pin connector blocks.
0.5 m...................................................................186381-0R5
1 m .....................................................................186381-01
2 m .....................................................................186381-02
Custom Cabling
SHC68-NT-S – Shielded 68-conductor cable terminated with a 68-pin
male VHDCI connector at one end and unterminated bare wires at the
other. Use this cable, ideal for OEM applications, to create custom
cabling solutions for R Series devices.
2 m .....................................................................189041-02
NSC68-262650 – Shielded cable terminated with a VHDCI 68-pin male
connector at one end and two 26-pin ribbon connectors and one 50-pin
ribbon connector on the other; designed to connect the R Series RMIO
connector to standard ribbon cable accessories.
1 m .....................................................................189151-01
NSC68-5050 – Shielded cable terminated with a VHDCI 68-pin male
connector at one end and two 50-pin ribbon connectors on the other;
designed to connect R Series RDIO connectors to standard ribbon
cable accessories.
1 m .....................................................................189152-01
Required Software for R Series Intelligent DAQ
• NI 781xR and 783xR devices require the LabVIEW FPGA Module 7.1
or later and NI-RIO 1.3 or later driver software.
• NI 784xR and 785xR devices require the LabVIEW FPGA Module 8.5.1
or later and NI-RIO 2.4 or later.
• NI 7853R and 7854R devices require the LabVIEW FPGA Module 8.6
or later and NI-RIO 3.0 or later.
Low-Cost Signal Conditioning and Channel Expansion
The NI cRIO-9151 R Series expansion chassis connects directly to any
digital connector on R Series devices and houses up to four C Series I/O
modules for industrial signal conditioning, I/O channel expansion, and
direct sensor connectivity.
R Series Intelligent DAQ –
Data Acquisition and Control with Onboard Processing
3
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Ordering Information
PCI
NI PCI-7811R................................................................779363-01
NI PCI-7813R................................................................779370-01
NI PCI-7830R................................................................779361-01
NI PCI-7831R................................................................778797-01
NI PCI-7833R................................................................779359-01
PXI
NI PXI-7811R................................................................778800-01
NI PXI-7813R................................................................779362-01
NI PXI-7830R................................................................779364-01
NI PXI-7831R................................................................778668-01
NI PXI-7833R................................................................779360-01
NI PXI-7841R................................................................780337-01
NI PXI-7842R................................................................780338-01
NI PXI-7851R................................................................780339-01
NI PXI-7852R................................................................780340-01
NI PXI-7853R................................................................780341-01
NI PXI-7854R................................................................780342-01
Includes NI-RIO driver software.
BUY NOW!
For complete product specifications, pricing, and accessory
information, call 800 813 3693 (U.S.) or go to ni.com/rseries.


Similar Part No. - NIPXI-7830R

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXI-7830R NI-NIPXI-7830R Datasheet
1Mb / 6P
   C Series Digital Output and Relay Modules
NIPXI-7830R NI-NIPXI-7830R Datasheet
1Mb / 6P
   C Series Analog Input Modules
NIPXI-7830R NI-NIPXI-7830R Datasheet
1Mb / 5P
   C Series Analog Output Modules
NIPXI-7830R NI-NIPXI-7830R Datasheet
451Kb / 5P
   C Series Digital Input and Counter/Timer Modules
More results

Similar Description - NIPXI-7830R

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7557-01 HAMAMATSU-C7557-01_15 Datasheet
1Mb / 7P
   For control of multichannel detector head and data acquisition
C7557-01 HAMAMATSU-C7557-01 Datasheet
552Kb / 7P
   For control of multichannel detector head and data acquisition
logo
Toshiba Semiconductor
TLP206A TOSHIBA-TLP206A_14 Datasheet
406Kb / 6P
   Measurement Instrument Data Acquisition Programmable Control
logo
Broadcom Corporation.
AFBR-S20M2XX BOARDCOM-AFBR-S20M2XX Datasheet
267Kb / 2P
   Miniature Spectrometer with Onboard Processing for Mobile Applications and Industrial Integration
logo
Toshiba Semiconductor
TLP206A TOSHIBA-TLP206A Datasheet
271Kb / 6P
   MEASUREMENT INSTRUMENT DATA ACQUISITION PROGRAMMABLE CONTROL
logo
Semtech Corporation
XE8801A SEMTECH-XE8801A Datasheet
1Mb / 135P
   Data Acquisition with ZoomingADC?
logo
Toshiba Semiconductor
TLP202A TOSHIBA-TLP202A_14 Datasheet
234Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP222AF TOSHIBA-TLP222AF Datasheet
181Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP592A TOSHIBA-TLP592A Datasheet
174Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
logo
PHOENIX CONTACT
2403042 PHOENIX-2403042 Datasheet
54Kb / 2P
   Full SCADA (Supervisory Control And Data Acquisition) function with visualization, trend representation, and alarm management
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com