Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIPXI-6052E Datasheet(PDF) 6 Page - National Instruments Corporation

Part # NIPXI-6052E
Description  Full-Featured E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, up to 64 Analog Inputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXI-6052E Datasheet(HTML) 6 Page - National Instruments Corporation

Back Button NIPXI-6052E Datasheet HTML 2Page - National Instruments Corporation NIPXI-6052E Datasheet HTML 3Page - National Instruments Corporation NIPXI-6052E Datasheet HTML 4Page - National Instruments Corporation NIPXI-6052E Datasheet HTML 5Page - National Instruments Corporation NIPXI-6052E Datasheet HTML 6Page - National Instruments Corporation NIPXI-6052E Datasheet HTML 7Page - National Instruments Corporation NIPXI-6052E Datasheet HTML 8Page - National Instruments Corporation NIPXI-6052E Datasheet HTML 9Page - National Instruments Corporation NIPXI-6052E Datasheet HTML 10Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
234 National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
12-Bit E Series Multifunction
DAQ Specifications
Amplifier Characteristics
Input bias current ............................................. ±200 pA
Input offset current .......................................... ±100 pA
Dynamic Characteristics
Specifications – NI 607xE, NI 606xE, NI 6040E, NI 602xE (continued)
Input Impedance
Device
Normal Powered On
Powered Off
Overload
6070E
100 GΩ in parallel
820 Ω
820 Ω
6062E
with 100 pF
6040E
PCI-6071E
PXI-6071E
6023E, 6024E,
100 GΩ in parallel with 100 pF
4.7 kΩ
4.7 kΩ
6025E
6020E
100 GΩ in parallel with 50 pF
3 kΩ
3 kΩ
CMRR, DC to 60 Hz
Device
Range
CMRR (dB)
607xE
20 V
95
10 V
100
100 mV to 5 V
106
6040E
10 to 20 V
85
6062E
5 V
95
100 mV to 2 V
100
6023E
10 to 20 V
85
6024E
100 mV to 1 V
90
6025E
6020E
100 mV to 20 V
90
Bandwidth
Device
Small Signal (-3 dB) Large Signal (1% THD)
607xE
1.6 MHz
1 MHz
6062E
1.3 MHz
250 kHz
6040E
600 kHz
350 kHz
6023E
500 kHz
225 kHz
PCI-6024E
6025E
DAQCard-6024E
500 kHz
265 kHz
DAQPad-6020E
150 kHz
200 kHz
Settling Time to Full-Scale Step
Accuracy
±0.012%
±0.024%
±0.098%
Device
Range
(±0.5 LSB)
(±1 LSB)
(±4 LSB)
6070E
20 V
2 µs typical
1.5 µs typical
1.5 µs typical
3 µs maximum
2 µs maximum
2 µs maximum
10 V
2 µs typical
1.5 µs typical
1.3 µs typical
3 µs maximum
2 µs maximum
1.5 µs maximum
200 mV to 5 V
2 µs typical
1.5 µs typical
0.9 µs typical
3 µs maximum
2 µs maximum
1 µs maximum
100 mV
2 µs typical
1.5 µs typical
1 µs typical
3 µs maximum
2 µs maximum
1.5 µs maximum
6071E
20 V
3 µs typical
1.9 µs typical
1.9 µs typical
5 µs max
2.5 µs maximum
2 µs maximum
6071E
10 V
3 µs typical
1.9 µs typical
1.2 µs typical
5 µs maximum
2.5 µs maximum
1.5 µs maximum
6071E
200 mV to 5 V
3 µs typical
1.9 µs typical
1.2 µs typical
5 µs maximum
2.5 µs maximum
1.3 µs maximum
6071E
100 mV
3 µs typical
1.9 µs typical
1.2 µs typical
5 µs maximum
2.5 µs maximum
1.5 µs maximum
6062E
All
2.5 µs typical
2.5 µs typical
2 µs typical
4 µs maximum
3 µs maximum
2.5 µs maximum
6040E
All
4 µs typical
4 µs maximum
4 µs maximum
8 µs maximum
6023E
All
5 µs typical
5 µs maximum
5 µs maximum
6024E
6025E
6020E
All
10 µs maximum
10 µs maximum
10 µs maximum
System Noise (LSBrms, Not Including Quantization)
Device
Range
Dither Off
Dither On
6070E
1 to 20 V
0.25
0.5
6071E
500 mV
0.4
0.6
200 mV
0.5
0.7
100 mV
0.8
0.9
6062E
1 to 20 V
0.25
0.6
500 mV
0.4
0.75
200 mV
0.5
0.8
100 mV
0.8
1.0
6040E
1 to 20 V
0.2
0.5
500 mV
0.25
0.5
200 mV
0.5
0.7
100 mV
0.9
1.0
6023E
1 to 20 V
0.1
0.6
PCI-6024E, 6025E
100 mV
0.7
0.8
DAQCard-6024E
10 to 20 V
0.1
0.65
1 V
0.45
0.65
100 mV
0.70
0.90
6020E
1 to 20 V
0.07
0.5
500 mV
0.12
0.5
200 mV
0.25
0.6
100 mV
0.5
0.7
Crosstalk, DC to 100 KHz
Device
Adjacent Channels
All Other Channels
607xE, 6062E, 6040E
-75 dB
-90 dB
602xE
-60 dB
-80 dB


Similar Part No. - NIPXI-6052E

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXI-6115 NI-NIPXI-6115 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
NIPXI-6120 NI-NIPXI-6120 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
NIPXI-6122 NI-NIPXI-6122 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
NIPXI-6123 NI-NIPXI-6123 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
NIPXI-6132 NI-NIPXI-6132 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
More results

Similar Description - NIPXI-6052E

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
777666-01 NI-777666-01 Datasheet
446Kb / 4P
   Portable E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, 16 Analog Inputs
NI6123 NI-NI6123 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
NI6120 NI-NI6120 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
778397-01 NI-778397-01 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
778465-01 NI-778465-01 Datasheet
536Kb / 4P
   Low-Cost E Series Multifunction DAQ-12 or 16-Bit, 200 kS/s, 16 Analog Inputs
logo
List of Unclassifed Man...
DAQ-2200 ETC2-DAQ-2200 Datasheet
357Kb / 2P
   64-CH 12/16-Bit Up to 3 MS/s Multi-Function DAQ Cards
logo
Adlink Technology Inc.
PXI-2204 ADLINK-PXI-2204 Datasheet
208Kb / 1P
   64-CH 12/16-Bit Up to 3 MS/s Multi-Function DAQ Cards
logo
National Instruments Co...
NIPXIE-6124 NI-NIPXIE-6124 Datasheet
326Kb / 7P
   S Series Simultaneous Sampling Multifunction DAQ 16-Bit, 4 MS/s per Channel, 4 Analog Inputs
logo
Advantech Co., Ltd.
PCI-1712 ADVANTECH-PCI-1712_15 Datasheet
204Kb / 1P
   1 MS/s, 12-bit, 16-ch PCI Multifunction DAQ Card
logo
National Instruments Co...
778913-01 NI-778913-01 Datasheet
556Kb / 7P
   S Series Multifunction DAQ 16-Bit, 250 kS/s/Channel, 8 Analog Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com