Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIPCI-6031E Datasheet(PDF) 10 Page - National Instruments Corporation

Part # NIPCI-6031E
Description  Full-Featured E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, up to 64 Analog Inputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPCI-6031E Datasheet(HTML) 10 Page - National Instruments Corporation

Back Button NIPCI-6031E Datasheet HTML 3Page - National Instruments Corporation NIPCI-6031E Datasheet HTML 4Page - National Instruments Corporation NIPCI-6031E Datasheet HTML 5Page - National Instruments Corporation NIPCI-6031E Datasheet HTML 6Page - National Instruments Corporation NIPCI-6031E Datasheet HTML 7Page - National Instruments Corporation NIPCI-6031E Datasheet HTML 8Page - National Instruments Corporation NIPCI-6031E Datasheet HTML 9Page - National Instruments Corporation NIPCI-6031E Datasheet HTML 10Page - National Instruments Corporation NIPCI-6031E Datasheet HTML 11Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
212 National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
NI Cable Design Advantages
The SH68-68-EP cable is the most commonly used E Series and
S Series cable. The cable is designed to work specifically with the
NI Multifunction DAQ devices to preserve signal integrity through
these technologies:
A variety of cabling and accessory options are available for your
needs. Use the following tables to choose the most appropriate cables
and accessories. To determine which Multifunction DAQ device best
fits your needs, please see page 189.
Multifunction DAQ Cable and
Accessory Selection Guides
Seperate digital and
analog sections
Individually-shielded
twisted pairs for
all analog inputs
Individually-shielded
analog outputs
Twisted pairs for
critical digital I/O
Large (20 AWG) conductor
for +5V Lines
Double ground shield
PVC jacket
Figure 1. SH68-68-EP Cable
Table 1. Cable Connection Specifications for 16-Channel E Series Devices and Basic Multifunction DAQ (except NI 6025E, which is on the next page)
Platform
Shielding
Connect to ...
Cable
Adapter
Accessory
PCI/PXI/USB/FireWire
Shielded
SCC portable signal
SH68-68-EP
SC-2345 and modules, page 251
conditioning per channel
Shielded
SCXI high-performance
SCXI-1349
SCXI Chassis and Modules, page 270
signal conditioning
Shielded
Screw terminals 1
SH68-68-EP or SH68-68R1-EP
SCB-68
Shielded
BNC terminal block
SH68-68-EP
BNC-2110, BNC-2120, BNC-2090
Shielded
50-pin connector
SH6850
CB50, custom or 3rd party
Shielded
Configurable connectivity box
SH68-68-EP
CA-1000, page 351
Unshielded
Screw terminals 1
R6868
TBX-68, CB-68LP, CB-68LPR,
DAQ signal accessory
Unshielded
50-pin connector
R6850
CB50, custom or 3rd party
PXI only
Shielded
Front-mounted screw terminals
N/A
TB-2705
PCMCIA
Shielded
Screw terminals1
SHC68-68-EP or SHC68U-68-EP 2
SCB-68, CA-1000
Shielded
50-pin connector
SHC68-68-EP or SHC68U-68-EP 2
68M-50F MIO
CB50, custom or 3rd party
Unshielded
Screw terminals 1
RC68-68
TBX-68, CB-68LP, CB-68LPR,
DAQ signal accessory
Unshielded
50-pin connector
RC68-68
68M-50F MIO
CB50, custom or 3rd party
1Unshielded cables can connect to shielded accessories and vice-versa. 2In adjacent PCMCIA slots, both cables types are required because the same cable would cause mechanical hindrance.
Figure 2. NI offers a wide variety
of cable and accessory options,
such as the SH68-68-EP cable
and the BNC-2110 terminal block.


Similar Part No. - NIPCI-6031E

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPCI-6110 NI-NIPCI-6110 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
NIPCI-6111 NI-NIPCI-6111 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
NIPCI-6115 NI-NIPCI-6115 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
NIPCI-6120 NI-NIPCI-6120 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
NIPCI-6122 NI-NIPCI-6122 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
More results

Similar Description - NIPCI-6031E

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
777666-01 NI-777666-01 Datasheet
446Kb / 4P
   Portable E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, 16 Analog Inputs
NI6123 NI-NI6123 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
NI6120 NI-NI6120 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
778397-01 NI-778397-01 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
778465-01 NI-778465-01 Datasheet
536Kb / 4P
   Low-Cost E Series Multifunction DAQ-12 or 16-Bit, 200 kS/s, 16 Analog Inputs
logo
List of Unclassifed Man...
DAQ-2200 ETC2-DAQ-2200 Datasheet
357Kb / 2P
   64-CH 12/16-Bit Up to 3 MS/s Multi-Function DAQ Cards
logo
Adlink Technology Inc.
PXI-2204 ADLINK-PXI-2204 Datasheet
208Kb / 1P
   64-CH 12/16-Bit Up to 3 MS/s Multi-Function DAQ Cards
logo
National Instruments Co...
NIPXIE-6124 NI-NIPXIE-6124 Datasheet
326Kb / 7P
   S Series Simultaneous Sampling Multifunction DAQ 16-Bit, 4 MS/s per Channel, 4 Analog Inputs
logo
Advantech Co., Ltd.
PCI-1712 ADVANTECH-PCI-1712_15 Datasheet
204Kb / 1P
   1 MS/s, 12-bit, 16-ch PCI Multifunction DAQ Card
logo
National Instruments Co...
778913-01 NI-778913-01 Datasheet
556Kb / 7P
   S Series Multifunction DAQ 16-Bit, 250 kS/s/Channel, 8 Analog Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com