Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIPXI-6030E Datasheet(PDF) 2 Page - National Instruments Corporation

Part # NIPXI-6030E
Description  Full-Featured E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, up to 64 Analog Inputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXI-6030E Datasheet(HTML) 2 Page - National Instruments Corporation

  NIPXI-6030E Datasheet HTML 1Page - National Instruments Corporation NIPXI-6030E Datasheet HTML 2Page - National Instruments Corporation NIPXI-6030E Datasheet HTML 3Page - National Instruments Corporation NIPXI-6030E Datasheet HTML 4Page - National Instruments Corporation NIPXI-6030E Datasheet HTML 5Page - National Instruments Corporation NIPXI-6030E Datasheet HTML 6Page - National Instruments Corporation NIPXI-6030E Datasheet HTML 7Page - National Instruments Corporation NIPXI-6030E Datasheet HTML 8Page - National Instruments Corporation NIPXI-6030E Datasheet HTML 9Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
200 National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
Full-Featured E Series Multifunction DAQ
12 or 16-Bit, up to 1.25 MS/s, up to 64 Analog Inputs
NI MITE – ASIC designed to optimize data transfer for multiple
simultaneous operations using bus mastering with three scatter-
gather DMA channels for maximum performance of concurrent
I/O operations.
NI PGIA – Measurement and instrument class amplifier that
guarantees settling times at all gains. Typical commercial off-the-
shelf amplifier components do not meet the settling time
requirements for high-gain measurement applications.
PFI Lines – Eight programmable function input (PFI) lines that
can be used for software-controlled routing of interboard and
intraboard digital and timing signals.
RTSI or PXI Trigger Bus – Used to share timing and control signals
between devices and synchronize operations.
RSE Mode – In addition to differential and nonreferenced single-
ended modes, NI full-featured E Series devices offer referenced
single-ended (RSE) mode for use with floating signal sources in
applications with channel counts higher than eight.
Onboard Temperature Sensor – Included for monitoring the
operating temperature of the device to ensure that it is operating
within the specified range.
Analog and Digital Triggering – Only full-featured E Series devices
provide the ability to set a trigger based on the level of an analog
signal, in addition to the ability to trigger off an edge of a
digital signal.
More Input Ranges – Up to 15 input ranges for optimal resolution,
even for signals smaller than 50 mV.
High-Performance, Easy-to-Use Driver Software
NI-DAQ is the robust driver software that makes it easy to access the
functionality of your data acquisition hardware, whether you are a
beginning or advanced user. Helpful features include:
Automatic Code Generation – DAQ Assistant is an interactive guide
that steps you through configuring, testing, and programming
measurement tasks, and generating the necessary code automatically
for use in LabVIEW, LabWindows/CVI, or Measurement Studio.
Cleaner Code Development – Basic and advanced software functions
have been combined into one easy-to-use yet powerful set to help
you build cleaner code and move from basic to advanced
applications without replacing functions.
High-Performance Driver Engine – Software-timed single-point
input (typically used in control loops) with NI-DAQ achieves
rates of up to 50 kHz. NI-DAQ also delivers maximum I/O
system throughput with a multithreaded driver.
Test Panels – With NI-DAQ, you can test all of your device
functionality before you begin development.
Scaled Channels – Easily scale your voltage data into the proper
engineering units using the NI-DAQ Measurement Ready virtual
channels by choosing from a list of common sensors and signals or
creating your own custom scale.
LabVIEW Integration – All NI-DAQ functions use the waveform data
type, which carries acquired data and timing information directly
into more than 400 LabVIEW built-in analysis routines for display of
results in engineering units on a graph.
Worldwide Support and Services
NI provides you with a wealth of resources to help you get your
application up and running more quickly, including:
Technical Support – Purchase of NI hardware or software gives you
access to application engineers all over the world as well as Web
resources with more than 3,000 measurement examples and more
than 9,000 KnowledgeBase entries. – ni.com/support
NI Factory Installation Services (FIS) – Software and hardware
installed in PXI and PXI/SCXI systems, tested and ready to
use – ni.com/advisor
Calibration – Includes NIST-traceable basic calibration certificates,
services for ANSI/NCSL-Z540 and periodic calibration –
ni.com/calibration
Extended Warranty – Meet project life-cycle requirements
and maintain optimal performance in a cost-effective way –
ni.com/services
Data Acquisition Training – Instructor-led courses – ni.com/training
Professional Services – Feasibility, consulting, and integration
through our Alliance Partners – ni.com/alliance
For more information on NI services and support,
please visit ni.com/services
For information on device support in
NI-DAQ 7, visit ni.com/dataacquisition


Similar Part No. - NIPXI-6030E

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXI-6115 NI-NIPXI-6115 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
NIPXI-6120 NI-NIPXI-6120 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
NIPXI-6122 NI-NIPXI-6122 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
NIPXI-6123 NI-NIPXI-6123 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
NIPXI-6132 NI-NIPXI-6132 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
More results

Similar Description - NIPXI-6030E

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
777666-01 NI-777666-01 Datasheet
446Kb / 4P
   Portable E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, 16 Analog Inputs
NI6123 NI-NI6123 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
NI6120 NI-NI6120 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
778397-01 NI-778397-01 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
778465-01 NI-778465-01 Datasheet
536Kb / 4P
   Low-Cost E Series Multifunction DAQ-12 or 16-Bit, 200 kS/s, 16 Analog Inputs
logo
List of Unclassifed Man...
DAQ-2200 ETC2-DAQ-2200 Datasheet
357Kb / 2P
   64-CH 12/16-Bit Up to 3 MS/s Multi-Function DAQ Cards
logo
Adlink Technology Inc.
PXI-2204 ADLINK-PXI-2204 Datasheet
208Kb / 1P
   64-CH 12/16-Bit Up to 3 MS/s Multi-Function DAQ Cards
logo
National Instruments Co...
NIPXIE-6124 NI-NIPXIE-6124 Datasheet
326Kb / 7P
   S Series Simultaneous Sampling Multifunction DAQ 16-Bit, 4 MS/s per Channel, 4 Analog Inputs
logo
Advantech Co., Ltd.
PCI-1712 ADVANTECH-PCI-1712_15 Datasheet
204Kb / 1P
   1 MS/s, 12-bit, 16-ch PCI Multifunction DAQ Card
logo
National Instruments Co...
778913-01 NI-778913-01 Datasheet
556Kb / 7P
   S Series Multifunction DAQ 16-Bit, 250 kS/s/Channel, 8 Analog Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com