Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1635-600G Datasheet(PDF) 6 Page - STMicroelectronics

Part # T1635-600G
Description  16 A Snubberless?? logic level and standard Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1635-600G Datasheet(HTML) 6 Page - STMicroelectronics

Back Button T1635-600G Datasheet HTML 2Page - STMicroelectronics T1635-600G Datasheet HTML 3Page - STMicroelectronics T1635-600G Datasheet HTML 4Page - STMicroelectronics T1635-600G Datasheet HTML 5Page - STMicroelectronics T1635-600G Datasheet HTML 6Page - STMicroelectronics T1635-600G Datasheet HTML 7Page - STMicroelectronics T1635-600G Datasheet HTML 8Page - STMicroelectronics T1635-600G Datasheet HTML 9Page - STMicroelectronics T1635-600G Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Ordering information
BTA16, BTB16, T1610, T1635
6/10
Doc ID 7471 Rev 9
2
Ordering information
Figure 12.
Ordering information scheme (BTA16 and BTB16 series)
Figure 13.
Ordering information scheme (T16 series)
Table 7.
Product selector
Device(1)
1.
BTB: non insulated TO-220AB package
Voltage (xxx)
Sensitivity
Type
Package
600 V
800 V
BTA/BTB16-xxxB
X
X
50 mA
Standard
TO-220AB
BTA/BTB16-xxxBW
X
X
50 mA
Snubberless
TO-220AB
BTA/BTB16-xxxC
X
25 mA
Standard
TO-220AB
BTA/BTB16-xxxCW
X
X
35 mA
Snubberless
TO-220AB
BTA/BTB16-xxxSW
X
X
10 mA
Logic level
TO-220AB
T1610-xxxG
X
X
10 mA
Logic level
D2PAK
T1635-xxxG
X
X
35 mA
Snubberless
D2PAK
TRIAC series
Insulation
Current
Voltage
Sensitivity and type
Packing mode
A = insulated
B = non insulated
16 = 16 A
600 = 600 V
800 = 800 V
B = 50 mA Standard
BW = 50 mA Snubberless
C = 25 mA Standard
CW = 35 mA
RG = Tube
Snubberless
SW = 10 mA Logic Level
BT A 16 - 600 BW RG
T 16 35 - 600 G (-TR)
TRIAC series
Sensitivity
Voltage
Package
Packing mode
Current
16 = 16 A
35 = 35 mA
10 = 10 mA
600 = 600 V
800 = 800 V
G = D PAK
Blank = Tube
-TR = Tape and reel
2


Similar Part No. - T1635-600G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1635-600G STMICROELECTRONICS-T1635-600G Datasheet
103Kb / 5P
   HIGH PERFORMANCE TRIAC
T1635-600G STMICROELECTRONICS-T1635-600G Datasheet
99Kb / 9P
   16A TRIACS
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Inchange Semiconductor ...
T1635-600G ISC-T1635-600G Datasheet
215Kb / 1P
   isc Triacs
logo
STMicroelectronics
T1635-600G STMICROELECTRONICS-T1635-600G Datasheet
217Kb / 18P
   Snubberless™, logic level and standard 16 A Triacs
DS2114 - Rev 11 - May 2018
More results

Similar Description - T1635-600G

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
logo
Kersemi Electronic Co.,...
BTA16-800BW KERSEMI-BTA16-800BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTB16-700CW KERSEMI-BTB16-700CW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTB16-600BW KERSEMI-BTB16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTB16-700C KERSEMI-BTB16-700C Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-800C KERSEMI-BTA16-800C Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-800SW KERSEMI-BTA16-800SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com