Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9349TR-LF Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9349TR-LF
Description  Quad intelligent power low side switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9349TR-LF Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9349TR-LF Datasheet HTML 5Page - STMicroelectronics L9349TR-LF Datasheet HTML 6Page - STMicroelectronics L9349TR-LF Datasheet HTML 7Page - STMicroelectronics L9349TR-LF Datasheet HTML 8Page - STMicroelectronics L9349TR-LF Datasheet HTML 9Page - STMicroelectronics L9349TR-LF Datasheet HTML 10Page - STMicroelectronics L9349TR-LF Datasheet HTML 11Page - STMicroelectronics L9349TR-LF Datasheet HTML 12Page - STMicroelectronics L9349TR-LF Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
L9349-LF
Electrical specifications
9/17
VOUV hys 1-4 Hysteresis
0.003 x
VS
V
ΔV
OUV 1-4,
2-3, 4-1, 3-2
Open load difference
voltage threshold
VIN1,4/2,3 = 1V VS ≤
16V
VOc ≥ 4.5V
VOC = output voltage of
other channel
VOC -
1.0V
VOC -
1.25V
VOC -
1.5V
V
ΔVOUV hys 1-
4, 2-3,
4-1, 3-2
Open load hysteresis
40
mV
IOUC 1, 2, 3, 4
Open load current
threshold
VEN=VIN=2V;
VS=6.5 - 16V
160
320
480
mA
IOOC 1, 2
Over load current
threshold
VS > 6.5V;
VOUT = 32V
510
A
IOOC 3, 4
36
A
TSD
Thermal shut down
180
195
210
°C
TSD-hys
Thermal shut down
hysteresis
20
°C
IOUT-LE
OUT leakage current
VOUT = 20V
VS = 0V
5
μA
Inputs IN1-4, EN
VIN,EN L
Logic input/enable low
voltage
-0.3
1
V
VIN,EN H
Logic input/enable
high voltage
IN, EN
2.0
6
V
VEN,IN hys
Logic input hysteresis
50
100
mV
IIN
Input sink current
2V < VIN, VEN < 6V
(2)
VIN, VEN < Vs
10
20
40
μA
IEN
Enable sink current
10
20
40
μA
Timing
tON
Output delay ON time
IO = 1A
VS = 12V
(3) Figure 4
425
μs
tf,r
Output fall and rise
time
IO = 1A
VS = 12V
Figure 4
310
30
μs
tOFF
Output delay OFF
time
IO = 1A
VS = 12V
(3) Figure 4
515
30
μs
Table 6.
Electrical characteristics (continued)
(VS = 4.5 to 32V; -40°C ≤ Tj1 ≤ 150°C < Tj2 ≤ TjDIS, unless otherwise specified.)
Symbol
Parameter
Test conditions
Values T
j1
Values T
j2
Unit
Min.
Typ.
Max.
Min.
Max.


Similar Part No. - L9349TR-LF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9349 STMICROELECTRONICS-L9349 Datasheet
285Kb / 12P
   QUAD INTELLIGENT POWER LOW SIDE SWITCH
L9349DIE1 STMICROELECTRONICS-L9349DIE1 Datasheet
285Kb / 12P
   QUAD INTELLIGENT POWER LOW SIDE SWITCH
More results

Similar Description - L9349TR-LF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9349 STMICROELECTRONICS-L9349 Datasheet
285Kb / 12P
   QUAD INTELLIGENT POWER LOW SIDE SWITCH
L9332 STMICROELECTRONICS-L9332 Datasheet
255Kb / 17P
   Quad intelligent power low side switch
logo
Texas Instruments
TPIC2404 TI-TPIC2404 Datasheet
88Kb / 7P
[Old version datasheet]   INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
STMicroelectronics
L9346 STMICROELECTRONICS-L9346 Datasheet
96Kb / 13P
   QUAD INTELLIGENT POWER LOW SIDE SWITCH
logo
Texas Instruments
TPIC2404KN TI-TPIC2404KN Datasheet
90Kb / 7P
[Old version datasheet]   INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
STMicroelectronics
IPS4260L STMICROELECTRONICS-IPS4260L Datasheet
834Kb / 29P
   Quad low-side intelligent power switch
Rev 5 - July 2021
L9352 STMICROELECTRONICS-L9352 Datasheet
328Kb / 21P
   INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
L9347 STMICROELECTRONICS-L9347 Datasheet
329Kb / 21P
   INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
L9352B STMICROELECTRONICS-L9352B Datasheet
611Kb / 21P
   INTELLIGENT QUAD (2X5A/2X2.5A) LOW-SIDE SWITCH
logo
International Rectifier
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com