Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4261 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA4261
Description  3.5 W 2-Channel AF Power Amplifier for Home Stereos and Music Centers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4261 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA4261 Datasheet HTML 1Page - Sanyo Semicon Device LA4261 Datasheet HTML 2Page - Sanyo Semicon Device LA4261 Datasheet HTML 3Page - Sanyo Semicon Device LA4261 Datasheet HTML 4Page - Sanyo Semicon Device LA4261 Datasheet HTML 5Page - Sanyo Semicon Device LA4261 Datasheet HTML 6Page - Sanyo Semicon Device LA4261 Datasheet HTML 7Page - Sanyo Semicon Device LA4261 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Operating Characteristics at Ta = 25°C, VCC =16 V,RL =8 Ω,f=1 kHz, Rg = 600 Ω, (circuit 1)
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
ICCO
46
62
mA
Voltage gain
VG
48
50
52
dB
Output power
PO
THD = 10%
3.0
3.5
W
Total harmonic distortion
THD
PO = 0.5 W
0.3
1.0
%
Output noise voltage
VNO
Rg=10k
Ω, BW = 20 Hz to 20 kHz
0.65
1.5
mV
Ripple rejection ratio
Rr
Rg = 0, Vr = 500 mV
40
50
dB
Crosstalk
CT
Rg = 10 k
40
55
dB
Voltage gain difference
∆VG
1.5
dB
Equivalent Circuit Block Diagram
Pd max – Ta
Al heat sink
Tightening torque 39 Nccm
Silicon grease applied
Thermal resistance
between junction and
outside air
θj-c 10°C/W
Ambient temperature, Ta – °C
θ
f –Sf
Al heat sink t = 1.5 mm
Area of heat sink, Sf –cm
2
Infinite heat sink
2.5
No heat sink
LA4261
No.1321-2/8


Similar Part No. - LA4261

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4261 SANYO-LA4261 Datasheet
49Kb / 1P
   2-CHANNEL AF POWER AMP FOR TAPE RECORDER RADIO
More results

Similar Description - LA4261

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4260 SANYO-LA4260 Datasheet
243Kb / 8P
   2.5 W 2-Channel AF Power Amplifier for Home Stereos and Music Centers
LA4708 SANYO-LA4708 Datasheet
204Kb / 9P
   20 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4705 SANYO-LA4705 Datasheet
258Kb / 8P
   15 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4700N SANYO-LA4700N Datasheet
137Kb / 5P
   2-Channel 12W AF Power Amplifier for Car Stereos
LA4631VC SANYO-LA4631VC Datasheet
427Kb / 7P
   For Home Audio Use 2-Channel SE AF Power Amplifier
logo
ON Semiconductor
LA4631VC-XE ONSEMI-LA4631VC-XE Datasheet
307Kb / 7P
   2-Channel SE AF Power Amplifier for Home Audio Use
May, 2013
logo
Sanyo Semicon Device
LA4282 SANYO-LA4282 Datasheet
151Kb / 6P
   2-Channel 10 W AF Power Amplifier for Use in Home Stereo, TV Applications
LA4275 SANYO-LA4275 Datasheet
42Kb / 2P
   6.0 W AF Power Amplifier for Home Stereo, TV Use
LA4182 SANYO-LA4182 Datasheet
342Kb / 9P
   2.3 W 2-Channel AF Power Amplifier
LA4708N SANYO-LA4708N Datasheet
203Kb / 9P
   Monolithic Linear IC For Car Stereos 20W 2-channel BTL AF Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com