Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX79C24 Datasheet(PDF) 1 Page - Seme LAB

Part # BZX79C24
Description  VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BZX79C24 Datasheet(HTML) 1 Page - Seme LAB

  BZX79C24 Datasheet HTML 1Page - Seme LAB BZX79C24 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BZX79C Series
Document Number 4036
Issue 1
PTOT
Power Dissipation
TAMB = 25°C
Derate above 25°C
TJ
Maximum Junation Temperature
TSTG
Storage Temperature Range
TSOL
Soldering Temperature
(5 seconds max.)
RθJA
Thermal Resistance Junction to Ambient
RθJ–MB
Thermal Resistance Junction to Mounting Base
500mW
4mW/°C
–65 to +200°C
–65 to +200°C
230°C
336°C/W
140°C/W
MECHANICAL DATA
Dimensions in mm(inches)
21
0.51 ± 0.10
(0.02 ± 0.004)
0.31
(0.012)
1.91 ± 0.10
(0.075 ± 0.004)
3.05 ± 0.13
(0.12 ± 0.005)
1.02 ± 0.10
(0.04 ± 0.004)
1.40
(0.055)
max.
A
0.31
(0.012)
rad.
rad.
A =
3
VOLTAGE REGULATOR
DIODE IN A
CERAMIC SURFACE MOUNT
PACKAGE
FOR HI–REL APPLICATIONS
FEATURES
• HERMETIC CERAMIC SURFACE MOUNT
PACKAGE (SOT23 COMPATIBLE)
• VOLTAGE RANGE 2.4 TO 100V
SOT23 CERAMIC
(LCC1 PACKAGE)
ABSOLUTE MAXIMUM RATINGS
Pad 1 – Anode
Pad 2 – N/C
Pad 3 – Cathode
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VZ
Zener Voltage
IR
Reverse Current
ZZ
Small Signal Breakdown Impedance
ZZ
Small Signal Breakdown Impedance
near breakdown knee
For VZ nom. ≤ 24V, IZ = 5mA
For VZ nom. ≥ 27V, IZ = 2mA
VR = VR test
VR = VR test
TAMB = 150°C
IZ = IZ test
For VZ nom. ≤ 24V, IZK = 1mA
For VZ nom. ≥ 27V, IZK = 0.5mA
VZ min. VZ nom. VZ max.
IR max.
IR max
ZZ max.
ZK max.
V
µA
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise stated)
See table 1 for type variants and test parameters.
Underside View
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk


Similar Part No. - BZX79C24

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BZX79C24 FAIRCHILD-BZX79C24 Datasheet
22Kb / 2P
   Series Half Watt Zeners
logo
Continental Device Indi...
BZX79C24 CDIL-BZX79C24 Datasheet
172Kb / 4P
   SILICON GLASS PASSIVATED 0.5WATT ZENER DIODES
logo
Fairchild Semiconductor
BZX79C24 FAIRCHILD-BZX79C24 Datasheet
47Kb / 5P
   Zeners
logo
New Jersey Semi-Conduct...
BZX79C24 NJSEMI-BZX79C24 Datasheet
132Kb / 2P
   ZENER DIODES
logo
EIC discrete Semiconduc...
BZX79C24 EIC-BZX79C24 Datasheet
36Kb / 2P
   ZENER DIODES
More results

Similar Description - BZX79C24

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BZX55C SEME-LAB-BZX55C Datasheet
19Kb / 2P
   VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
BZX55C SEME-LAB-BZX55C_08 Datasheet
40Kb / 2P
   VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI?밨EL APPLICATIONS
LM136CSM4-5V SEME-LAB-LM136CSM4-5V Datasheet
13Kb / 1P
   PRECISION 5V SHUNT REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE
1N6642CSM SEME-LAB-1N6642CSM Datasheet
16Kb / 1P
   SWITCHING DIODE IN A CERAMIC SURFACE MOUNT
1N6638CSM SEME-LAB-1N6638CSM Datasheet
17Kb / 1P
   SWITCHING DIODE IN A CERAMIC SURFACE MOUNT
IP78M00A-LCC4 SEME-LAB-IP78M00A-LCC4 Datasheet
24Kb / 4P
   0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE
1N5221B-LCC3 SEME-LAB-1N5221B-LCC3 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
IP137MAHV-LCC4 SEME-LAB-IP137MAHV-LCC4 Datasheet
14Kb / 2P
   0.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
IP117MAHV-LCC4 SEME-LAB-IP117MAHV-LCC4 Datasheet
18Kb / 2P
   0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
IP117MAHVE SEME-LAB-IP117MAHVE_07 Datasheet
29Kb / 2P
   0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com