Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9857-TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9857-TR
Description  High voltage high-side driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9857-TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9857-TR Datasheet HTML 3Page - STMicroelectronics L9857-TR Datasheet HTML 4Page - STMicroelectronics L9857-TR Datasheet HTML 5Page - STMicroelectronics L9857-TR Datasheet HTML 6Page - STMicroelectronics L9857-TR Datasheet HTML 7Page - STMicroelectronics L9857-TR Datasheet HTML 8Page - STMicroelectronics L9857-TR Datasheet HTML 9Page - STMicroelectronics L9857-TR Datasheet HTML 10Page - STMicroelectronics L9857-TR Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
L9857
Electrical specifications
Doc ID 12896 Rev 2
7/11
2.5
Reset functional diagram
The diagram is guaranteed for the following condition.
VCC = 10 V; VBS = 10 V @ -40 °C, VCC = 17 V; VBS = 17 V @ +25 °C and 125 °C
Figure 3.
Reset functional diagram
tphl
Input-to-output turn-off propogation
delay (50 % input level to 90%
output level)
--
0.1
0.2
μs
tphl_res
RES-to-output turn-off propogation
delay (50% input level to 90%
output levels)
--
0.1
0.3
tplh_res
RES-to-output turn-on propogation
delay (50% input level to 10%
output levels)
--
0.1
0.8
Input characteristics
VINH
High logic level input threshold
-
9.5
-
-
V
VINL
Low logic level input threshold
-
-
-
6
RIN
High logic level input resistance
(Pull-down resistor)
-60
-
300
k
Ω
IIN
Low logic level input current
VIN = 0
-
-
5
μA
VH_RES
High logic level RES input threshold
Reset signal comes from a
5 V system!
3.5
-
-
V
VL_RES
Low Logic Level RES input
threshold
R eset signal comes from a
5V system!
--
1.4
RRES
High logic level RES input
resistance (Pull-down resistor)
Reset signal comes from a
5 V system with pull-up
resistor 3.8 k
Ω to 5 V. (1)
60
-
300
k
Ω
IRES
Low logic level input current
VRES = 0
-
-
5
μA
1.
4 HS-driver reset- inputs and other IC with their input pull-down resistors are connected in parallel with the RESET wire.
The enable input RES- is an active low input, that means a logic low turns the external Power MOSFET off. The input
circuitry has to make sure, that the MOSFET is off, when the pin is open or floating. In the application the RES- pin is tied to
a bipolar open collector transistor or MOSFET open drain transistor with pull-up resistor 3.8K to +5V together with other
RES- inputs of other IC.
Table 6.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
IN
RESET -
HO-VS: -40°C
HO-VS: 25°C
HO-VS: 125°C


Similar Part No. - L9857-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9856 STMICROELECTRONICS-L9856 Datasheet
150Kb / 14P
   High voltage high-side driver
L9856 STMICROELECTRONICS-L9856 Datasheet
172Kb / 14P
   High voltage high-side driver
L9856-TR STMICROELECTRONICS-L9856-TR Datasheet
172Kb / 14P
   High voltage high-side driver
L9856TR STMICROELECTRONICS-L9856TR Datasheet
150Kb / 14P
   High voltage high-side driver
More results

Similar Description - L9857-TR

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81705FP MITSUBISHI-M81705FP Datasheet
52Kb / 8P
   HIGH VOLTAGE HIGH SIDE DRIVER
logo
STMicroelectronics
L9856-TR STMICROELECTRONICS-L9856-TR Datasheet
172Kb / 14P
   High voltage high-side driver
L9856 STMICROELECTRONICS-L9856 Datasheet
150Kb / 14P
   High voltage high-side driver
logo
Mitsubishi Electric Sem...
M81725FP MITSUBISHI-M81725FP Datasheet
70Kb / 6P
   HIGH VOLTAGE HIGH SIDE DRIVER
logo
STMicroelectronics
L6390 STMICROELECTRONICS-L6390_12 Datasheet
725Kb / 26P
   High-voltage high/low-side driver
logo
Intersil Corporation
ISL6801 INTERSIL-ISL6801 Datasheet
96Kb / 6P
   High Voltage Bootstrap High Side Driver
logo
Renesas Technology Corp
ISL6801 RENESAS-ISL6801 Datasheet
353Kb / 6P
   High Voltage Bootstrap High Side Driver
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
   High Voltage High Side and Low Side Gate Driver
logo
Texas Instruments
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
[Old version datasheet]   High Voltage High Side and Low Side Gate Driver
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
   High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com