Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M4T32-BR12SH Datasheet(PDF) 4 Page - STMicroelectronics

Part # M4T32-BR12SH
Description  TIMEKEEPER짰 SNAPHAT짰 (battery and crystal)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M4T32-BR12SH Datasheet(HTML) 4 Page - STMicroelectronics

  M4T32-BR12SH Datasheet HTML 1Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 2Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 3Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 4Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 5Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 6Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 7Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 8Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
List of figures
M4T28-BR12SH, M4T32-BR12SH
4/16
List of figures
Figure 1.
Logic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
SNAPHAT® insertion/extraction forces . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 3.
Battery discharge rates . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 4.
DIP extractor tool . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 5.
SH – 4-pin SNAPHAT® housing for 48 mAh battery & crystal, package outline . . . . . . . . 11
Figure 6.
SH – 4-pin SNAPHAT® housing for 120 mAh battery & crystal, package outline . . . . . . . 12
Figure 7.
Recycling symbols . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14


Similar Part No. - M4T32-BR12SH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M4T32-BR12SH STMICROELECTRONICS-M4T32-BR12SH Datasheet
530Kb / 34P
   5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
M4T32-BR12SH STMICROELECTRONICS-M4T32-BR12SH Datasheet
518Kb / 31P
   5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2010 Rev 10
M4T32-BR12SH STMICROELECTRONICS-M4T32-BR12SH Datasheet
231Kb / 29P
   Serial Real Time Clock with 56 Bytes of NVRAM
logo
ARTSCHIP ELECTRONICS CO...
M4T32-BR12SH ARTSCHIP-M4T32-BR12SH Datasheet
7Mb / 27P
   TIMEKEEPER SRAM
logo
STMicroelectronics
M4T32-BR12SH STMICROELECTRONICS-M4T32-BR12SH Datasheet
433Kb / 31P
   512 Bit 64 bit x8 SERIAL RTC SPI SRAM
More results

Similar Description - M4T32-BR12SH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M4Z28-BR00SH STMICROELECTRONICS-M4Z28-BR00SH_09 Datasheet
234Kb / 16P
   ZEROPOWER짰 SNAPHAT짰 (battery)
M4T28-BR12SH1 STMICROELECTRONICS-M4T28-BR12SH1 Datasheet
135Kb / 16P
   TIMEKEEPER SNAPHAT (battery and crystal)
logo
Texas Instruments
BQ48SH-28X6 TI-BQ48SH-28X6 Datasheet
96Kb / 6P
[Old version datasheet]   SNAPHAT WITH INTEGRATED BATTERY AND CRYSTAL
logo
STMicroelectronics
M48T201Y STMICROELECTRONICS-M48T201Y_07 Datasheet
318Kb / 35P
   5.0 or 3.3V TIMEKEEPER짰 supervisor
M4TXX-BR12SH STMICROELECTRONICS-M4TXX-BR12SH Datasheet
51Kb / 7P
   TIMEKEEPER SNAPHAT Battery & Crystal
November 1999
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH_03 Datasheet
172Kb / 12P
   TIMEKEEPER SNAPHAT (BATTERY & CRYSTAL)
M48T201Y STMICROELECTRONICS-M48T201Y_09 Datasheet
317Kb / 37P
   5.0 or 3.3 V TIMEKEEPER짰 supervisor
M48T35AV STMICROELECTRONICS-M48T35AV_07 Datasheet
250Kb / 28P
   3.3V, 256Kbit (32Kbit x 8) TIMEKEEPER짰 SRAM
M41T00CAP STMICROELECTRONICS-M41T00CAP Datasheet
385Kb / 27P
   Serial access real-time clock (RTC) with integral backup battery and crystal
M48T08 STMICROELECTRONICS-M48T08_07 Datasheet
259Kb / 30P
   5V, 64Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com