Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T66 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M41T66
Description  Serial access real-time clock with alarms
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T66 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M41T66 Datasheet HTML 6Page - STMicroelectronics M41T66 Datasheet HTML 7Page - STMicroelectronics M41T66 Datasheet HTML 8Page - STMicroelectronics M41T66 Datasheet HTML 9Page - STMicroelectronics M41T66 Datasheet HTML 10Page - STMicroelectronics M41T66 Datasheet HTML 11Page - STMicroelectronics M41T66 Datasheet HTML 12Page - STMicroelectronics M41T66 Datasheet HTML 13Page - STMicroelectronics M41T66 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Operation
M41T66
10/33
Figure 6.
Acknowledgement sequence
2.2
READ mode
In this mode the master reads the M41T66 slave after setting the slave address (see
Figure 8 on page 11). Following the WRITE mode control bit (R/W=0) and the acknowledge
bit, the word address 'An' is written to the on-chip address pointer. Next the START condition
and slave address are repeated followed by the READ mode control bit (R/W=1). At this
point the master transmitter becomes the master receiver. The data byte which was
addressed will be transmitted and the master receiver will send an acknowledge bit to the
slave transmitter. The address pointer is only incremented on reception of an acknowledge
clock. The M41T66 slave transmitter will now place the data byte at address An+1 on the
bus, the master receiver reads and acknowledges the new byte and the address pointer is
incremented to “An+2.”
This cycle of reading consecutive addresses will continue until the master receiver sends a
STOP condition to the slave transmitter.
The system-to-user transfer of clock data will be halted whenever the address being read is
a clock address (00h to 07h). The update will resume due to a stop condition or when the
pointer increments to any non-clock address (08h-0Fh).
Note:
This is true both in READ mode and WRITE mode.
An alternate READ mode may also be implemented whereby the master reads the M41T66
slave without first writing to the (volatile) address pointer. The first address that is read is the
last one stored in the pointer (see Figure 9 on page 11).


Similar Part No. - M41T66

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T66 STMICROELECTRONICS-M41T66_11 Datasheet
417Kb / 34P
   Serial real-time clock with alarms
More results

Similar Description - M41T66

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T62 STMICROELECTRONICS-M41T62 Datasheet
670Kb / 33P
   Serial Access Real-Time Clock with Alarms
M41T81S STMICROELECTRONICS-M41T81S_07 Datasheet
282Kb / 31P
   Serial access real-time clock with alarms
M41T81S STMICROELECTRONICS-M41T81S Datasheet
438Kb / 29P
   Serial Access Real-Time Clock with Alarms
M41T62 STMICROELECTRONICS-M41T62_06 Datasheet
314Kb / 40P
   Serial Access Real-Time Clock with Alarms
M41T81 STMICROELECTRONICS-M41T81 Datasheet
389Kb / 27P
   Serial Access Real-Time Clock with Alarms
M41T81S STMICROELECTRONICS-M41T81S_12 Datasheet
507Kb / 32P
   Serial access real-time clock (RTC) with alarms
M41T50 STMICROELECTRONICS-M41T50 Datasheet
288Kb / 23P
   Serial Access Digital Input Real-Time Clock with Alarms
M41T66 STMICROELECTRONICS-M41T66_11 Datasheet
417Kb / 34P
   Serial real-time clock with alarms
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
   Serial access real-time clock
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
   Serial access real-time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com