Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T128V-70PM1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48T128V-70PM1
Description  5.0 or 3.3 V, 1 Mbit (128 Kb x 8) TIMEKEEPER짰 SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T128V-70PM1 Datasheet(HTML) 1 Page - STMicroelectronics

  M48T128V-70PM1 Datasheet HTML 1Page - STMicroelectronics M48T128V-70PM1 Datasheet HTML 2Page - STMicroelectronics M48T128V-70PM1 Datasheet HTML 3Page - STMicroelectronics M48T128V-70PM1 Datasheet HTML 4Page - STMicroelectronics M48T128V-70PM1 Datasheet HTML 5Page - STMicroelectronics M48T128V-70PM1 Datasheet HTML 6Page - STMicroelectronics M48T128V-70PM1 Datasheet HTML 7Page - STMicroelectronics M48T128V-70PM1 Datasheet HTML 8Page - STMicroelectronics M48T128V-70PM1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
June 2010
Doc ID 5746 Rev 6
1/23
1
M48T128Y
M48T128V
5.0 or 3.3 V, 1 Mbit (128 Kb x 8) TIMEKEEPER® SRAM
Features
Integrated, ultra low power SRAM, real-time
clock, power-fail control circuit, battery, and
crystal
BCD coded year, month, day, date, hours,
minutes, and seconds
Automatic power-fail chip deselect and WRITE
protection
WRITE protect voltages
(VPFD = power-fail deselect voltage):
–M48T128Y: VCC = 4.5 to 5.5 V
4.1 V
≤ VPFD ≤ 4.5 V
–M48T128V: VCC = 3.0 to 3.6 V
2.7 V
≤ VPFD ≤ 3.0 V
(contact the ST sales office for availability)
Conventional SRAM operation; unlimited
WRITE cycles
Software-controlled clock calibration for high
accuracy applications
10 years of data retention and clock operation
in the absence of power
Self-contained battery and crystal in the DIP
package
Pin and function compatible with JEDEC
standard 128 K x 8 SRAMs
RoHS compliant
– Lead-free second level interconnect
32
1
PMDIP32 module (PM)
www.st.com


Similar Part No. - M48T128V-70PM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T128V-70PM1 STMICROELECTRONICS-M48T128V-70PM1 Datasheet
340Kb / 22P
   3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
M48T128V-70PM1TR STMICROELECTRONICS-M48T128V-70PM1TR Datasheet
340Kb / 22P
   3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
More results

Similar Description - M48T128V-70PM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T129Y STMICROELECTRONICS-M48T129Y_10 Datasheet
445Kb / 28P
   5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER짰 SRAM
M48Z129Y STMICROELECTRONICS-M48Z129Y_10 Datasheet
324Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kb x 8) ZEROPOWER짰 SRAM
M48T512Y STMICROELECTRONICS-M48T512Y_10 Datasheet
376Kb / 23P
   5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
M48Z128 STMICROELECTRONICS-M48Z128_10 Datasheet
339Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER짰 SRAM
M48T58Y STMICROELECTRONICS-M48T58Y_11 Datasheet
495Kb / 33P
   5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 8
M48T59 STMICROELECTRONICS-M48T59_08 Datasheet
378Kb / 32P
   5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
M48T58 STMICROELECTRONICS-M48T58_11 Datasheet
495Kb / 33P
   5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 8
M48T58 STMICROELECTRONICS-M48T58_10 Datasheet
517Kb / 33P
   5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
M48T37Y STMICROELECTRONICS-M48T37Y_10 Datasheet
521Kb / 30P
   5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
M48T02 STMICROELECTRONICS-M48T02_10 Datasheet
395Kb / 25P
   5.0 V, 16 Kbit (2 Kb x 8) TIMEKEEPER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com