Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T201Y Datasheet(PDF) 8 Page - STMicroelectronics

Part # M48T201Y
Description  5.0 or 3.3 V TIMEKEEPER짰 supervisor
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201Y Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M48T201Y_09 Datasheet HTML 4Page - STMicroelectronics M48T201Y_09 Datasheet HTML 5Page - STMicroelectronics M48T201Y_09 Datasheet HTML 6Page - STMicroelectronics M48T201Y_09 Datasheet HTML 7Page - STMicroelectronics M48T201Y_09 Datasheet HTML 8Page - STMicroelectronics M48T201Y_09 Datasheet HTML 9Page - STMicroelectronics M48T201Y_09 Datasheet HTML 10Page - STMicroelectronics M48T201Y_09 Datasheet HTML 11Page - STMicroelectronics M48T201Y_09 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Description
M48T201Y, M48T201V
8/37
Figure 2.
SOIC connections
A1
A0
NC
A4
RST
WDI
A2
A3
A9
A10
A11
G
DQ7
A17
IRQ/FT
NC
E
DQ6
DQ1
DQ3
VSS
DQ4
A13
VOUT
A12
A5
A14
VCC
A6
AI02241
M48T201Y
M48T201V
8
2
3
4
5
6
7
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
20
19
18
17
GCON
DQ0
A18
A16
SQW
NC
44
39
38
37
36
35
34
33
A15
A8
DQ2
21
DQ5
40
43
1
42
41
A7
W
RSTIN2
RSTIN1
ECON


Similar Part No. - M48T201Y_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T201Y STMICROELECTRONICS-M48T201Y_07 Datasheet
318Kb / 35P
   5.0 or 3.3V TIMEKEEPER짰 supervisor
More results

Similar Description - M48T201Y_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T201Y STMICROELECTRONICS-M48T201Y_07 Datasheet
318Kb / 35P
   5.0 or 3.3V TIMEKEEPER짰 supervisor
M48T512Y STMICROELECTRONICS-M48T512Y_10 Datasheet
376Kb / 23P
   5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
M48T129Y STMICROELECTRONICS-M48T129Y_10 Datasheet
445Kb / 28P
   5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER짰 SRAM
M48T37Y STMICROELECTRONICS-M48T37Y_10 Datasheet
521Kb / 30P
   5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
M48T59 STMICROELECTRONICS-M48T59_08 Datasheet
378Kb / 32P
   5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
M48T128Y STMICROELECTRONICS-M48T128Y_10 Datasheet
364Kb / 23P
   5.0 or 3.3 V, 1 Mbit (128 Kb x 8) TIMEKEEPER짰 SRAM
logo
Rohm
BD4XXM5-C ROHM-BD4XXM5-C Datasheet
1Mb / 39P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
22.Feb.2017 Rev.006
BD450M5FP-CE2 ROHM-BD450M5FP-CE2 Datasheet
1Mb / 40P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
BD4XXM2-C ROHM-BD4XXM2-C Datasheet
1Mb / 37P
   200-mA 3.3-V or 5.0-V Output LDO Regulators
30.July.2021 Rev.005
BD433M2WFP3-C ROHM-BD433M2WFP3-C Datasheet
1Mb / 37P
   200-mA 3.3-V or 5.0-V Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com