Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T201Y-80MH1 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M48T201Y-80MH1
Description  5.0 or 3.3 V TIMEKEEPER짰 supervisor
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201Y-80MH1 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M48T201Y-80MH1 Datasheet HTML 6Page - STMicroelectronics M48T201Y-80MH1 Datasheet HTML 7Page - STMicroelectronics M48T201Y-80MH1 Datasheet HTML 8Page - STMicroelectronics M48T201Y-80MH1 Datasheet HTML 9Page - STMicroelectronics M48T201Y-80MH1 Datasheet HTML 10Page - STMicroelectronics M48T201Y-80MH1 Datasheet HTML 11Page - STMicroelectronics M48T201Y-80MH1 Datasheet HTML 12Page - STMicroelectronics M48T201Y-80MH1 Datasheet HTML 13Page - STMicroelectronics M48T201Y-80MH1 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Operation
M48T201Y, M48T201V
10/37
2
Operation
Automatic backup and write protection for an external SRAM is provided through VOUT,
ECON, and GCON pins. (Users are urged to insure that voltage specifications, for both the
supervisor chip and external SRAM chosen, are similar.) The SNAPHAT® containing the
lithium energy source is used to retain the RTC and RAM data in the absence of VCC power
through the VOUT pin. The chip enable output to RAM (ECON) and the output enable output
to RAM (GCON) are controlled during power transients to prevent data corruption. The date
is automatically adjusted for months with less than 31 days and corrects for leap years (valid
until 2100). The internal watchdog timer provides programmable alarm windows.
The nine clock bytes (7FFFFh-7FFF9h and 7FFF1h) are not the actual clock counters, they
are memory locations consisting of BiPORT™ READ/WRITE memory cells within the static
RAM array. Clock circuitry updates the clock bytes with current information once per second.
The information can be accessed by the user in the same manner as any other location in
the static memory array. Byte 7FFF8h is the clock control register. This byte controls user
access to the clock information and also stores the clock calibration setting.
Byte 7FFF7h contains the watchdog timer setting. The watchdog timer can generate either a
reset or an interrupt, depending on the state of the watchdog steering bit (WDS). Bytes
7FFF6h-7FFF2h include bits that, when programmed, provide for clock alarm functionality.
Alarms are activated when the register content matches the month, date, hours, minutes,
and seconds of the clock registers. Byte 7FFF1h contains century information. Byte 7FFF0h
contains additional flag information pertaining to the watchdog timer, the alarm condition,
the battery status and square wave output operation. 4 bits are included within this register
(RS0-RS3) that are used to program the square wave output frequency (see Table 7 on
page 21). The M48T201Y/V also has its own power-fail detect circuit. This control circuitry
constantly monitors the supply voltage for an out of tolerance condition. When VCC is out of
tolerance, the circuit write protects the TIMEKEEPER® register data and external SRAM,
providing data security in the midst of unpredictable system operation. As VCC falls below
the battery backup switchover voltage (VSO), the control circuitry automatically switches to
the battery, maintaining data and clock operation until valid power is restored.
2.1
Address decoding
The M48T201Y/V accommodates 19 address lines (A0-A18) which allow direct connection
of up to 512 K bytes of static RAM. Regardless of SRAM density used, timekeeping,
watchdog, alarm, century, flag, and control registers are located in the upper RAM locations.
All TIMEKEEPER registers reside in the upper RAM locations without conflict by inhibiting
the GCON (output enable RAM) signal during clock access. The RAM's physical locations
are transparent to the user and the memory map looks continuous from the first clock
address to the upper most attached RAM addresses.


Similar Part No. - M48T201Y-80MH1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T201Y-85MH1 STMICROELECTRONICS-M48T201Y-85MH1 Datasheet
477Kb / 33P
   3.3V-5V TIMEKEEPER CONTROLLER
M48T201Y-85MH1 STMICROELECTRONICS-M48T201Y-85MH1 Datasheet
318Kb / 35P
   5.0 or 3.3V TIMEKEEPER짰 supervisor
M48T201Y-85MH1TR STMICROELECTRONICS-M48T201Y-85MH1TR Datasheet
477Kb / 33P
   3.3V-5V TIMEKEEPER CONTROLLER
M48T201Y-85MH1TR STMICROELECTRONICS-M48T201Y-85MH1TR Datasheet
318Kb / 35P
   5.0 or 3.3V TIMEKEEPER짰 supervisor
More results

Similar Description - M48T201Y-80MH1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T201Y STMICROELECTRONICS-M48T201Y_07 Datasheet
318Kb / 35P
   5.0 or 3.3V TIMEKEEPER짰 supervisor
M48T512Y STMICROELECTRONICS-M48T512Y_10 Datasheet
376Kb / 23P
   5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
M48T129Y STMICROELECTRONICS-M48T129Y_10 Datasheet
445Kb / 28P
   5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER짰 SRAM
M48T37Y STMICROELECTRONICS-M48T37Y_10 Datasheet
521Kb / 30P
   5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
M48T59 STMICROELECTRONICS-M48T59_08 Datasheet
378Kb / 32P
   5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
M48T128Y STMICROELECTRONICS-M48T128Y_10 Datasheet
364Kb / 23P
   5.0 or 3.3 V, 1 Mbit (128 Kb x 8) TIMEKEEPER짰 SRAM
logo
Rohm
BD4XXM5-C ROHM-BD4XXM5-C Datasheet
1Mb / 39P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
22.Feb.2017 Rev.006
BD450M5FP-CE2 ROHM-BD450M5FP-CE2 Datasheet
1Mb / 40P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
BD4XXM2-C ROHM-BD4XXM2-C Datasheet
1Mb / 37P
   200-mA 3.3-V or 5.0-V Output LDO Regulators
30.July.2021 Rev.005
BD433M2WFP3-C ROHM-BD433M2WFP3-C Datasheet
1Mb / 37P
   200-mA 3.3-V or 5.0-V Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com